Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6550MM Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH6550MM
Description  Differential, High-Speed Operational Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6550MM Datasheet(HTML) 4 Page - Texas Instruments

  LMH6550MM Datasheet HTML 1Page - Texas Instruments LMH6550MM Datasheet HTML 2Page - Texas Instruments LMH6550MM Datasheet HTML 3Page - Texas Instruments LMH6550MM Datasheet HTML 4Page - Texas Instruments LMH6550MM Datasheet HTML 5Page - Texas Instruments LMH6550MM Datasheet HTML 6Page - Texas Instruments LMH6550MM Datasheet HTML 7Page - Texas Instruments LMH6550MM Datasheet HTML 8Page - Texas Instruments LMH6550MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LMH6550
SNOSAK0I – DECEMBER 2004 – REVISED JANUARY 2015
www.ti.com
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Operating Temperature
−40
85
°C
Total Supply Voltage
4.5
12
V
7.4 Thermal Information
LMH6550
THERMAL METRIC(1)
D
DGK
UNIT
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance (2)
150
235
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA and TA. The maximum allowable power dissipation at any ambient
temperature is P D= (TJ(MAX) — TA)/ θJA. All numbers apply for package soldered directly into a 2 layer PC board with zero air flow.
7.5 Electrical Characteristics: ±5 V
(1)
Single-ended in differential out, TA = 25°C, VS = ±5 V, VCM = 0 V, RF = RG = 365 Ω, RL = 500 Ω; unless specified.
PARAMETER
TEST CONDITIONS
MIN (2)
TYP (3)
MAX (2)
UNIT
AC PERFORMANCE (DIFFERENTIAL)
SSBW
Small Signal
−3 dB Bandwidth
VOUT = 0.5 VPP
400
MHz
LSBW
Large Signal
−3 dB Bandwidth
VOUT = 2 VPP
380
MHz
Large Signal
−3 dB Bandwidth
VOUT = 4 VPP
320
MHz
0.1 dB Bandwidth
VOUT = 0.5 VPP
90
MHz
Slew Rate
4-V Step (4)
2000
3000
V/
μs
Rise/Fall Time
2-V Step
1
ns
Settling Time
2-V Step, 0.1%
8
ns
VCM PIN AC PERFORMANCE (COMMON-MODE FEEDBACK AMPLIFIER)
Common-Mode Small Signal
VCM Bypass Capacitor Removed
210
MHz
Bandwidth
Slew Rate
VCM Bypass Capacitor Removed
200
V/µs
DISTORTION AND NOISE RESPONSE
HD2
2nd Harmonic Distortion
VO = 2 VPP, f = 5 MHz, RL = 800 Ω
−92
VO = 2 VPP, f = 20 MHz, RL = 800 Ω
−78
dBc
VO = 2 VPP, f = 70 MHz, RL = 800 Ω
−59
HD3
3rd Harmonic Distortion
VO = 2 VPP, f = 5 MHz, RL = 800 Ω
−103
VO = 2 VPP, f = 20 MHz, RL = 800 Ω
−88
dBc
VO = 2 VPP, f = 70 MHz, RL = 800 Ω
−50
en
Input Referred Voltage Noise
f
≥ 1 MHz
6.0
nV/
√Hz
in
Input Referred Noise Current
f
≥ 1 MHz
1.5
pA/
√Hz
INPUT CHARACTERISTICS (DIFFERENTIAL)
VOSD
Input Offset Voltage
Differential Mode, VID =
1
±4
mV
0, VCM = 0
At extreme
±6
temperatures
Input Offset Voltage Average
(5)
1.6
µV/°C
Temperature Drift
IBI
Input Bias Current
(6)
0
-8
−16
µA
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are guaranteed through correlation using
Statistical Quality Control (SQC) methods.
(3)
Typical numbers are the most likely parametric norm.
(4)
Slew Rate is the average of the rising and falling edges.
(5)
Drift determined by dividing the change in parameter at temperature extremes by the total temperature change.
(6)
Negative input current implies current flowing out of the device.
4
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LMH6550


Similar Part No. - LMH6550MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6550MM NSC-LMH6550MM Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6550MMNOPB NSC-LMH6550MMNOPB Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
LMH6550MMX NSC-LMH6550MMX Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6550MMXNOPB NSC-LMH6550MMXNOPB Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
More results

Similar Description - LMH6550MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6165 NSC-LM6165 Datasheet
460Kb / 12P
   High Speed Operational Amplifier
LM715 NSC-LM715 Datasheet
208Kb / 8P
   High Speed Operational Amplifier
logo
Linear Technology
LT118A LINER-LT118A Datasheet
499Kb / 8P
   High Speed Operational Amplifier
LM318S8 LINER-LM318S8 Datasheet
100Kb / 2P
   High Speed Operational Amplifier
logo
National Semiconductor ...
LM6162 NSC-LM6162 Datasheet
219Kb / 12P
   High Speed Operational Amplifier
September 1995
logo
Linear Technology
LM118J8 LINER-LM118J8 Datasheet
507Kb / 8P
   High Speed Operational Amplifier
logo
National Semiconductor ...
LH4161A NSC-LH4161A Datasheet
198Kb / 6P
   High Speed Operational Amplifier
logo
Anaren Microwave
MSK0024 ANAREN-MSK0024 Datasheet
221Kb / 5P
   HIGH SPEED OPERATIONAL AMPLIFIER
logo
Analog Devices
AD505 AD-AD505_15 Datasheet
1Mb / 6P
   HIGH SPEED OPERATIONAL AMPLIFIER
logo
Linear Technology
LM318S8 LINER-LM318S8_15 Datasheet
112Kb / 2P
   HIGH SPEED OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com