Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6551 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6551
Description  Differential, High-Speed Op Amp
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6551 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6551 Datasheet HTML 4Page - Texas Instruments LMH6551 Datasheet HTML 5Page - Texas Instruments LMH6551 Datasheet HTML 6Page - Texas Instruments LMH6551 Datasheet HTML 7Page - Texas Instruments LMH6551 Datasheet HTML 8Page - Texas Instruments LMH6551 Datasheet HTML 9Page - Texas Instruments LMH6551 Datasheet HTML 10Page - Texas Instruments LMH6551 Datasheet HTML 11Page - Texas Instruments LMH6551 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LMH6551
SNOSAK7D – FEBRUARY 2005 – REVISED JANUARY 2015
www.ti.com
Electrical Characteristics: 3.3 V
(1) (continued)
Single-ended in differential out, TA= 25°C, G = +1, VS = 3.3 V, VCM = 1.65 V, RF = RG = 365 Ω, RL = 500 Ω; unless specified.
PARAMETER
TEST CONDITIONS
MIN (2)
TYP (3)
MAX (2)
UNIT
INPUT CHARACTERISTICS (DIFFERENTIAL)
VOSD
Input Offset Voltage
Differential Mode, VID = 0, VCM = 0
1
mV
Input Offset Voltage Average
1.6
µV/°C
Temperature Drift(5)
IBIAS
Input Bias Current(6)
−8
μA
Input Bias Current Average
9.5
nA/°C
Temperature Drift(5)
Input Bias Current Difference
Difference in Bias currents between the
0.3
µA
two inputs
CMRR
Common-Mode Rejection Ratio
DC, VID = 0 V
78
dBc
Input Resistance
Differential
5
M
Input Capacitance
Differential
1
pF
VICM
Input Common-Mode Range
CMRR > 53 dB
+1.5
+0.3
VCMPIN INPUT CHARACTERISTICS (COMMON-MODE FEEDBACK AMPLIFIER)
Input Offset Voltage
Common Mode, VID = 0
1
±5
mV
Input Offset Voltage Average
18.6
µV/°C
Temperature Drift
Input Bias Current
3
μA
VCM CMRR
VID = 0,
60
dB
1-V step on VCM pin, measure VOD
Input Resistance
VCM pin to ground
25
k
Common-Mode Gain
ΔVO,CM/ΔVCM
0.999
V/V
OUTPUT PERFORMANCE
VOUT
Output Voltage Swing
Single-Ended, Peak to Peak, VS= 3.3 V,
±0.75
±0.9
V
VCM= 1.65 V
IOUT
Linear Output Current
VOUT = 0-V Differential
±30
±40
mA
ISC
Output Short Circuit Current
Output Shorted to Ground
200
mA
VIN = 2-V Single-Ended
(7)
CMVR
Output Common-Mode Voltage
VID = 0, VCMpin = 1.2 V and 2.1 V
2.1
V
Range
1.2
Output Balance Error
ΔVOUTCommon Mode /ΔVOUTDIfferential,
−65
dB
VOUT = 1-Vpp Differential, f = 10 MHz
MISCELLANEOUS PERFORMANCE
Open Loop Gain
DC, Differential
70
dB
PSRR
Power Supply Rejection Ratio
DC,
ΔVS = ±0.5 V
75
dB
IS
Supply Current
RL = ∞
8
mA
(5)
Drift determined by dividing the change in parameter at temperature extremes by the total temperature change.
(6)
Negative input current implies current flowing out of the device.
(7)
The maximum output current (IOUT) is determined by device power dissipation limitations.
8
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LMH6551


Similar Part No. - LMH6551

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551 TI-LMH6551 Datasheet
1Mb / 28P
[Old version datasheet]   50 MHz 0.1 dB Bandwidth, 2400 V/關s Slew Rate, 18 ns Settling Time to 0.05%
logo
National Semiconductor ...
LMH6551MA NSC-LMH6551MA Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MA TI1-LMH6551MA Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
LMH6551MA/NOPB TI1-LMH6551MA/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
More results

Similar Description - LMH6551

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550 NSC-LMH6550_14 Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
LMH6551 NSC-LMH6551_14 Datasheet
1Mb / 28P
   LMH6551 Differential, High Speed Op Amp
LMH6551Q-Q1 NSC-LMH6551Q-Q1 Datasheet
1Mb / 25P
   LMH6551Q Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK0032 MSK-MSK0032 Datasheet
411Kb / 5P
   HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com