Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FD1506-A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FD1506-A
Description  Distinctive features and specifications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FD1506-A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FD1506-A Datasheet HTML 1Page - List of Unclassifed Manufacturers FD1506-A Datasheet HTML 2Page - List of Unclassifed Manufacturers FD1506-A Datasheet HTML 3Page - List of Unclassifed Manufacturers FD1506-A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
APEM
www.apem.com
FD series
Double icon illuminated pushbuttons - bushing Ø 24 or 26 mm - momentary or latching
Options
CONTACT MATERIALS
2
Silver
4
Silver, gold plated
ACTUATOR COLOR
8
Smoke black
BEZEL COLOR
2
Black
LED COLOR
F
Red/green
LED RESISTOR
0
No resistor supplied
1
12V resistor
2
24V resistor
SYMBOLS
3
START (green) / STOP (red)
with ring
4
ON (green) / OFF ( red)
with ring
5
I (green) / O ( red)
with ring
©
©
Flat


Similar Part No. - FD1506-A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FD1500AU-120DA MITSUBISHI-FD1500AU-120DA Datasheet
36Kb / 2P
   HIGH POWER, HIGH FREQUENCY PRESS PACK TYPE
FD1500AV-90 MITSUBISHI-FD1500AV-90 Datasheet
51Kb / 3P
   HIGH POWER, HIGH FREQUENCY, PRESS PACK TYPE
FD1500BV-90DA MITSUBISHI-FD1500BV-90DA Datasheet
27Kb / 3P
   HIGH POWER, HIGH FREQUENCY, PRESS PACK TYPE
FD1500CV-90DA MITSUBISHI-FD1500CV-90DA Datasheet
35Kb / 2P
   HIGH POWER, HIGH FREQUENCY PRESS PACK TYPE
logo
List of Unclassifed Man...
FD1500W ETC1-FD1500W Datasheet
61Kb / 2P
   Large Area InGaAs PIN Photodiodes diameter of active area=1.5 mm
More results

Similar Description - FD1506-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DA04T ETC2-DA04T Datasheet
130Kb / 4P
   Distinctive features and specifications
VOY1511R2US ETC2-VOY1511R2US Datasheet
987Kb / 4P
   Distinctive features and specification
VOYC1511US ETC2-VOYC1511US Datasheet
930Kb / 4P
   Distinctive features and specification
22-03-2021 ETC1-22-03-2021 Datasheet
126Kb / 1P
   FEATURES AND SPECIFICATIONS
logo
Nihon Kaiheiki Industry...
FP0115CAC1BC-C2 NKK-FP0115CAC1BC-C2_16 Datasheet
176Kb / 4P
   Distinctive Characteristics
logo
List of Unclassifed Man...
AT413A ETC2-AT413A Datasheet
244Kb / 8P
   Distinctive Characteristics
logo
Nihon Kaiheiki Industry...
UB15SKW01N-A NKK-UB15SKW01N-A Datasheet
341Kb / 8P
   Distinctive Characteristics
logo
List of Unclassifed Man...
E2013 ETC2-E2013 Datasheet
165Kb / 6P
   Distinctive Characteristics
HB16CKW01 ETC1-HB16CKW01 Datasheet
259Kb / 6P
   Distinctive Characteristics
logo
Silicon Laboratories
1611166 SILABS-1611166 Datasheet
67Kb / 2P
   Addition of AEC-Q100 under the key features and specifications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com