Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFRP-S287 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EFRP-S287
Description  280W ERP1U Redundant Power Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFRP-S287 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EFRP-S287 Datasheet HTML 1Page - List of Unclassifed Manufacturers EFRP-S287 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EFRP-S287
280W ERP1U Redundant Power Module
Features:
High Efficiency≥80%
280W with +12V, -12V and +5VSB Output
0~40℃ Working Temperature
Small Form Factor
General Specification
Input Range: 100 to 240 VAC, +/-10%
Power Factor: ≥0.95 minimum
Efficiency: ≥80% @ 115VAC
Hold Up Time: 18ms @ 80% Load
Short Circuit Protection
Over Current Protection
Over Voltage Protection
No load Operation
Over Temperature Protection
MTBF >100,000 Hours@25℃
Operating Temperature: 0 to 40 ℃
Operating Humidity: 20 to 90 %
EMI/RFI: CE, FCC class B
Safety: UL, CB, TUV, CCC, BSMI
Input and Output Characteristics
Input
Output
Voltage
Frequency
Current
Load
+12V
-12V
+5VSB
100~240 VAC
47~63Hz
4~2A
Max.Load
22A
0.5A
2A
Min.Load
0.8A
0A
0A
Note:1: The total outputs shall not exceed 280W.
2: Noise bandwidth is from DC to 20 MHz
Ripple and Noise
Output
+12V
-12V
5Vsb
Load Regulation
± 5%
± 5%
± 5%
Line Regulation
± 1%
± 1%
± 1%
Ripple & Noise
120mV
120mV
60mV


Similar Part No. - EFRP-S287

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFRP-S2803 ETC2-EFRP-S2803 Datasheet
414Kb / 2P
   ERP2U 800W Server Power Supply
More results

Similar Description - EFRP-S287

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFRP-307 ETC2-EFRP-307 Datasheet
303Kb / 2P
   300W ERP1U Redundant Power Module
TFRK-G356 ETC2-TFRK-G356 Datasheet
341Kb / 2P
   350W ERP1U Redundant Power Module
EFRP-S507 ETC2-EFRP-S507 Datasheet
286Kb / 2P
   500W ERP1U Redundant Power Module
EFRP-S657 ETC2-EFRP-S657 Datasheet
268Kb / 2P
   650W ERP1U REDUNDANT POWER MODULE
EFRP-S407 ETC2-EFRP-S407 Datasheet
279Kb / 2P
   400W ERP1U Redundant Power Module
EFRP-G657 ETC2-EFRP-G657 Datasheet
449Kb / 2P
   650W ERP1U Redundant Power Module
EFRP-G507 ETC2-EFRP-G507 Datasheet
451Kb / 2P
   500W ERP1U Redundant Power Module
EFRP-S207 ETC2-EFRP-S207 Datasheet
428Kb / 2P
   200W ERP1U Redundant Power
EFRP-S2287HPM ETC2-EFRP-S2287HPM Datasheet
399Kb / 2P
   1U 280W Redundant Network Power
EFRD-S657 ETC2-EFRD-S657 Datasheet
313Kb / 2P
   650W DC To DC ERP1U Redundant Power Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com