Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN103SFN2G Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # MN103SFN2G
Description  32-bit Single-chip Microcontroller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN103SFN2G Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button MN103SFN2G Datasheet HTML 3Page - Panasonic Semiconductor MN103SFN2G Datasheet HTML 4Page - Panasonic Semiconductor MN103SFN2G Datasheet HTML 5Page - Panasonic Semiconductor MN103SFN2G Datasheet HTML 6Page - Panasonic Semiconductor MN103SFN2G Datasheet HTML 7Page - Panasonic Semiconductor MN103SFN2G Datasheet HTML 8Page - Panasonic Semiconductor MN103SFN2G Datasheet HTML 9Page - Panasonic Semiconductor MN103SFN2G Datasheet HTML 10Page - Panasonic Semiconductor MN103SFN2G Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Ver. DEM
MN103SJ7/N0/N1/N2/N4/N5/N6 Series
7
Features (continued)
Serial Interface 3 channels
Serial 0 (Full duplex UART / Synchronous serial interface)
Synchronous serial interface
Overrun error detection
Transfer clock source:
1/2, 1/4, 1/16 and 1/64 of timer 0 underflow,
1/2, 1/4, 1/16 and 1/64 of timer 1 underflow,
1/2, 1/4, 1/16 and 1/64 of timer 2 underflow,
1/2, 1/4, 1/16 and 1/64 of timer 3 underflow,
IOCLK/2, IOCLK/4, SBT0 pin
Can be selected as the first bit to be transferred, Any transfer size from 2 to 8 bits can be selected.
Can be continuously transmitted, received or transmitted and received.
Maximum transfer rate: 5.0 Mbps
Full duplex UART
Parity check, Overrun and flaming error detection
Transfer clock source:
1/16, 1/32, 1/64, 1/128, 1/256, 1/512 and 1/1024 of timer 0 underflow,
1/16, 1/32, 1/64, 1/128, 1/256, 1/512 and 1/1024 of timer 1 underflow,
1/16, 1/32, 1/64, 1/128, 1/256, 1/512 and 1/1024 of timer 2 underflow,
1/16, 1/32, 1/64, 1/128, 1/256, 1/512 and 1/1024 of timer 3 underflow,
IOCLK/16, IOCLK/32, IOCLK/64
Can be selected as the first bit to be transferred, Any transfer size from 7 to 8 bits can be selected.
Continuous transmission, reception, and transmission/reception
Maximum transfer rate: 300 kbps
Serial 1 (Full duplex UART / Synchronous serial interface)
Synchronous serial interface
Overrun error detection
Transfer clock source:
1/2, 1/4, 1/16 and 1/64 of timer 0 underflow,
1/2, 1/4, 1/16 and 1/64 of timer 1 underflow,
1/2, 1/4, 1/16 and 1/64 of timer 2 underflow,
1/2, 1/4, 1/16 and 1/64 of timer 3 underflow,
IOCLK/2, IOCLK/4, SBT1 pin
Can be selected as the first bit to be transferred, Any transfer size from 2 to 8 bits can be selected.
Continuous transmission, reception, and transmission/reception
Maximum transfer rate: 5.0 Mbps
Full duplex UART
Parity check, Overrun and flaming error detection
Transfer clock source:
1/16, 1/32, 1/64, 1/128, 1/256, 1/512 and 1/1024 of timer 0 underflow,
1/16, 1/32, 1/64, 1/128, 1/256, 1/512 and 1/1024 of timer 1 underflow,
1/16, 1/32, 1/64, 1/128, 1/256, 1/512 and 1/1024 of timer 2 underflow,
1/16, 1/32, 1/64, 1/128, 1/256, 1/512 and 1/1024 of timer 3 underflow,
IOCLK/16, IOCLK/32, IOCLK/64
Can be selected as the first bit to be transferred, Any transfer size from 7 to 8 bits can be selected.
Continuous transmission, reception, and transmission/reception
Maximum transfer rate: 300 kbps


Similar Part No. - MN103SFN2G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN103SF65GAL PANASONIC-MN103SF65GAL Datasheet
123Kb / 3P
   5V single power supply (regulator)
MN103SF65GBF PANASONIC-MN103SF65GBF Datasheet
123Kb / 3P
   5V single power supply (regulator)
MN103SF92GBL PANASONIC-MN103SF92GBL Datasheet
117Kb / 3P
   MICROCOMPUTER LSI
MN103SFB9R PANASONIC-MN103SFB9R Datasheet
121Kb / 2P
   MN103SB9N
MN103SFB9R PANASONIC-MN103SFB9R Datasheet
338Kb / 3P
   Multiply and accumulate arithmetic. Multiplication. Saturated arithmetic
More results

Similar Description - MN103SFN2G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com