Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGA60U09-P1J Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SGA60U09-P1J
Description  60W AC-DC High Reliability Slim Wall-mounted Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SGA60U09-P1J Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SGA60U09-P1J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SGA60U09-P1J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SGA60U09-P1J Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
60W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA60U series
■ Features
■ Applications
■ Model Encoding
-
U05
SGA
P1J
60
Series name
Output wattage
US 2 pin AC plug
Output voltage
DC plug type
■ Description
File Name:SGA60U-SPEC 2015-06-03
Ultra slim
Universal AC input / Full range
2 pole USA plug
No load power consumption< 0.075W for 5~7.5V
<0.15W for 9 ~48V
Energy efficiency Level Ⅵ
Comply with EISA 2007/DoE
Class
power (without earth pin)
Protections: Short circuit / Overload / Over voltage
Fully enclosed plastic case
Pass LPS
LED indicator for power on
3 years warranty
Consumer electronic devices
Telecommunication devices
Office facilities
Industrial equipments
SGA60U is a 60W ultra slim wall-mounted style single-output green adaptor series, which is compact and
convenient for carry. SGA60U is a class
power unit (without FG) equipped with the standard 2-Pin U.S.
plug, accepting the input range from 90VAC to 264VAC. The whole series provides different models with
output voltages ranging between 5VDC and 48VDC that it can satisfy the demands for various types of
consumer electronic devices.
With the efficiency up to 91% and the extremely low no-load power consumption below 0.075W for 5~7.5V,
below 0.15W for 9 ~48V, SGA60U is compliant with the latest U.S. energy regulation EISA 2007/DoE(Level ).
The supreme feature allows the adaptor to save the energy when it is under either the operating mode or
the standby mode. The entire series is approved for international safety regulations; moreover, it adopts
the 94V-0 flame retardant plastic case that it can effectively prevent users from electric hazards.
C+ tuning fork type
P1J: Plug for standard model, 2.1
5 5
11mm,
ψ×
ψ×
.
Optional plug type available per request
{


Similar Part No. - SGA60U09-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SGA60E MEANWELL-SGA60E Datasheet
88Kb / 3P
   60W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA60E05-P1J MEANWELL-SGA60E05-P1J Datasheet
88Kb / 3P
   60W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA60E07-P1J MEANWELL-SGA60E07-P1J Datasheet
88Kb / 3P
   60W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA60E09-P1J MEANWELL-SGA60E09-P1J Datasheet
88Kb / 3P
   60W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA60E12-P1J MEANWELL-SGA60E12-P1J Datasheet
88Kb / 3P
   60W AC-DC High Reliability Slim Wall-mounted Adaptor
More results

Similar Description - SGA60U09-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SGA60E MEANWELL-SGA60E Datasheet
88Kb / 3P
   60W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA12E MEANWELL-SGA12E Datasheet
103Kb / 3P
   12W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA25E MEANWELL-SGA25E Datasheet
85Kb / 3P
   25W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA40E MEANWELL-SGA40E Datasheet
84Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA40U MEANWELL-SGA40U Datasheet
71Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA12U MEANWELL-SGA12U Datasheet
94Kb / 3P
   12W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA18U MEANWELL-SGA18U Datasheet
75Kb / 3P
   18W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA18E MEANWELL-SGA18E Datasheet
87Kb / 3P
   18W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA25U MEANWELL-SGA25U Datasheet
74Kb / 3P
   25W AC-DC High Reliability Slim Wall-mounted Adaptor
GSM60E MEANWELL-GSM60E Datasheet
483Kb / 5P
   60W AC-DC Reliable Green Slim Wall-mounted Medical Adaptor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com