Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN103LF66 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # MN103LF66
Description  32-bit Single-chip Microcontroller
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN103LF66 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  MN103LF66 Datasheet HTML 1Page - Panasonic Semiconductor MN103LF66 Datasheet HTML 2Page - Panasonic Semiconductor MN103LF66 Datasheet HTML 3Page - Panasonic Semiconductor MN103LF66 Datasheet HTML 4Page - Panasonic Semiconductor MN103LF66 Datasheet HTML 5Page - Panasonic Semiconductor MN103LF66 Datasheet HTML 6Page - Panasonic Semiconductor MN103LF66 Datasheet HTML 7Page - Panasonic Semiconductor MN103LF66 Datasheet HTML 8Page - Panasonic Semiconductor MN103LF66 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 102 page
background image
MN103LF66/67/68/69/70/71/72/73/74/75/76/77/78/79 Series
32-bit Single-chip Microcontroller
Publication date: November 2015
5
PubNo. 2347901-012E
Internal operation clock: 6 types
CPU clock (clkcpu)
Frequency
: 48 MHz (Max)
Clock source
: clkplldiv, clkosc, clkrc, clkx
Clock dividing
: 1, 2, 4, 8, 16, 32, 64 divided of clock source
Peripheral bus clock (clkbus)
Frequency
: 24 MHz (Max)
Clock source
: clkplldiv, clkosc, clkrc, clkx
Clock dividing
: 2, 4, 8, 16, 32, 64, 128 divided of clock source
(This setting is independent from the dividing clock setting of clkcpu.
Set the frequency of clkbus to less than clkcpu.)
Peripheral high-speed clock (clksp)
Frequency
: 24 MHz (Max)
Clock source
: clkrc, clkosc, clkplldiv
Clock dividing
: 1, 2, 4, 8, 16 divided of clock source
High-speed oscillation clock (clkoscsel)
Frequency
: 22 MHz (Max)
Clock source
: clkrc, clkosc
Internal low-speed oscillation clock (clkrcx)
Frequency
: 33 kHz (Max)
Low-speed oscillation clock (clksx)
Frequency
: 39.0625 kHz (Max)
Clock source
: clkrcx, clkxsel
External bus interface
Bus area : 2 MB
 2 banks
Data bus : 8/ 16 bits


Similar Part No. - MN103LF66

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN103LF08K PANASONIC-MN103LF08K Datasheet
489Kb / 8P
   32-bit Single-chip Microcontroller
More results

Similar Description - MN103LF66

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
   32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com