Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN101EFA2G Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # MN101EFA2G
Description  8-bit Single-chip Microcontroller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN101EFA2G Datasheet(HTML) 5 Page - Panasonic Semiconductor

  MN101EFA2G Datasheet HTML 1Page - Panasonic Semiconductor MN101EFA2G Datasheet HTML 2Page - Panasonic Semiconductor MN101EFA2G Datasheet HTML 3Page - Panasonic Semiconductor MN101EFA2G Datasheet HTML 4Page - Panasonic Semiconductor MN101EFA2G Datasheet HTML 5Page - Panasonic Semiconductor MN101EFA2G Datasheet HTML 6Page - Panasonic Semiconductor MN101EFA2G Datasheet HTML 7Page - Panasonic Semiconductor MN101EFA2G Datasheet HTML 8Page - Panasonic Semiconductor MN101EFA2G Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
MN101EFA8/A7/A3/A2/G0 Series
8-bit Single-chip Microcontroller
Publication date: November 2014
5
PubNo. 216A8-015E
<A/D interrupt>
- A/D conversion interrupt
<External interrupts>
- IRQ0: Edge selectable, noise filter connection available
- IRQ1: Edge selectable, noise filter connection available
- IRQ2: Edge selectable, noise filter connection available, both edges interrupt
- IRQ3: Edge selectable, noise filter connection available, both edges interrupt
- IRQ4: Edge selectable, noise filter connection available, both edges interrupt, Key scan interrupt
<Touch Detect interrupts>
- Touch 0 detect interrupt
- Touch 0 detect error interrupt
- Touch 0 round interrupt
- Touch 0 data transmission interrupt
(MN101EFA3/A2/G0 Series don't have this function)
- Touch 1 detect interrupt
- Touch 1 detect error interrupt
- Touch 1 round interrupt
- Touch 1 data transmission interrupt
(MN101EFA7/A3/A2/G0 Series don't have this function)
- Timer Counter: 10 timers
- 8-bit timer for general use
 4 sets
- 16-bit timer for general use
 2 sets
- Motor control 16-bit timer
 1 set
- 8-bit free-run timer
 1 set
- Time base timer
 1 set
- Baud rate timer
 1 set
Timer 0 (8-bit timer for general use)
- Square wave output (Timer pulse output)
- Added pulse (2-bit) type PWM output can be output to large current pin TM0IOA
- Event count
- Simple pulse measurement
- Clock source
fpll-div, fpll-div/4, fpll-div/16, fpll-div/32, fpll-div/64, fpll-div/128, fs/2, fs/4, fs/8,
fx, External clock, Timer A output
Timer 1 (8-bit timer for general use)
- Square wave output (Timer pulse output) can be output to large current pin TM1IOA
- Event count
- 16-bit cascade connected (with Timer 0)
- Clock source
fpll-div, fpll-div/4, fpll-div/16, fpll-div/32, fpll-div/64, fpll-div/128, fs/2, fs/4, fs/8,
fx, External clock, Timer A output


Similar Part No. - MN101EFA2G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN101EFA0A PANASONIC-MN101EFA0A Datasheet
818Kb / 33P
   8-bit Single-chip Microcontroller
MN101EFA1A PANASONIC-MN101EFA1A Datasheet
818Kb / 33P
   8-bit Single-chip Microcontroller
MN101EFA5A PANASONIC-MN101EFA5A Datasheet
818Kb / 33P
   8-bit Single-chip Microcontroller
MN101EFA6 PANASONIC-MN101EFA6 Datasheet
818Kb / 33P
   8-bit Single-chip Microcontroller
MN101EFA6A PANASONIC-MN101EFA6A Datasheet
818Kb / 33P
   8-bit Single-chip Microcontroller
More results

Similar Description - MN101EFA2G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com