Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXD0B Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # TXD0B
Description  8-bit Single-chip Microcontroller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TXD0B Datasheet(HTML) 3 Page - Panasonic Semiconductor

  TXD0B Datasheet HTML 1Page - Panasonic Semiconductor TXD0B Datasheet HTML 2Page - Panasonic Semiconductor TXD0B Datasheet HTML 3Page - Panasonic Semiconductor TXD0B Datasheet HTML 4Page - Panasonic Semiconductor TXD0B Datasheet HTML 5Page - Panasonic Semiconductor TXD0B Datasheet HTML 6Page - Panasonic Semiconductor TXD0B Datasheet HTML 7Page - Panasonic Semiconductor TXD0B Datasheet HTML 8Page - Panasonic Semiconductor TXD0B Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
MN101EF93G
8-bit Single-chip Microcontroller
Publication date: February 2015
3
PubNo. 21693-013E
- Operating Voltage: 4.0 V to 5.5 V
- Operation ambient temperature: -40
C to +85 C
- Interrupt: 25 levels
<Non-maskable interrupt>
- Non-maskable interrupt and Watchdog timer overflow interrupt
<Timer interrupts>
- Timer 0 interrupt
- Timer 1 interrupt
- Timer 2 interrupt
- Timer 3 interrupt
- Timer 6 interrupt
- Time base timer interrupt
- Timer 7 interrupt
- Timer 7 compare register 2 match interrupt
- Timer 8 interrupt
- Timer 8 compare register 2 match interrupt
<Serial Interface interrupts>
- Serial interface 0 interrupt
- Serial interface 0 UART reception interrupt
- Serial interface 1 interrupt
- Serial interface 1 UART reception interrupt
- Serial interface 2 interrupt
- Serial interface 2 UART reception interrupt
- Serial interface 4 interrupt
- Serial interface 4 stop condition interrupt
<A/D interrupt>
- A/D conversion interrupt
<External interrupts>
- IRQ0: Edge selectable, noise filter connection available
- IRQ1: Edge selectable, noise filter connection available
- IRQ2: Edge selectable, noise filter connection available, both edges interrupt
- IRQ3: Edge selectable, noise filter connection available, both edges interrupt
- IRQ4: Edge selectable, noise filter connection available, both edges interrupt, Key scan interrupt
- Timer Counter: 9 timers
- 8-bit timer for general use
 4 sets
- 16-bit timer for general use
 2 sets
- 8-bit free-run timer
 1 set
- Time base timer
 1 set
- Baud rate timer
 1 set
Timer 0 (8-bit timer for general use)
- Square wave output (Timer pulse output)
- Added pulse (2-bit) type PWM output can be output to large current pin TM0IOA
- Event count
- Simple pulse measurement


Similar Part No. - TXD0B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TXD1 ETC-TXD1 Datasheet
99Kb / 3P
   433.92/868.35 MHz Hybrid Transmitter
logo
C&D Technologies
TXD1005KASLPLNH CANDD-TXD1005KASLPLNH Datasheet
161Kb / 4P
   1000 WATT AC/DC POWER SUPPLY
TXD1005LASLPLNH CANDD-TXD1005LASLPLNH Datasheet
161Kb / 4P
   1000 WATT AC/DC POWER SUPPLY
logo
Panasonic Semiconductor
TXD2-12V PANASONIC-TXD2-12V Datasheet
124Kb / 7P
   High Breakdown Voltage Relay Communications (xDSL)
TXD2-24V PANASONIC-TXD2-24V Datasheet
124Kb / 7P
   High Breakdown Voltage Relay Communications (xDSL)
More results

Similar Description - TXD0B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com