Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBT4B Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # SBT4B
Description  8-bit Single-chip Microcontroller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SBT4B Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button SBT4B Datasheet HTML 3Page - Panasonic Semiconductor SBT4B Datasheet HTML 4Page - Panasonic Semiconductor SBT4B Datasheet HTML 5Page - Panasonic Semiconductor SBT4B Datasheet HTML 6Page - Panasonic Semiconductor SBT4B Datasheet HTML 7Page - Panasonic Semiconductor SBT4B Datasheet HTML 8Page - Panasonic Semiconductor SBT4B Datasheet HTML 9Page - Panasonic Semiconductor SBT4B Datasheet HTML 10Page - Panasonic Semiconductor SBT4B Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
MN101EF93G
8-bit Single-chip Microcontroller
Publication date: February 2015
7
PubNo. 21693-013E
1.3
Pin Description
1.3.1
Pin configuration
Figure:1.3.1 Pin Configuration (80-pin LQFP)
LED0/TM0IOA/AN0/PA0
160
P73
LED1/TM1IOA/AN1/PA1
259
P72/SBT2
LED2/TM2IOA/AN2/PA2
358
P71/SBI2/RXD2
LED3/TM3IOA/AN3/PA3
4
57
P70/SBO2/TXD2
LED4/AN4/PA4
5
56
P67/SBT4A/SCL4A
LED5/TM7IOA/AN5/PA5
6
55
P66/SBO4A/SDA4A
LED6/TM8IOA/AN6/PA6
754
P65/SBI4A
LED7/AN7/PA7
853
P64
Vref+
952
P63/TM3IOA
MMOD
10
51
P62/TM1IOB
ATRST
11
50
P61
NRST/P27
12
49
P50/SBO0A/TXD0A/KEY0
XI/P90
13
48
P51/SBI0A/RXD0A/KEY1
XO/P91
14
47
P52/SBT0A/KEY2
VSS
15
46
P53/BUZZER/KEY3
OSC1/P25
16
45
P54/NBUZZER/KEY4
OSC2/P26
17
44
P55/KEY5
VDD5
18
43
P56/KEY6
VDD18
19
42
P57/KEY7
DMOD
20
41
P47
MN101EF93G
80pin LQFP


Similar Part No. - SBT4B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SBT40 EIC-SBT40 Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
ASEMI TECHNOLOGY., LTD
SBT40100/VFCT ASEMI-SBT40100/VFCT Datasheet
875Kb / 5P
   40 Ampere low vf Schottky diode
2018.11 Rev.3.1
logo
Pan Jit International I...
SBT40100UCT PANJIT-SBT40100UCT Datasheet
160Kb / 4P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SBT40100UCT PANJIT-SBT40100UCT_16 Datasheet
384Kb / 5P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SBT40100UCT_T0_00001 PANJIT-SBT40100UCT_T0_00001 Datasheet
384Kb / 5P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SBT4B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com