Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN101LR05D Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # MN101LR05D
Description  8-bit Single-chip Microcontroller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN101LR05D Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button MN101LR05D Datasheet HTML 4Page - Panasonic Semiconductor MN101LR05D Datasheet HTML 5Page - Panasonic Semiconductor MN101LR05D Datasheet HTML 6Page - Panasonic Semiconductor MN101LR05D Datasheet HTML 7Page - Panasonic Semiconductor MN101LR05D Datasheet HTML 8Page - Panasonic Semiconductor MN101LR05D Datasheet HTML 9Page - Panasonic Semiconductor MN101LR05D Datasheet HTML 10Page - Panasonic Semiconductor MN101LR05D Datasheet HTML 11Page - Panasonic Semiconductor MN101LR05D Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
MN101LR05D/04D/03D/02D
8-bit Single-chip Microcontroller
Publication date: October 2014
8
PubNo. 21705-019E
Table:1.3.2 Functions of I/O Port
Table:1.3.3 Functions of LCD Control
..
Set "0" to the registers and bits corresponding to the functions which are not implemented.
..
I/O
Port
MN101LR05D
MN101LR04D
MN101LR03D
MN101LR02D
76
543
21
07
654
32
107
6
5
4
3
210
76
54
321
0
Port0
---
-
-
---
-
--
--
Port1





---
-


--
--

--
-
Port2

--
--

--
--
-
-
-
---
--
-
Port3
--
--
Port4
--
-
--
-
Port5
--
--
--
---
--
--
-
Port6
--
--
--
--
Port7
--
--
--
--
--
---
--
-
Port8
-
-



--



--


--
---
--
-
: implemented I/O port
: implemented I/O port (selectable N-channel transistor drive strength)
-
: not implemented
I/O
Port
MN101LR05D
MN101LR04D
MN101LR03D
76543210
76543210765432
10
Port2
-
SEG
36
SEG
37
SEG
38
SEG
39
SEG
40
SEG
41
SEG
42
-SEG
28
----
SEG
29
SEG
30
-
SEG
20
-----
-
Port3 SEG
28
SEG
29
SEG
30
SEG
31
SEG
32
SEG
33
SEG
34
SEG
35
SEG
20
SEG
21
SEG
22
SEG
23
SEG
24
SEG
25
SEG
26
SEG
27
SEG
12
SEG
13
SEG
14
SEG
15
SEG
16
SEG
17
SEG
18
SEG
19
Port4 SEG
20
SEG
21
SEG
22
SEG
23
SEG
24
SEG
25
SEG
26
SEG
27
SEG
12
SEG
13
SEG
14
SEG
15
SEG
16
SEG
17
SEG
18
SEG
19
---
SEG
7
SEG
8
SEG
9
SEG
10
SEG
11
Port5 SEG
12
SEG
13
SEG
14
SEG
15
SEG
16
SEG
17
SEG
18
SEG
19
SEG
8
SEG
9
SEG
10
----
SEG
11
SEG
4
SEG
5
SEG
6
----
-
Port6 SEG
4
SEG
5
SEG
6
SEG
7
SEG
8
SEG
9
SEG
10
SEG
11
SEG
0
SEG
1
SEG
2
SEG
3
SEG
4
SEG
5
SEG
6
SEG
7
----
SEG
0
SEG
1
SEG
2
SEG
3
Port7 COM
0
COM
1
COM
2
COM
3
COM
4/
SEG
0
COM
5/
SEG
1
COM
6/
SEG
2
COM
7/
SEG
3
-
---
COM
0
COM
1
COM
2
COM
3
----
COM
0
COM
1
COM
2
COM
3
Port8
-
-
VLC
2
VLC
3
C2
C1
-
-
-
-
VLC
2
VLC
3
C2
C1
----
VLC
2
VLC
3
C2
C1
-
-
-VLC1
VLC1
VLC1
-: not implemented
LCD control function is not implemented in MN101LR02D.


Similar Part No. - MN101LR05D

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
MN101LR04DXW PANASONICBATTERY-MN101LR04DXW Datasheet
155Kb / 1P
   8-Bit MCU with Built-In ReRAM
More results

Similar Description - MN101LR05D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com