Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBT1B Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # SBT1B
Description  8-bit Single-chip Microcontroller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SBT1B Datasheet(HTML) 2 Page - Panasonic Semiconductor

  SBT1B Datasheet HTML 1Page - Panasonic Semiconductor SBT1B Datasheet HTML 2Page - Panasonic Semiconductor SBT1B Datasheet HTML 3Page - Panasonic Semiconductor SBT1B Datasheet HTML 4Page - Panasonic Semiconductor SBT1B Datasheet HTML 5Page - Panasonic Semiconductor SBT1B Datasheet HTML 6Page - Panasonic Semiconductor SBT1B Datasheet HTML 7Page - Panasonic Semiconductor SBT1B Datasheet HTML 8Page - Panasonic Semiconductor SBT1B Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
MN101EF93G
8-bit Single-chip Microcontroller
Publication date: February 2015
2
PubNo. 21693-013E
1.2
Hardware Functions
 Feature
- Memory Capacity:
ROM 128 KB
RAM 6 KB
- Package:
80-Pin LQFP (14 mm
 14 mm / 0.65 mm pitch, halogen free)
Panasonic "halogen free" semiconductor products refer to the products made of molding resin and
interposer which conform to the following standards.
- Bromine : 900 ppm (Maximum Concentration Value)
- Chlorine : 900 ppm (Maximum Concentration Value)
- Bromine + Chlorine : 1500 ppm (Maximum Concentration Value)
The above-mentioned standards are based on the numerical value described in IEC61249-2-21.
Antimony and its compounds are not added intentionally.
- Machine Cycle:
High-speed mode 0.05
s / 20 MHz (4.0 V to 5.5 V)
Low-speed mode 62.5
s / 32 kHz (4.0 V to 5.5 V)
- Oscillation circuit: 3 channel oscillation circuit
Internal oscillation (frc): 16 MHz
Crystal/ceramic (fosc): Maximum 10 MHz
Crystal/ceramic (fx): Maximum 32.768 kHz
-Clock Multiplication circuit (PLL Circuit)
PLL circuit output clock (fpll): fosc multiplied by 2, 3, 4, 5, 6, 8, 10,
1/2
 frc multiplication by 4, 5 enable
-Clock Gear for System Clock
System Clock (fs): fpll divided by 1, 2, 4, 16, 32, 64, 128
-Clock Gear for control clock of peripheral function
Control clock of peripheral function (fpll-div): stop or fpll divided by 1, 2, 4, 8, 16
- Memory Bank:
Expands data memory space by the bank system (by 64 KB, 16 banks)
Source address bank / Destination address bank
- Operation Mode:
NORMAL mode (High-speed mode)
SLOW mode (Low-speed mode)
HALT mode
STOP mode
(The operation clock can be switched in each mode.)


Similar Part No. - SBT1B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBT100-10G SANYO-SBT100-10G Datasheet
49Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 10A Rectifier
SBT100-16JS SANYO-SBT100-16JS Datasheet
74Kb / 3P
   160V, 10A Rectifier
SBT100-16LS SANYO-SBT100-16LS Datasheet
40Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 10A Rectifier
logo
Diotec Semiconductor
SBT10100 DIOTEC-SBT10100 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
SBT10100 DIOTEC-SBT10100 Datasheet
123Kb / 2P
   Schottky Barrier Rectifier Diodes - Single Diode
More results

Similar Description - SBT1B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com