Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8018110FEC Datasheet(PDF) 10 Page - Zilog, Inc.

Part # Z8018110FEC
Description  SMART ACCESS CONTROLLER (SAC??
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018110FEC Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button Z8018110FEC Datasheet HTML 6Page - Zilog, Inc. Z8018110FEC Datasheet HTML 7Page - Zilog, Inc. Z8018110FEC Datasheet HTML 8Page - Zilog, Inc. Z8018110FEC Datasheet HTML 9Page - Zilog, Inc. Z8018110FEC Datasheet HTML 10Page - Zilog, Inc. Z8018110FEC Datasheet HTML 11Page - Zilog, Inc. Z8018110FEC Datasheet HTML 12Page - Zilog, Inc. Z8018110FEC Datasheet HTML 13Page - Zilog, Inc. Z8018110FEC Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
2-10
Z80181
SMART ACCESS CONTROLLER SAC
Zilog
DS971800500
SYSTEM CONTROL SIGNALS
Pin Name
Pin Number
Input/Output, Tri-State
Function
ST
3
Out, Active 1
Status. This signal is used with the /M1 and /HALT output
to decode the status of the CPU machine cycle. Note that
the /M1 output is affected by the status of the M1E bit in the
OMCR register. The following table shows
the status while M1E=1.
ST
/HALT
/M1
Operation
0
1
0
CPU Operation
(1st Opcode fetch)
1
1
0
CPU Operation
(2nd and 3rd Opcode fetch)
1
1
1
CPU Operation
(MC other than Opcode fetch)
0
X
1
DMA operation
0
0
0
HALT mode
1
0
1
SLEEP mode
(Incl. System STOP mode)


Similar Part No. - Z8018110FEC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z80181 ZILOG-Z80181 Datasheet
1Mb / 326P
   Z8018x Family MPU
Z80181 ZILOG-Z80181 Datasheet
1Mb / 326P
   Family MPU
More results

Similar Description - Z8018110FEC

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DMAC DCD-DMAC Datasheet
136Kb / 4P
   Media Access Controller
logo
National Semiconductor ...
NS32203-10 NSC-NS32203-10 Datasheet
940Kb / 29P
   DIRECT MEMORY ACCESS CONTROLLER
logo
Motorola, Inc
MC68450 MOTOROLA-MC68450 Datasheet
930Kb / 36P
   Direct Memory Access Controller
logo
Hitachi Semiconductor
HD6844 HITACHI-HD6844 Datasheet
4Mb / 33P
   Direct Memory Access Controller
logo
Infineon Technologies A...
PEB3086 INFINEON-PEB3086 Datasheet
3Mb / 262P
   ISDN SUBSCRIBER ACCESS CONTROLLER
Jan. 2003 V 1.4
logo
Moxa Inc.
WAC-1001 MOXA-WAC-1001 Datasheet
817Kb / 2P
   Industrial wireless access controller
logo
Infineon Technologies A...
TLE8386EL INFINEON-TLE8386EL Datasheet
1Mb / 26P
   Smart Boost Controller
Rev. 1.0, 2009-11-30
logo
Pericom Semiconductor C...
PT8A3514A PERICOM-PT8A3514A Datasheet
279Kb / 8P
   Smart Iron Controller
logo
STMicroelectronics
L6668 STMICROELECTRONICS-L6668_06 Datasheet
717Kb / 23P
   SMART PRIMARY CONTROLLER
L6668 STMICROELECTRONICS-L6668 Datasheet
671Kb / 23P
   SMART PRIMARY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com