Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN101E50 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # MN101E50
Description  8-bit Single-chip Microcontroller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN101E50 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  MN101E50 Datasheet HTML 1Page - Panasonic Semiconductor MN101E50 Datasheet HTML 2Page - Panasonic Semiconductor MN101E50 Datasheet HTML 3Page - Panasonic Semiconductor MN101E50 Datasheet HTML 4Page - Panasonic Semiconductor MN101E50 Datasheet HTML 5Page - Panasonic Semiconductor MN101E50 Datasheet HTML 6Page - Panasonic Semiconductor MN101E50 Datasheet HTML 7Page - Panasonic Semiconductor MN101E50 Datasheet HTML 8Page - Panasonic Semiconductor MN101E50 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Ver. AEM
MN101E50 Series
5
Features (continued)
<Timer 7> (General-purpose 16-bit timer)
Clock source:
fpll-div, fs, external clock, Timer A output, Serial Interface 0 transfer clock output,
Timer 6 compare match cycle divided by 1, 2, 4, 16
Hardware configuration:
Double-buffered compare register (×2)
Double-buffered input capture register (×2)
Timer interrupt (×2 vector)
Timer function
Square wave output (Timer pulse output), high-precision PWM output (cycle/duty continuous changeable),
large current selectable, timer synchronous output, event count, input capture function (both edges operable)
Real-time control
Timer (PWM) output is controlled among the three values: "Fixed to High", "Fixed to Low" or "Hi-Z" at falling edge of
External Interrupt 0 (IRQ0)
<Timer 8> (General-purpose 16-bit timer)
Clock source:
fpll-div, fs, external clock, Timer A output, Timer 6 compare match cycle divided by 1, 2, 4, 16
Hardware configuration
Double-buffered compare register (×2)
Input capture register (×1)
Timer interrupt (×2 vector)
Timer function
Square wave output (Timer pulse output), high-precision PWM output (cycle/duty continuous changeable),
large current selectable, event count, pulse width measurement, input capture function (both edges operable)
32-bit cascade connection (connected with Timer 7), 32-bit PWM output, input capture is available in 32-bit cascade
<Timer A> (baud rate timer)
Clock output for peripheral functions
Clock source:
fpll-div divided by 1, 2, 4, 8, 16, 32, fs divided by 2, 4
<24H timer>
Clock source (Usable frequency):
fpll (4 MHz, 4.19 MHz, 5 MHz, 8 MHz, 8.38 MHz, 10 MHz, 16 MHz, 16.77 MHz, 20 MHz), fx (32.768 kHz),
frc (20 MHz, 16 MHz)
Hardware configuration
0.5 second counter, minute counter, hour counter
Alarm compare register (in 0.5 second, in minutes, in hours) (×1)
Timer interrupt (×2 vector)
Timer Function
Interval function (interrupts every 0.5 second, 1 second, 1 minute, 1 hour, 24 hours)
Alarm function
Watchdog timer
Software processing error detection cycle is selectable from fs/216, fs/218, fs/220.
System reset is generated by the hardware when software processing error is detected twice.
Synchronous output function (Timer synchronous output, interrupt synchronous output)
Latch data is output from Port 8 at the event timing of synchronous output signal of Timer 1, Timer 2, Timer 7,
or external interrupt 2 (IRQ2)


Similar Part No. - MN101E50

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN101E51 PANASONIC-MN101E51 Datasheet
774Kb / 10P
   8-bit Single-chip Microcontroller
MN101E52 PANASONIC-MN101E52 Datasheet
774Kb / 10P
   8-bit Single-chip Microcontroller
MN101E56 PANASONIC-MN101E56 Datasheet
473Kb / 13P
   8-bit Single-chip Microcontroller
MN101E59 PANASONIC-MN101E59 Datasheet
339Kb / 3P
   6 external interrupts. 30 internal interrupts
MN101E59R PANASONIC-MN101E59R Datasheet
339Kb / 3P
   6 external interrupts. 30 internal interrupts
More results

Similar Description - MN101E50

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com