Electronic Components Datasheet Search |
|
MN101E30N Datasheet(PDF) 9 Page - Panasonic Semiconductor |
|
MN101E30N Datasheet(HTML) 9 Page - Panasonic Semiconductor |
9 / 48 page MN101E30N/E30R/EF30R 8-bit Single-chip Microcontroller Publication date: October 2015 9 PubNo. 2163001-019E - Serial Interface: 6 channels Serial 0 (Full duplex UART / Synchronous serial interface) Synchronous serial interface - Transfer clock source fpll/2, fpll/4, fpll/16, fpll/64, fs/2, fs/4, Timer0,1,2,3,4 and A output, external clock - MSB/LSB can be selected as the first bit to be transferred. An arbitrate transfer size from 1 to 8 bits can be selected. - Sequence transmission, reception or both are available. Full duplex UART (Baud rate timer, Timer0,1,2,3,4 and A) - Parity check, Overrun error / Framing error detection - Transfer size 7 to 8 bits can be selected. Serial 1 (Full duplex UART / Synchronous serial interface) Synchronous serial interface - Transfer clock source fpll/2, fpll/4, fpll/16, fpll/64, fs/2, fs/4, Timer0,1,2,3,4 and A output, external clock - MSB/LSB can be selected as the first bit to be transferred. An arbitrate transfer size from 1 to 8 bits can be selected. - Sequence transmission, reception or both are available. Full duplex UART (Baud rate timer, Timer0,1,2,3,4 and A) - Parity check, Overrun error / Framing error detection - Transfer size 7 to 8 bits can be selected. Serial 2 (Full duplex UART / Synchronous serial interface) Synchronous serial interface - Transfer clock source fpll/2, fpll/4, fpll/16, fpll/64, fs/2, fs/4, Timer0,1,2,3,4 and A output,external clock - MSB/LSB can be selected as the first bit to be transferred. An arbitrate transfer size from 1 to 8 bits can be selected. - Sequence transmission, reception or both are available. Full duplex UART (Baud rate timer, Timer0,1,2,3,4 and A) - Parity check, Overrun error / Framing error detection - Transfer size 7 to 8 bits can be selected. Serial 3 (Full duplex UART / Synchronous serial interface) Synchronous serial interface - Transfer clock source fpll/2, fpll/4, fpll/16, fpll/64, fs/2, fs/4, Timer0,1,2,3,4 and A output ,external clock - MSB/LSB can be selected as the first bit to be transferred. An arbitrate transfer size from 1 to 8 bits can be selected. |
Similar Part No. - MN101E30N |
|
Similar Description - MN101E30N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |