Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA2R75C Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # HA2R75C
Description  PCI Cards protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

HA2R75C Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  HA2R75C Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD HA2R75C Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD HA2R75C Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(Ø8x6mm)
Gas Discharge Tubes
5 Electrical Characteristics
continued
Part Number
DC
Spark-over
Voltage
@ 100V/S
Impulse
Spark-over
Voltage
@100V/
μs
Impulse
Spark-over
Voltage
@1KV/
μs
Insulation
Resistance
Impulse discharge
current(
8/20
μs)
AC discharge
current
(50Hz,1s,10ti
mes)
Capacitan
ce
(1MHz)
V
V
V
10 Times
1 Time
A
PF
HA2R1400C
1400±20%
<2400
≤ 2800
>1
3KA
5KA
3
≤1
HA2R1500C
1500±20%
<2500
≤ 2900
>1
3KA
5KA
3
≤1
HA2R2000C
2000±20%
<2600
≤ 3000
>1
3KA
5KA
3
≤1
HA2R2500C
2500±20%
<3200
≤ 3500
>1
3KA
5KA
3
≤1
HA2R3000C
3000±20%
<3800
≤ 4000
>1
3KA
5KA
3
≤1
HA2R3600C
3600±20%
<4500
≤ 4700
>1
3KA
5KA
3
≤1
HA2R4000C
4000±20%
<5300
≤ 5500
>1
3KA
5KA
3
≤1
Packing Quantity : 100PCS
HuaXinAn Electronics
sales@huaandz.com
abc0734@126.com
2
HUAAN LIMITED
www.huaandz.com
Tel:+86-755-27465585
Gas Discharge Tube
Cross Reference List (Ø8x6mm)
HUAAN
Gas Discharge Tube
Part Number
Cross Reference
Littelfuse
Gas Discharge Tube
Part Number
Bourns
Gas Discharge Tube
Part Number
TDK EPCOS
Surge Arrester
Part Number
HA2R75C
SL1011A075 A
-
EC75X
B88069X0180S102
B88069X0180T502
HA2R90C
SL1011A090 A
-
EC90X
B88069X0720S102


Similar Part No. - HA2R75C

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
HA2R75A HUAXINAN-HA2R75A Datasheet
192Kb / 2P
   PCI Cards protection
HA2R75B HUAXINAN-HA2R75B Datasheet
201Kb / 3P
   PCI Cards protection
HA2R75D HUAXINAN-HA2R75D Datasheet
189Kb / 2P
   PCI Cards protection
HA2R75E HUAXINAN-HA2R75E Datasheet
194Kb / 2P
   PCI Cards protection
HA2R75S HUAXINAN-HA2R75S Datasheet
206Kb / 2P
   PCI Cards protection
More results

Similar Description - HA2R75C

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
HA2R75E HUAXINAN-HA2R75E Datasheet
194Kb / 2P
   PCI Cards protection
HA3R75A HUAXINAN-HA3R75A Datasheet
206Kb / 2P
   PCI Cards protection
HA3R75D HUAXINAN-HA3R75D Datasheet
238Kb / 4P
   PCI Cards protection
HA2R75S86 HUAXINAN-HA2R75S86 Datasheet
192Kb / 2P
   PCI Cards protection
HA2R75A HUAXINAN-HA2R75A Datasheet
192Kb / 2P
   PCI Cards protection
HA2R75S HUAXINAN-HA2R75S Datasheet
206Kb / 2P
   PCI Cards protection
HA3R75G HUAXINAN-HA3R75G Datasheet
202Kb / 2P
   PCI Cards protection
HA2R75S8 HUAXINAN-HA2R75S8 Datasheet
207Kb / 2P
   PCI Cards protection
HA3R75S8 HUAXINAN-HA3R75S8 Datasheet
209Kb / 2P
   PCI Cards protection
HA3R75B HUAXINAN-HA3R75B Datasheet
202Kb / 2P
   PCI Cards protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com