Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGA12U09-P1J Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # SGA12U09-P1J
Description  12W AC-DC High Reliability Slim Wall-mounted Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SGA12U09-P1J Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  SGA12U09-P1J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SGA12U09-P1J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SGA12U09-P1J Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Derating Curve
Static Characteristics
Mechanical Specification
Ta ( )
-20
10
20
30
40
50
60
50
100
INPUT VOLTAGE
90
115
100
130
120
160
140
200
180
240
220
264
90
100
80
70
60
50
40
11 0.5mm
±
ID 2.1 x OD 5.5
C"+"
UL2468 22AWG 1200
mm for 9V
+/-
150 0
UL2468 18AWG 1000
mm for 5~7.5V
+150/-0
UL2468 24AWG 1800
mm for 12V~48V
+/-
150 0
62.2
※Cable Connection
12W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA12U series
Unit:mm
File Name:SGA12U-SPEC 2015-12-09
Plug Assignment
Standard plug for cable connection
P/N
OUTPUT
P1J
CENTER
+
※USB Connection
Installation Manual
Please refer to : http://www.meanwell.com/webnet/search/InstallationSearch.html
USB Type A
4
3
2
1
+V
N.C
N.C
-V
Inside
Outside
62.2


Similar Part No. - SGA12U09-P1J

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA1263Z RFMD-SGA1263Z Datasheet
563Kb / 6P
   DCto4000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
SGA1263Z-EVB1 RFMD-SGA1263Z-EVB1 Datasheet
563Kb / 6P
   DCto4000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
SGA1263ZSQ RFMD-SGA1263ZSQ Datasheet
563Kb / 6P
   DCto4000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
SGA1263ZSR RFMD-SGA1263ZSR Datasheet
563Kb / 6P
   DCto4000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
logo
Mean Well Enterprises C...
SGA12E MEANWELL-SGA12E Datasheet
103Kb / 3P
   12W AC-DC High Reliability Slim Wall-mounted Adaptor
More results

Similar Description - SGA12U09-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SGA12E MEANWELL-SGA12E Datasheet
103Kb / 3P
   12W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA25E MEANWELL-SGA25E Datasheet
85Kb / 3P
   25W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA40E MEANWELL-SGA40E Datasheet
84Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA40U MEANWELL-SGA40U Datasheet
71Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA60E MEANWELL-SGA60E Datasheet
88Kb / 3P
   60W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA60U MEANWELL-SGA60U Datasheet
75Kb / 3P
   60W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA18U MEANWELL-SGA18U Datasheet
75Kb / 3P
   18W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA18E MEANWELL-SGA18E Datasheet
87Kb / 3P
   18W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA25U MEANWELL-SGA25U Datasheet
74Kb / 3P
   25W AC-DC High Reliability Slim Wall-mounted Adaptor
GEM12I MEANWELL-GEM12I Datasheet
169Kb / 4P
   12W AC-DC High Reliability Interchangeable Medical Adaptor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com