Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP785BST50T3G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP785BST50T3G
Description  Wide Input Voltage Range PSRR Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP785BST50T3G Datasheet(HTML) 7 Page - ON Semiconductor

  NCP785BST50T3G Datasheet HTML 1Page - ON Semiconductor NCP785BST50T3G Datasheet HTML 2Page - ON Semiconductor NCP785BST50T3G Datasheet HTML 3Page - ON Semiconductor NCP785BST50T3G Datasheet HTML 4Page - ON Semiconductor NCP785BST50T3G Datasheet HTML 5Page - ON Semiconductor NCP785BST50T3G Datasheet HTML 6Page - ON Semiconductor NCP785BST50T3G Datasheet HTML 7Page - ON Semiconductor NCP785BST50T3G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NCP785B
http://onsemi.com
7
APPLICATION INFORMATION
The typical application circuit for the NCP785B device is shown below.
Figure 3. Typical Application Schematic
NCP785B
VIN
VOUT
GND
CIN
2.2μF
COUT
22μF
VIN
15V – 450V
VOUT
3.3V, 5V, 12V, 15V
EN
VEN
OFF
ON
Input Decoupling (C1)
A 1
mF capacitor either ceramic or electrolytic is
recommended and should be connected close to the input pin
of NCP785B. Higher value 2.2
mF is necessary to keep the
input voltage above the required minimum input voltage at
full load for AC voltage as low as 85 V with half wave
rectifier.
Output Decoupling (C2)
The NCP785B Regulator does not require any specific
Equivalent Series Resistance (ESR). Thus capacitors
exhibiting ESRs ranging from a few m
W up to 0.5 W can be
used safely. The minimum decoupling value is 22
mF. The
regulator accepts ceramic chip capacitors as well as
tantalum devices or low ESR electrolytic capacitors. Larger
values improve noise rejection and load transient response.
Layout Recommendations
Please be sure that the VIN and GND lines are sufficiently
wide. When the impedance of these lines is high, there is a
chance to pick up noise or to cause the malfunction of
regulator.
Set external components, especially the output capacitor,
as close as possible to the circuit, and make leads as short as
possible.
Thermal
As power across the NCP785B increases, it might become
necessary to provide some thermal relief. The maximum
power dissipation supported by the device is dependent
upon board design layout and used package. Mounting pad
configuration on the PCB, the board material, and also the
ambient temperature affect the rate of temperature rise for
the part. This is stating that when the NCP785B has good
thermal conductivity through the PCB, the junction
temperature will be relatively low with high power
dissipation applications.
ENABLE Operation
The enable pin EN of the NCP785B will turn on or off the
regulator’s output. The threshold limits are covered in the
electrical specification section of this data sheet. If the
enable function is not used then the EN pin should be left
disconnected. An internal current source pulls this pin high
to a voltage given by the internal resistor divider. The limit
of this voltage is mentioned in the electrical specification
section of this data sheet. Maximum applicable external
voltage at this pin from external source is limited to 5.0 V.
+
1.25 V
VIN
Thermal
Shutdown
EN
EN
NCP785B
EN
EN
5.3 V
VREF
500 kW
600 kW
5 mA
ORDERING INFORMATION:
Part Number
Output
Voltage
Case
Package
Marking
Shiping
Released PN
Marking
NCP785BST33T3G
3.3 V
TBD
SOT223−4
HVH
TBD
PCP785BST33T3G
XAH
NCP785BST50T3G
5 V
TBD
SOT223−4
HVJ
TBD
PCP785BST50T3G
XAJ
NCP785BST120T3G
12 V
TBD
SOT223−4
HVK
TBD
PCP785BST120T3G
XAK
NCP785BST150T3G
15 V
TBD
SOT223−4
HVL
TBD
PCP785BST150T3G
XAL


Similar Part No. - NCP785BST50T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP785 ONSEMI-NCP785 Datasheet
80Kb / 6P
   Wide Input Voltage Range PSRR Linear Regulator
March, 2015 ??Rev. P1
NCP785A ONSEMI-NCP785A Datasheet
109Kb / 10P
   Wide Input Voltage Range 10mA Ultra-Low Iq, High PSRR Linear Regulator
December, 2014 ??Rev. 2
NCP785AH120T1G ONSEMI-NCP785AH120T1G Datasheet
109Kb / 10P
   Wide Input Voltage Range 10mA Ultra-Low Iq, High PSRR Linear Regulator
December, 2014 ??Rev. 2
NCP785AH120T1G ONSEMI-NCP785AH120T1G Datasheet
109Kb / 10P
   High PSRR Linear Regulator
December, 2014 ??Rev. 2
NCP785AH150T1G ONSEMI-NCP785AH150T1G Datasheet
109Kb / 10P
   Wide Input Voltage Range 10mA Ultra-Low Iq, High PSRR Linear Regulator
December, 2014 ??Rev. 2
More results

Similar Description - NCP785BST50T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP786A ONSEMI-NCP786A Datasheet
107Kb / 7P
   Wide Input Voltage Range PSRR Linear Regulator
December, 2017 ??Rev. 1
NCP785 ONSEMI-NCP785 Datasheet
80Kb / 6P
   Wide Input Voltage Range PSRR Linear Regulator
March, 2015 ??Rev. P1
NCP785A ONSEMI-NCP785A Datasheet
109Kb / 10P
   Wide Input Voltage Range 10mA Ultra-Low Iq, High PSRR Linear Regulator
December, 2014 ??Rev. 2
NCP4629 ONSEMI-NCP4629_11 Datasheet
801Kb / 15P
   500 mA, Wide Input Range, LDO Linear Voltage Regulator
June, 2011 ??Rev. 0
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
   150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
logo
Renesas Technology Corp
RAA214250 RENESAS-RAA214250 Datasheet
1Mb / 36P
   500mA 20V Wide Input Voltage Range LDO Linear Regulator
Oct 14, 2021
logo
ON Semiconductor
NCP4629 ONSEMI-NCP4629 Datasheet
118Kb / 6P
   500 mA, Wide Input Range, LDO Linear Voltage Regulator
December, 2010 ??Rev. P1
NCP4641 ONSEMI-NCP4641 Datasheet
339Kb / 14P
   Wide Input Range, Voltage Regulator
October, 2014 ??Rev. 1
NCP786L ONSEMI-NCP786L Datasheet
93Kb / 7P
   Wide Input Voltage Range 5mA Ultra-Low Iq, High PSRR Linear Regulator with Adjustable Output Voltage
March, 2016 ??Rev. 0
logo
RICOH electronics devic...
R1154N001C RICOH-R1154N001C Datasheet
846Kb / 23P
   150mA Voltage Regulator (Wide Input Voltage Range)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com