Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP785B Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP785B
Description  Wide Input Voltage Range PSRR Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP785B Datasheet(HTML) 5 Page - ON Semiconductor

  NCP785B Datasheet HTML 1Page - ON Semiconductor NCP785B Datasheet HTML 2Page - ON Semiconductor NCP785B Datasheet HTML 3Page - ON Semiconductor NCP785B Datasheet HTML 4Page - ON Semiconductor NCP785B Datasheet HTML 5Page - ON Semiconductor NCP785B Datasheet HTML 6Page - ON Semiconductor NCP785B Datasheet HTML 7Page - ON Semiconductor NCP785B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NCP785B
http://onsemi.com
5
Table 6. ELECTRICAL CHARACTERISTICS, VOUT = 12 V (−40°C ≤ TJ ≤ 85°C; VIN = 340 V; IOUT = 100 mA, CIN = 1 mF,
COUT = 22 mF, unless otherwise noted. Typical values are at TJ = +25°C.) (Note 11)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage DC
VIN
35
450
V
Output Voltage Accuracy
TJ = 25°C, Iout = 100 mA, 35 V ≤ Vin ≤ 450 V
VOUT
11.46
12
12.54
V
−40°C ≤ TJ ≤ 85°C, Iout = 100 mA,
35 V ≤ Vin ≤ 450 V
VOUT
11.4
12
12.6
V
Line Regulation
35 V ≤ Vin ≤ 450 V, Iout = 100 mA
RegLINE
−0.5
0.1
+0.5
%/V
Load Regulation
100 mA ≤ IOUT ≤ 10 mA, Vin = 35 V
RegLOAD
−1.0
0.66
+1.0
%
Maximum Output Current (Note 12)
38 V ≤ Vin ≤ 450 V
IOUT
11.5
mA
Quiescent Current
IOUT = 0, 35 V ≤ Vin ≤ 450 V
IQ
12
18
mA
Ground Current (Note 12)
35 V ≤ Vin ≤ 450 V
0 < IOUT ≤ 10 mA
IGND
19
mA
EN Pin High Threshold
EN Pin Low Threshold
VEN Voltage increasing
VEN Voltage decreasing
VEN_HI
VEN_LO
1.4
0.8
V
EN Pin Pull up Current (Note 13)
Vin = 450 VDC
IEN
5
mA
EN Pin Voltage (Note 14)
Vin = 450 VDC
VEN
3.0
3.3
V
Power Supply Rejection Ratio
Vin = 340 VDC +1 Vpp
modulation, Iout = 100 mA
f = 1 kHz
PSRR
70
dB
Output Noise
f = 10 kHz to 100 kHz
Vin = 340 VDC, Iout = 100 mA
VNOISE
280
mVrms
Thermal Shutdown Temperature
(Note 13)
Temperature increasing from TJ = +25°C
TSD
145
°C
Thermal Shutdown Hysteresis
(Note 13)
Temperature falling from TSD
TSDH
10
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
11. Performance guaranteed over the indicated operating temperature range by design and/or characterization production tested at TJ = TA =
25°C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
12.A proper heatsinking and/or low duty cycle pulse techniques are used to operate the device within the Safe Operating Area.
13.Guaranteed by design
14.Voltage present at the EN pin in case that this pin is left floating. It is generated by the internal EN Pin Pull−up Current.


Similar Part No. - NCP785B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP785 ONSEMI-NCP785 Datasheet
80Kb / 6P
   Wide Input Voltage Range PSRR Linear Regulator
March, 2015 ??Rev. P1
NCP785A ONSEMI-NCP785A Datasheet
109Kb / 10P
   Wide Input Voltage Range 10mA Ultra-Low Iq, High PSRR Linear Regulator
December, 2014 ??Rev. 2
NCP785AH120T1G ONSEMI-NCP785AH120T1G Datasheet
109Kb / 10P
   Wide Input Voltage Range 10mA Ultra-Low Iq, High PSRR Linear Regulator
December, 2014 ??Rev. 2
NCP785AH120T1G ONSEMI-NCP785AH120T1G Datasheet
109Kb / 10P
   High PSRR Linear Regulator
December, 2014 ??Rev. 2
NCP785AH150T1G ONSEMI-NCP785AH150T1G Datasheet
109Kb / 10P
   Wide Input Voltage Range 10mA Ultra-Low Iq, High PSRR Linear Regulator
December, 2014 ??Rev. 2
More results

Similar Description - NCP785B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP786A ONSEMI-NCP786A Datasheet
107Kb / 7P
   Wide Input Voltage Range PSRR Linear Regulator
December, 2017 ??Rev. 1
NCP785 ONSEMI-NCP785 Datasheet
80Kb / 6P
   Wide Input Voltage Range PSRR Linear Regulator
March, 2015 ??Rev. P1
NCP785A ONSEMI-NCP785A Datasheet
109Kb / 10P
   Wide Input Voltage Range 10mA Ultra-Low Iq, High PSRR Linear Regulator
December, 2014 ??Rev. 2
NCP4629 ONSEMI-NCP4629_11 Datasheet
801Kb / 15P
   500 mA, Wide Input Range, LDO Linear Voltage Regulator
June, 2011 ??Rev. 0
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
   150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
logo
Renesas Technology Corp
RAA214250 RENESAS-RAA214250 Datasheet
1Mb / 36P
   500mA 20V Wide Input Voltage Range LDO Linear Regulator
Oct 14, 2021
logo
ON Semiconductor
NCP4629 ONSEMI-NCP4629 Datasheet
118Kb / 6P
   500 mA, Wide Input Range, LDO Linear Voltage Regulator
December, 2010 ??Rev. P1
NCP4641 ONSEMI-NCP4641 Datasheet
339Kb / 14P
   Wide Input Range, Voltage Regulator
October, 2014 ??Rev. 1
NCP786L ONSEMI-NCP786L Datasheet
93Kb / 7P
   Wide Input Voltage Range 5mA Ultra-Low Iq, High PSRR Linear Regulator with Adjustable Output Voltage
March, 2016 ??Rev. 0
logo
RICOH electronics devic...
R1154N001C RICOH-R1154N001C Datasheet
846Kb / 23P
   150mA Voltage Regulator (Wide Input Voltage Range)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com