Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAC223A6 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MAC223A6
Description  Silicon Bidirectional Thyristors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC223A6 Datasheet(HTML) 4 Page - ON Semiconductor

  MAC223A6 Datasheet HTML 1Page - ON Semiconductor MAC223A6 Datasheet HTML 2Page - ON Semiconductor MAC223A6 Datasheet HTML 3Page - ON Semiconductor MAC223A6 Datasheet HTML 4Page - ON Semiconductor MAC223A6 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MAC223A6, MAC223A8, MAC223A10
http://onsemi.com
4
125
115
105
95
85
75
40
30
20
10
0
0
5.0
10
15
20
25
IT(RMS), RMS ON−STATE CURRENT (AMPS)
IT(RMS), RMS ON−STATE CURRENT (AMPS)
0
5.0
10
15
20
25
Figure 1. RMS Current Derating
Figure 2. On−State Power Dissipation
3.0
2.0
1.0
0.2
0.1
−60 −40 −20
0
20
40
60
80
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
100 120 140
−60 −40 −20
0
20
40
60
80
100 120 140
−60 −40 −20
0
20
40
60
80
100 120 140
VD = 12 V
RL = 100 Ω
200
100
0.1
VTM, INSTANTANEOUS ON−STATE VOLTAGE (VOLTS)
0
0.3
0.5
3.0
2.0
1.0
0.2
0.1
0.3
0.5
2.0
1.0
0.2
0.1
0.3
0.5
0.5
1.0
5.0
10
50
1.0
2.0
3.0
4.0
VD = 12 V
RL = 100 Ω
ITM = 200 mA
Gate Open
TJ = 25°C
Figure 3. Typical Gate Trigger Current
Figure 4. Typical Gate Trigger Voltage
Figure 5. Typical Hold Current
Figure 6. Typical On−State Characteristics


Similar Part No. - MAC223A6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MAC223A6 PHILIPS-MAC223A6 Datasheet
63Kb / 8P
   Triacs
July 2001
logo
WeEn Semiconductors
MAC223A6 WEEN-MAC223A6 Datasheet
257Kb / 13P
   4Q Triac
logo
Motorola, Inc
MAC223A6FP MOTOROLA-MAC223A6FP Datasheet
65Kb / 4P
   Silicon Bidirectional Triode Thyristors
logo
ON Semiconductor
MAC223A6FP ONSEMI-MAC223A6FP Datasheet
165Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
New Jersey Semi-Conduct...
MAC223A6FP NJSEMI-MAC223A6FP Datasheet
142Kb / 2P
   ISOLATED TRIACs THYRISTORS 25 AMPERES RMS 200 thru 800 VOLTS
More results

Similar Description - MAC223A6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC321 DIGITRON-MAC321 Datasheet
207Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC320 DIGITRON-MAC320 Datasheet
206Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC213 DIGITRON-MAC213 Datasheet
228Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com