Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWM-60 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # PWM-60
Description  60W PWM output LED power supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PWM-60 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  PWM-60 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PWM-60 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PWM-60 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. PWM-60 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. PWM-60 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. PWM-60 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
■ Description
PWM-60 is one 60W waterproof constant-voltage output LED power supply series. Differentiating from
general DC output power supplies, PWM-60 transmits PWM style output, adapting to directly driving
all kinds of LED strips that the color temperature can be maintainedandthe brightness homogeneity
can be assured. Adopting a universal input range between 90VAC and 305VAC and incorporating the
built-in PFC function, this series is also designed witha3in1dimming function (0~10Vdc or PWM
signal
that simplifies the brightness adjustment for system designers so as to achieve
or resistance)
light reduction and energy conservation.
Universal AC input / Full range (up to 305VAC)
Built-in active PFC function
Constant voltage PWM style output
Built-in 3 in 1 dimming function
(0~10Vdc or PWM signal or resistance)
Dimming range : 0~100%
High efficiency up to 90%
Protections: Short circuit / Over load/ Over voltage
/ Over temperature
Class
power unit, no FG
Class 2 power unit
Suitable for dry / damp / wet locations
No loadpower consumption<0.5W
5 years warranty
■ Features
■ Applications
60W PWM output LED power supply
PWM-60 series
File Name:PWM-60-SPEC 2015-10-17
IP67
FM
M
110
SELV
■ Model Encoding
-12
PWM - 60
Output voltage
Output wattage
Series name
Providing a high efficiency up to 90% anda low no loadpower consumption below 0.5W, PWM-60 can
satisfy the energy saving demand for the new generation LED lighting. The class
design (without FG
pin) and the double insulation weather-resistant cable (SJTW) on the input side make it convenient for
users to flexibly install on various types of lighting systems. The enclosure design is a 94V-0 flame
retardant plastic case. The interior is fully potted with silicone that enhances the heat dissipation and
allows PWM-60 to meet the anti-vibration demand up to 5G; it also thus conforms to IP67 level, enabling
PWM-60 to be usedin a highly dusty andhighly humidharsh environment. The entire series can operate
under the temperature between -40~+70 and comply with the relevant global lighting safety certification.
LED strip lighting
Indoor LED lighting
LED decorative lighting
LED architecture lighting


Similar Part No. - PWM-60

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PWM-60-12BLE MEANWELL-PWM-60-12BLE Datasheet
958Kb / 8P
   60W Wireless Lighting Constant Voltage LED Driver Solution
PWM-60-12KN MEANWELL-PWM-60-12KN Datasheet
193Kb / 8P
   60W PWM Output KNX LED Driver
PWM-60-12KN MEANWELL-PWM-60-12KN Datasheet
728Kb / 7P
   60W Constant Voltage PWM Output KNX LED Driver
2022-02-18
PWM-60-12KNBST MEANWELL-PWM-60-12KNBST Datasheet
193Kb / 8P
   60W PWM Output KNX LED Driver
PWM-60-12KNBST MEANWELL-PWM-60-12KNBST Datasheet
728Kb / 7P
   60W Constant Voltage PWM Output KNX LED Driver
2022-02-18
More results

Similar Description - PWM-60

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLP-60 MEANWELL-PLP-60 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60 Datasheet
189Kb / 2P
   60W Single Output LED Power Supply
CLG-60 MEANWELL-CLG-60_12 Datasheet
245Kb / 3P
   60W Single Output LED Power Supply
PLC-60 MEANWELL-PLC-60_12 Datasheet
263Kb / 3P
   60W Single Output LED Power Supply
CLG-60 MEANWELL-CLG-60_11 Datasheet
238Kb / 3P
   60W Single Output LED Power Supply
PLC-60 MEANWELL-PLC-60 Datasheet
259Kb / 3P
   60W Single Output LED Power Supply
PLP-60 MEANWELL-PLP-60_12 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60_12 Datasheet
221Kb / 3P
   60W Single Output LED Power Supply
CEN-60 MEANWELL-CEN-60 Datasheet
239Kb / 3P
   60W Single Output LED Power Supply
CEN-60 MEANWELL-CEN-60_11 Datasheet
242Kb / 3P
   60W Single Output LED Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com