Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP81145 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP81145
Description  Compatible Synchronous Buck MOSFET Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81145 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP81145 Datasheet HTML 1Page - ON Semiconductor NCP81145 Datasheet HTML 2Page - ON Semiconductor NCP81145 Datasheet HTML 3Page - ON Semiconductor NCP81145 Datasheet HTML 4Page - ON Semiconductor NCP81145 Datasheet HTML 5Page - ON Semiconductor NCP81145 Datasheet HTML 6Page - ON Semiconductor NCP81145 Datasheet HTML 7Page - ON Semiconductor NCP81145 Datasheet HTML 8Page - ON Semiconductor NCP81145 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NCP81145
http://onsemi.com
5
NCP81145 ELECTRICAL CHARACTERISTICS (−40°C < TA < +125°C; 4.5 V < VCC < 5.5 V, 4.5 V < BST−SWN < 5.5 V,
4.5 V < BST < 30 V, 0 V < SWN < 21 V, unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
SUPPLY VOLTAGE
VCC Operation Voltage
4.5
5.5
V
UNDERVOLTAGE LOCKOUT
VCC Start Threshold
3.8
4.35
4.5
V
VCC UVLO Hysteresis
150
200
250
mV
SUPPLY CURRENT
Shutdown Mode
ICC + IBST, EN = GND
11
20
mA
Normal Mode
ICC + IBST, EN = 5 V, PWM = OSC
4.7
mA
Standby Current
ICC + IBST, EN = HIGH, PWM = LOW,
No loading on DRVH & DRVL
0.9
mA
Standby Current
ICC + IBST, EN = HIGH, PWM = HIGH,
No loading on DRVH & DRVL
1.1
mA
BOOTSTRAP DIODE
Forward Voltage
VCC = 5 V, forward bias current = 2 mA
0.1
0.4
0.6
V
PWM INPUT
PWM Input High
3.4
V
PWM Mid−State
1.3
2.7
V
PWM Input Low
0.7
V
ZCD Blanking Timer
350
ns
HIGH SIDE DRIVER
Output Impedance, Sourcing Current
VBST−VSW = 5 V
0.9
1.7
W
Output Impedance, Sinking Current
VBST−VSW = 5 V
0.7
1.7
W
DRVH Rise Time trDRVH
VCC = 5 V, 3 nF load, VBST−VSW = 5 V
16
25
ns
DRVH Fall Time tfDRVH
VCC = 5 V, 3 nF load, VBST−VSW =5 V
11
18
ns
DRVH Turn−Off Propagation Delay tpdlDRVH
CLOAD = 3 nF
10
30
ns
DRVH Turn−On Propagation Delay tpdhDRVH
CLOAD = 3 nF
10
40
ns
SW Pulldown Resistance
SW to PGND
45
kW
DRVH Pulldown Resistance
DRVH to SW, BST−SW = 0 V
45
kW
LOW SIDE DRIVER
Output Impedance, Sourcing Current
0.9
1.7
W
Output Impedance, Sinking Current
0.4
0.8
W
DRVL Rise Time trDRVL
CLOAD = 3 nF
16
25
ns
DRVL Fall Time tfDRVL
CLOAD = 3 nF
11
15
ns
DRVL Turn−Off Propagation Delay tpdlDRVL
CLOAD = 3 nF
10
30
ns
DRVL Turn−On Propagation Delay tpdhDRVL
CLOAD = 3 nF
5.0
25
ns
DRVL Pulldown Resistance
DRVL to PGND, VCC = PGND
45
kW


Similar Part No. - NCP81145

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81140 ONSEMI-NCP81140 Datasheet
305Kb / 20P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
September, 2015 - Rev. 1
NCP81140MNTXG ONSEMI-NCP81140MNTXG Datasheet
305Kb / 20P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
September, 2015 - Rev. 1
NCP81141 ONSEMI-NCP81141 Datasheet
540Kb / 24P
   Single-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
September, 2015 - Rev. 2
NCP81141MNTWG ONSEMI-NCP81141MNTWG Datasheet
540Kb / 24P
   Single-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
September, 2015 - Rev. 2
NCP81141MNTXG ONSEMI-NCP81141MNTXG Datasheet
540Kb / 24P
   Single-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
September, 2015 - Rev. 2
More results

Similar Description - NCP81145

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81151B ONSEMI-NCP81151B Datasheet
92Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
December, 2015 ??Rev. 0
NCP81151 ONSEMI-NCP81151 Datasheet
133Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
April, 2015 ??Rev. 4
NCP5911 ONSEMI-NCP5911 Datasheet
130Kb / 9P
   IMVP7.0 Compatible Synchronous Buck MOSFET Driver
February, 2011 ??Rev. 1
logo
Intersil Corporation
ISL6627CRZ INTERSIL-ISL6627CRZ Datasheet
343Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
January 24, 2014
logo
Renesas Technology Corp
ISL6627 RENESAS-ISL6627 Datasheet
578Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
logo
Intersil Corporation
ISL6627 INTERSIL-ISL6627 Datasheet
463Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
logo
ON Semiconductor
NCP5901 ONSEMI-NCP5901 Datasheet
140Kb / 9P
   Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP81062 ONSEMI-NCP81062 Datasheet
88Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
July, 2011 ??Rev. 0
NCP5901BE ONSEMI-NCP5901BE Datasheet
132Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
April, 2012 ??Rev. P0
NCP5901E ONSEMI-NCP5901E Datasheet
132Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
April, 2012 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com