Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP45540 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP45540
Description  Advanced Load Management
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP45540 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP45540 Datasheet HTML 5Page - ON Semiconductor NCP45540 Datasheet HTML 6Page - ON Semiconductor NCP45540 Datasheet HTML 7Page - ON Semiconductor NCP45540 Datasheet HTML 8Page - ON Semiconductor NCP45540 Datasheet HTML 9Page - ON Semiconductor NCP45540 Datasheet HTML 10Page - ON Semiconductor NCP45540 Datasheet HTML 11Page - ON Semiconductor NCP45540 Datasheet HTML 12Page - ON Semiconductor NCP45540 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
NCP45540
www.onsemi.com
11
Thermal Shutdown
The thermal shutdown of the NCP45540 devices protects
the part from internally or externally generated excessive
temperatures. This circuitry is disabled when EN is not
active to reduce standby current. When an over−temperature
condition is detected, the MOSFET is immediately turned
off and the load bleed is activated.
The part comes out of thermal shutdown when the
junction temperature decreases to a safe operating
temperature as dictated by the thermal hysteresis. Upon
exiting a thermal shutdown state, and if EN remains active,
the MOSFET will be turned on in a controlled fashion with
the normal output turn−on delay and slew rate.
Undervoltage Lockout
The undervoltage lockout of the NCP45540 devices turns
the MOSFET off and activates the load bleed when the input
voltage, VIN, is less than or equal to the undervoltage
lockout threshold. This circuitry is disabled when EN is not
active to reduce standby current.
If the VIN voltage rises above the undervoltage lockout
threshold, and EN remains active, the MOSFET will be
turned on in a controlled fashion with the normal output
turn−on delay and slew rate.
W
Bandgap
&
Biases
Charge
Pump
Delay and
Slew Rate
Control
Thermal,
Undervoltage
&
Short−Circuit
Protection
Control
Logic
Load
Controller
3.0 V − 5.5 V
VTERM = 3.3 V
RPG
Power Supply
or Battery
0.5 V − 13.5 V
CSR
REXT
Figure 30. Typical Application Diagram − Load Switch
100 k


Similar Part No. - NCP45540

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP45540 ONSEMI-NCP45540 Datasheet
169Kb / 13P
   ecoSWITCH Advanced Load Management
May, 2018 ??Rev. 4
NCP45540IMNTWG-H ONSEMI-NCP45540IMNTWG-H Datasheet
169Kb / 13P
   ecoSWITCH Advanced Load Management
May, 2018 ??Rev. 4
NCP45540IMNTWG-L ONSEMI-NCP45540IMNTWG-L Datasheet
169Kb / 13P
   ecoSWITCH Advanced Load Management
May, 2018 ??Rev. 4
NCP45540 ONSEMI-NCP45540_18 Datasheet
169Kb / 13P
   ecoSWITCH Advanced Load Management
May, 2018 ??Rev. 4
More results

Similar Description - NCP45540

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4547 ONSEMI-NCP4547 Datasheet
247Kb / 10P
   Advanced Load Management
January, 2012 ??Rev. 2
NCP45520 ONSEMI-NCP45520_14 Datasheet
140Kb / 15P
   Advanced Load Management
September, 2014 ??Rev. 3
NCP45560 ONSEMI-NCP45560_15 Datasheet
130Kb / 13P
   Advanced Load Management
February, 2015 ??Rev. 3
NCP45522 ONSEMI-NCP45522 Datasheet
107Kb / 10P
   Advanced Load Management
September, 2014 ??Rev. 1
NCP45541 ONSEMI-NCP45541 Datasheet
118Kb / 12P
   Advanced Load Management
February, 2015 ??Rev. 3
NCP45524 ONSEMI-NCP45524_14 Datasheet
120Kb / 14P
   Advanced Load Management
September, 2014 ??Rev. 3
NCP45526 ONSEMI-NCP45526 Datasheet
91Kb / 9P
   Advanced Load Management
September, 2014 ??Rev. 2
NCP4543 ONSEMI-NCP4543 Datasheet
248Kb / 10P
   Advanced Load Management
January, 2012 ??Rev. 4
FPF2123 ONSEMI-FPF2123 Datasheet
382Kb / 15P
   Advanced Load Management Products
October 2008 Rev. F
FPF1003A ONSEMI-FPF1003A Datasheet
1Mb / 13P
   Advanced Load Management Products
August 2012 Rev. 1.0.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com