Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP45522IMNTWG-H Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP45522IMNTWG-H
Description  Advanced Load Management
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP45522IMNTWG-H Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP45522IMNTWG-H Datasheet HTML 2Page - ON Semiconductor NCP45522IMNTWG-H Datasheet HTML 3Page - ON Semiconductor NCP45522IMNTWG-H Datasheet HTML 4Page - ON Semiconductor NCP45522IMNTWG-H Datasheet HTML 5Page - ON Semiconductor NCP45522IMNTWG-H Datasheet HTML 6Page - ON Semiconductor NCP45522IMNTWG-H Datasheet HTML 7Page - ON Semiconductor NCP45522IMNTWG-H Datasheet HTML 8Page - ON Semiconductor NCP45522IMNTWG-H Datasheet HTML 9Page - ON Semiconductor NCP45522IMNTWG-H Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NCP45522, NCP45523
http://onsemi.com
9
PACKAGE DIMENSIONS
DFN8 2x2, 0.5P
CASE 506CC
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.30 MM FROM TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
D
E
B
C
0.10
PIN ONE
2X
REFERENCE
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
L
D2
E2
C
C
0.10
C
0.10
C
0.08
A1
SEATING
PLANE
8X
NOTE 3
b
8X
0.10
C
0.05
C
A B
B
DIM
MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
b
0.20
0.30
D
2.00 BSC
D2
1.50
1.70
E
2.00 BSC
E2
0.80
1.00
e
0.50 BSC
L
0.18
0.38
1
4
8
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.50
PITCH
1.00
2.30
1
DIMENSIONS: MILLIMETERS
0.50
8X
NOTE 4
0.30
8X
DETAIL A
A3
0.20 REF
A3
A
DETAIL B
A1
A3
DETAIL B
MOLD CMPD
EXPOSED Cu
L1
−−−
0.15
OUTLINE
PACKAGE
e
RECOMMENDED
K
0.27 REF
5
1.70
K
ALTERNATE
CONSTRUCTION
L1
DETAIL A
L
ALTERNATE
CONSTRUCTIONS
L
e/2
0.20


Similar Part No. - NCP45522IMNTWG-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP45520 ONSEMI-NCP45520 Datasheet
145Kb / 10P
   ecoSWITCH Advanced Load Management Controlled Load Switch with Low RON
January, 2013 ??Rev. 1
NCP45520 ONSEMI-NCP45520 Datasheet
145Kb / 10P
   ecoSWITCH Advanced Load Management
January, 2013 ??Rev. 1
NCP45520 ONSEMI-NCP45520 Datasheet
140Kb / 15P
   Advanced Load Management
September, 2014 ??Rev. 3
NCP45520IMNTWG-H ONSEMI-NCP45520IMNTWG-H Datasheet
140Kb / 15P
   Advanced Load Management
September, 2014 ??Rev. 3
NCP45520IMNTWG-L ONSEMI-NCP45520IMNTWG-L Datasheet
140Kb / 15P
   Advanced Load Management
September, 2014 ??Rev. 3
More results

Similar Description - NCP45522IMNTWG-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4547 ONSEMI-NCP4547 Datasheet
247Kb / 10P
   Advanced Load Management
January, 2012 ??Rev. 2
NCP45520 ONSEMI-NCP45520_14 Datasheet
140Kb / 15P
   Advanced Load Management
September, 2014 ??Rev. 3
NCP45560 ONSEMI-NCP45560_15 Datasheet
130Kb / 13P
   Advanced Load Management
February, 2015 ??Rev. 3
NCP45541 ONSEMI-NCP45541 Datasheet
118Kb / 12P
   Advanced Load Management
February, 2015 ??Rev. 3
NCP45524 ONSEMI-NCP45524_14 Datasheet
120Kb / 14P
   Advanced Load Management
September, 2014 ??Rev. 3
NCP45540 ONSEMI-NCP45540 Datasheet
127Kb / 13P
   Advanced Load Management
February, 2015 ??Rev. 3
NCP45526 ONSEMI-NCP45526 Datasheet
91Kb / 9P
   Advanced Load Management
September, 2014 ??Rev. 2
NCP4543 ONSEMI-NCP4543 Datasheet
248Kb / 10P
   Advanced Load Management
January, 2012 ??Rev. 4
FPF2123 ONSEMI-FPF2123 Datasheet
382Kb / 15P
   Advanced Load Management Products
October 2008 Rev. F
FPF1003A ONSEMI-FPF1003A Datasheet
1Mb / 13P
   Advanced Load Management Products
August 2012 Rev. 1.0.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com