Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5901BEMNTBG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP5901BEMNTBG
Description  Compatible Synchronous Buck MOSFET Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5901BEMNTBG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP5901BEMNTBG Datasheet HTML 1Page - ON Semiconductor NCP5901BEMNTBG Datasheet HTML 2Page - ON Semiconductor NCP5901BEMNTBG Datasheet HTML 3Page - ON Semiconductor NCP5901BEMNTBG Datasheet HTML 4Page - ON Semiconductor NCP5901BEMNTBG Datasheet HTML 5Page - ON Semiconductor NCP5901BEMNTBG Datasheet HTML 6Page - ON Semiconductor NCP5901BEMNTBG Datasheet HTML 7Page - ON Semiconductor NCP5901BEMNTBG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2012
April, 2012 − Rev. P0
1
Publication Order Number:
NCP5901BE/D
NCP5901BE
Product Preview
VR12 Compatible
Synchronous Buck MOSFET
Drivers
The NCP5901BE is a high performance dual MOSFET gate driver
optimized to drive the gates of both high−side and low−side power
MOSFETs in a synchronous buck converter. It can drive up to 3 nF
load with a 25 ns propagation delay and 20 ns transition time.
Adaptive anti−cross−conduction and power saving operation
circuit can provide a low switching loss and high efficiency solution
for notebook and desktop systems. Bidirectional EN pin can provide
a fault signal to controller when the gate driver fault detect under
OVP, UVLO occur. Also, an under−voltage lockout function
guarantees the outputs are low when supply voltage is low.
Features
Faster Rise and Fall Times
Adaptive Anti−Cross−Conduction Circuit
Integrated Bootstrap Diode
Pre OV function
ZCD Detect
Floating Top Driver Accommodates Boost Voltages of up to 35 V
Output Disable Control Turns Off Both MOSFETs
Under−voltage Lockout
Power Saving Operation Under Light Load Conditions
Direct Interface to NCP6151 and Other Compatible PWM
Controllers
Thermally Enhanced Package
These are Pb−Free Devices
Typical Applications
Power Solutions for Desktop Systems
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
Device
Package
Shipping
ORDERING INFORMATION
NCP5901BEMNTBG
DFN8
(Pb−Free)
3000 / Tape &
Reel
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
DFN8
MN SUFFIX
CASE 506AA
MARKING DIAGRAM
AZ = Specific Device Code
M
= Date Code
G
= Pb−Free Device
AZMG
G
1
1


Similar Part No. - NCP5901BEMNTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5901B ONSEMI-NCP5901B Datasheet
144Kb / 9P
   VR12 Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP5901BDR2G ONSEMI-NCP5901BDR2G Datasheet
144Kb / 9P
   VR12 Compatible Synchronous Buck MOSFET Drivers
February, 2011 ??Rev. 1
NCP5901BDR2G ONSEMI-NCP5901BDR2G Datasheet
144Kb / 9P
   VR12 Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP5901BMNTBG ONSEMI-NCP5901BMNTBG Datasheet
144Kb / 9P
   VR12 Compatible Synchronous Buck MOSFET Drivers
February, 2011 ??Rev. 1
NCP5901BMNTBG ONSEMI-NCP5901BMNTBG Datasheet
144Kb / 9P
   VR12 Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
More results

Similar Description - NCP5901BEMNTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5901 ONSEMI-NCP5901 Datasheet
140Kb / 9P
   Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP81062 ONSEMI-NCP81062 Datasheet
88Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
July, 2011 ??Rev. 0
NCP5901E ONSEMI-NCP5901E Datasheet
132Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
April, 2012 ??Rev. P0
NCP81146 ONSEMI-NCP81146 Datasheet
131Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
October, 2013 ??Rev. 0
NCP5901MNTBG ONSEMI-NCP5901MNTBG Datasheet
140Kb / 9P
   VR12 Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP81161 ONSEMI-NCP81161 Datasheet
131Kb / 8P
   VR12.5 Compatible Synchronous Buck MOSFET Drivers
August, 2013 ??Rev. 2
NCP5901B ONSEMI-NCP5901B Datasheet
144Kb / 9P
   VR12 Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP5901BMNTBG ONSEMI-NCP5901BMNTBG Datasheet
144Kb / 9P
   VR12 Compatible Synchronous Buck MOSFET Drivers
February, 2011 ??Rev. 1
logo
Intersil Corporation
ISL6622B INTERSIL-ISL6622B Datasheet
259Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6620 INTERSIL-ISL6620 Datasheet
226Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com