Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV308SN330T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV308SN330T1G
Description  Low Quiescent Current, Programmable Delay Time Supervisory Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV308SN330T1G Datasheet(HTML) 2 Page - ON Semiconductor

  NCV308SN330T1G Datasheet HTML 1Page - ON Semiconductor NCV308SN330T1G Datasheet HTML 2Page - ON Semiconductor NCV308SN330T1G Datasheet HTML 3Page - ON Semiconductor NCV308SN330T1G Datasheet HTML 4Page - ON Semiconductor NCV308SN330T1G Datasheet HTML 5Page - ON Semiconductor NCV308SN330T1G Datasheet HTML 6Page - ON Semiconductor NCV308SN330T1G Datasheet HTML 7Page - ON Semiconductor NCV308SN330T1G Datasheet HTML 8Page - ON Semiconductor NCV308SN330T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NCP308, NCV308
www.onsemi.com
2
VDD
SENSE
Vref
+
Control Logic
and Timer
CT
90k
VDD
Adjustable Versions
NCP308SNADJ/NCP308MTADJ
SENSE
VDD
Vref
+
CT
Control Logic
and Timer
90k
VDD
NCP308SNXXX/NCP308MTXXX
Fixed Versions
R1
R2
Figure 3. Functional Block Diagrams of Adjustable and Fixed Versions
MR
RESET
MR
RESET
Figure 4. Pin Connections Diagram (Top View)
1
2
3
6
5
4
GND
VDD
SENSE
CT
RESET
MR
1
2
3
6
5
4
VDD
SENSE
CT
RESET
MR
GND
Table 1. PIN OUT DESCRIPTION
Name
Pin Number
Description
TSOP−6
WDFN6
VDD
6
1
Supply Voltage. A 0.1uF ceramic capacitor placed close to this pin is helpful for transient and
parasitic.
SENSE
5
2
Sense Input, this is the voltage to be monitored. If the voltage at this terminal drops below the
threshold voltage VIT, then RESET is asserted. SENSE does not necessary monitor VDD, it can
monitor any voltage lower than VDD.
CT
4
3
Reset Delay Time Setting Pin. Connecting this pin to VDD through a 40 k
W to 200 kW resistor or
leaving it open results in fixed reset delay times. Connecting this pin to a ground referenced
capacitor (
≥ 100 pF) gives a user−programmable reset delay time. See the Setting Reset Delay
Time section for more information.
MR
3
4
Manual Reset input, MR low asserts RESET. MR is internally tied to VDD by a 90 k
W pull−up
Resistor.
RESET
1
6
RESET Output, is an Active low open drain N−Channel MOSFET output, it is driven to a low
impedance state when RESET is asserted (either the SENSE input is lower than the threshold
voltage (VIT) or the MR pin is set to a logic low). RESET will keep low (asserted) for the reset
delay time after both SENSE is above VIT and MR is set to a logic high. A pull−up resistor from
10k
W to 1MW should be used on this pin. See Figure 5 for behavior of RESET depends on VDD,
SENSE and MR conditions.
GND
2
5
Ground terminal. Should be connected to PCB ground reference
EXP
PAD
Exposed
Pad
Exposed pad, under WDFN6 package, connect it to ground plane for better thermal dissipation.


Similar Part No. - NCV308SN330T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV308SN180T1G ONSEMI-NCV308SN180T1G Datasheet
196Kb / 10P
   Low Quiescent Current, Programmable Delay Time, Supervisory Circuit
June, 2019 ??Rev. 0
NCV308SN500T1G ONSEMI-NCV308SN500T1G Datasheet
196Kb / 10P
   Low Quiescent Current, Programmable Delay Time, Supervisory Circuit
June, 2019 ??Rev. 0
More results

Similar Description - NCV308SN330T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV308 ONSEMI-NCV308 Datasheet
196Kb / 10P
   Low Quiescent Current, Programmable Delay Time, Supervisory Circuit
June, 2019 ??Rev. 0
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com