Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV308SN330T1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV308SN330T1G
Description  Low Quiescent Current, Programmable Delay Time Supervisory Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV308SN330T1G Datasheet(HTML) 5 Page - ON Semiconductor

  NCV308SN330T1G Datasheet HTML 1Page - ON Semiconductor NCV308SN330T1G Datasheet HTML 2Page - ON Semiconductor NCV308SN330T1G Datasheet HTML 3Page - ON Semiconductor NCV308SN330T1G Datasheet HTML 4Page - ON Semiconductor NCV308SN330T1G Datasheet HTML 5Page - ON Semiconductor NCV308SN330T1G Datasheet HTML 6Page - ON Semiconductor NCV308SN330T1G Datasheet HTML 7Page - ON Semiconductor NCV308SN330T1G Datasheet HTML 8Page - ON Semiconductor NCV308SN330T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NCP308, NCV308
www.onsemi.com
5
Table 4. ELECTRICAL CHARACTERISTICS 1.6 V
≤ VDD ≤ 5.5 V, Rpullup = 100 kW, CLRESET = 50 pF, over operating
temperature range (TJ = −40°C to +125°C), unless otherwise specified. Typical values are at TJ = +25°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Supply Voltage Range
−40
°C < TJ < +125°C
1.6
5.5
V
VDD(min)
Minimum VDD Guaranteed RESET
Output Valid (Note 4)
0.5
0.8
V
IDD
Supply Current (Current into VDD
pin)
VDD = 3.3V, RESET not asserted
MR, RESET, CT open
1.6
5.0
mA
VDD = 5.5V, RESET not asserted
MR, RESET, CT open
1.6
6.0
VOL
Low−level output voltage of RESET
1.3V
≤ VDD < 1.6V, IOL = 0.4 mA
0.3
V
1.6V
≤ VDD ≤ 5.5V, IOL = 1.0 mA
0.4
VIT%
Negative going SENSE threshold
voltage accuracy
−1.75
±0.75
+1.75
%
TJ = +25°C
−0.31
0.31
−20
°C < TJ < +85°C
−1.0
±0.5
+1.0
VHYS
Hysteresis on
VIT
1.6V
≤VDD≤4.2V
1.0
3.0
%VIT
4.2V
≤VDD≤5.5V
1.75
3.75
RMR
MR Internal pull−up resistance
90
k
W
ISENSE
Input current at
SENSE pin
NCP308XXADJ
VSENSE = VIT
10
nA
Fixed versions
VSENSE = 5.5 V
110
IOH
RESET leakage Current
VRESET = 5.5 V, RESET not
asserted
300
nA
CIN
Input
capacitance, any
pin
CT pin
VIN = 0 V to VDD
5
pF
Other pins
VIN = 0 V to 5.5 V
5
VIL
MR logic low input
0
0.3 VDD
V
VIH
MR logic high input
0.7 VDD
VDD
V
tw
Input pulse width
to assert RESET
SENSE
VIH = 1.05 VIT, VIL = 0.95 VIT
20
ms
MR
VIH = 0.7 VDD, VIL = 0.3 VDD
150
tD
Reset delay time
CT = Open
CT = VDD
CT = 100 pF
CT = 180 nF
(Guaranteed by design and
characterization)
20
300
1.25
1200
ms
tP1
Propagation
delay from MR
MR to RESET
VIH = 0.7 VDD, VIL = 0.3 VDD
150
ns
tP2
Propagation
delay from
SENSE
SENSE to
RESET
VIH = 1.05 VIT, VIL = 0.95 VIT
20
ms
4. The lowest supply voltage (VDD) at which RESET becomes active.
5. NCP308XX: XX = MT (WDFN6 package) or SN (TSOP−6 package).


Similar Part No. - NCV308SN330T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV308SN180T1G ONSEMI-NCV308SN180T1G Datasheet
196Kb / 10P
   Low Quiescent Current, Programmable Delay Time, Supervisory Circuit
June, 2019 ??Rev. 0
NCV308SN500T1G ONSEMI-NCV308SN500T1G Datasheet
196Kb / 10P
   Low Quiescent Current, Programmable Delay Time, Supervisory Circuit
June, 2019 ??Rev. 0
More results

Similar Description - NCV308SN330T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV308 ONSEMI-NCV308 Datasheet
196Kb / 10P
   Low Quiescent Current, Programmable Delay Time, Supervisory Circuit
June, 2019 ??Rev. 0
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com