Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4206 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP4206
Description  Digital Programmable Multi-Phase Synchronous Buck Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4206 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP4206 Datasheet HTML 2Page - ON Semiconductor NCP4206 Datasheet HTML 3Page - ON Semiconductor NCP4206 Datasheet HTML 4Page - ON Semiconductor NCP4206 Datasheet HTML 5Page - ON Semiconductor NCP4206 Datasheet HTML 6Page - ON Semiconductor NCP4206 Datasheet HTML 7Page - ON Semiconductor NCP4206 Datasheet HTML 8Page - ON Semiconductor NCP4206 Datasheet HTML 9Page - ON Semiconductor NCP4206 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
NCP4206
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS
VIN = (5.0 V) FBRTN − GND, for typical values TA = 25°C, for min/max values TA = 0°C to 85°C; unless otherwise noted. (Notes 6 and 8)
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
ERROR AMPLIFIER
Offset Accuracy
VR Offset Register = 111111, VID = 1.0 V
VR Offset Register = 011111, VID = 1.0 V
−193.75
193.75
mV
FBRTN Current
IFBRTN
70
200
mA
Output Current
FB forced to VOUT −3%
ICOMP
500
mA
Gain Bandwidth Product
COMP = FB
GBW(ERR)
20
MHz
Slew Rate
COMP = FB
25
V/ms
BOOT Voltage Hold Time
Internal Timer
tBOOT
2.0
ms
VID INPUTS
Input Low Voltage
Input High Voltage
VID(X)
VIL(VID)
VIH(VID)
0.8
0.3
V
Input Current
IIN(VID)
−5.0
mA
VID Transition Delay Time
VID code change to FB change
400
ns
No CPU Detection Turn−Off Delay
Time
VID code change to PWM going low
5.0
ms
OSCILLATOR
Frequency Range
fOSC
0.25
9.0
MHz
Frequency Variation
TA = 25°C, RT = 500 kW, 4−phase
TA = 25°C, RT = 250 kW, 4−phase
TA = 25°C, RT = 121 kW, 4−phase
fPHASE
170
195
375
750
225
kHz
Output Voltage
RT = 500 kW to GND
VRT
1.9
2.0
2.1
V
RAMPADJ Output Voltage
RAMPADJ − FB, VFB = 1.0 V,
IRAMPADJ = −150 mA
VRAMPADJ
−50
+50
mV
RAMPADJ Input Current Range
IRAMPADJ
5.0
125
mA
CURRENT SENSE AMPLIFIER
Offset Voltage
CSSUM − CSREF (Note 9)
VOS(CSA)
−1.0
+1.0
mV
Input Bias Current, CSREF
CSREF = 1.0 V
IBIAS(CSREF)
−20
+20
mA
Input Bias Current, CSSUM
CSREF = 1.0 V
IBIAS(CSSUM)
−10
+10
nA
Gain Bandwidth Product
CSSUM = CSCOMP
GBW(CSA)
10
MHz
Slew Rate
CCSCOMP = 10 pF
10
V/ms
Input Common−Mode Range
CSSUM and CSREF
0
3.0
V
Output Voltage Range
0.05
3.0
V
Output Current
ICSCOMP
500
mA
Current Limit Latchoff Delay Time
Internal Timer
8.0
ms
PSI
Input Low Voltage
Input High Voltage
0.8
0.3
V
Input Current
−5.0
mA
Assertion Timing
Fsw = 300kHz
3.3
ms
De−assertion Timing
Fsw = 300kHz
825
ns
6. Refer to Absolute Maximum Ratings and Application Information for Safe Operating Area.
7. Performance guaranteed over the indicated operating temperature range by design and/or characterization tested at TJ = TA = 25_C. Low
duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
8. Refer to Application Information Note.
9. Values based on design and/or characterization.


Similar Part No. - NCP4206

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4200 ONSEMI-NCP4200 Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4200MNR2G ONSEMI-NCP4200MNR2G Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4200MNR2G ONSEMI-NCP4200MNR2G Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
NCP4201 ONSEMI-NCP4201 Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
More results

Similar Description - NCP4206

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81040 ONSEMI-NCP81040 Datasheet
237Kb / 28P
   Programmable Multi-Phase Synchronous Buck Converter
October, 2015 ??Rev. 1
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
ADP4100 ONSEMI-ADP4100 Datasheet
265Kb / 22P
   Programmable Multi-Phase Synchronous Buck Converter
March, 2008 ??Rev. P0
NCP4208 ONSEMI-NCP4208_13 Datasheet
303Kb / 30P
   Digital Programmable 8-Phase Synchronous Buck Converter
September, 2013 ??Rev. 5
ADP4000 ONSEMI-ADP4000 Datasheet
454Kb / 37P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
June, 2008 -- Rev. P0
NCP4200 ONSEMI-NCP4200 Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4201MNR2G ONSEMI-NCP4201MNR2G Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
ADP3207DJCPZ-RL ONSEMI-ADP3207DJCPZ-RL Datasheet
494Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
December, 2009 ??Rev. 0
NCP4208 ONSEMI-NCP4208 Datasheet
314Kb / 30P
   VR11.1 Programmable 8-Phase Synchronous Buck Converter with PMBus
August, 2009 ??Rev. 0
logo
International Rectifier
CHL8316 IRF-CHL8316 Datasheet
294Kb / 2P
   Digital Multi-Phase Buck Controller Programmable 1-phase to 6-phase operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com