Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3334AMTADJTBG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP3334AMTADJTBG
Description  Ultra High Accuracy Low Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3334AMTADJTBG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP3334AMTADJTBG Datasheet HTML 1Page - ON Semiconductor NCP3334AMTADJTBG Datasheet HTML 2Page - ON Semiconductor NCP3334AMTADJTBG Datasheet HTML 3Page - ON Semiconductor NCP3334AMTADJTBG Datasheet HTML 4Page - ON Semiconductor NCP3334AMTADJTBG Datasheet HTML 5Page - ON Semiconductor NCP3334AMTADJTBG Datasheet HTML 6Page - ON Semiconductor NCP3334AMTADJTBG Datasheet HTML 7Page - ON Semiconductor NCP3334AMTADJTBG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NCP3334A
www.onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 2. Output Voltage vs. Temperature
Figure 3. Ground Current vs. Output Current
TEMPERATURE (
°C)
OUTPUT CURRENT (A)
100
80
60
40
20
0
−20
−40
1.178
1.179
1.180
1.181
1.182
1.183
1.184
0.5
0.4
0.3
0.2
0.1
0
0
1
2
3
4
6
7
8
Figure 4. Dropout Voltage vs. Output Current
Figure 5. Quiescent Current vs. Input Voltage
OUTPUT CURRENT (mA)
INPUT VOLTAGE (V)
450
400
350
300
200
150
100
50
50
75
100
125
175
200
225
250
11
9
8
7
5
4
3
2
40
60
80
100
120
140
160
Figure 6. Enable OFF Threshold
Figure 7. Peak and Short Current vs.
Temperature
ENABLE VOLTAGE (V)
TEMPERATURE (
°C)
1.8
1.6
1.2
1.0
0.6
0.4
0.2
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
120
100
80
60
40
20
0
0
100
200
400
500
600
800
900
120
250
500
150
0.8
1.4
2.0
5
300
700
610
12
Peak Current
Voutnom = 1.178 V
VIN = 2.9 V
TA = 25°C
Short Current
Voutnom = 1.178 V
IOUT = 0
TA = 25°C
VIN = 2.9 V
Voutnom = 1.178 V
TA = 25°C
TA = −40°C
TA = 125°C
Voutnom = 2.5 V
TA = 25°C
Voutnom = 1.178 V
IOUT = 0.1 mA
VIN = 12 V
VIN = 6 V
VIN = 2.9 V
Voutnom = 1.178 V
IOUT = 0.1 mA
TA = 25°C
VIN = 12 V
VIN = 10 V
VIN = 5 V
VIN = 2.9 V


Similar Part No. - NCP3334AMTADJTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3334 ONSEMI-NCP3334 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP3334DADJG ONSEMI-NCP3334DADJG Datasheet
81Kb / 7P
   High Accuracy, Ultra Low Iq, 500 mA Adjustable Low Dropout Regulator
April, 2006 ??Rev. 2
NCP3334DADJR2G ONSEMI-NCP3334DADJR2G Datasheet
81Kb / 7P
   High Accuracy, Ultra Low Iq, 500 mA Adjustable Low Dropout Regulator
April, 2006 ??Rev. 2
More results

Similar Description - NCP3334AMTADJTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8535 ONSEMI-NCV8535_17 Datasheet
314Kb / 22P
   Ultra High Accuracy 500 mA Low Dropout Regulator
October, 2017 ??Rev. 5
NCP3335A ONSEMI-NCP3335A_07 Datasheet
283Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4
NCP3335A ONSEMI-NCP3335A Datasheet
128Kb / 15P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
April, 2006 ??Rev. 3
NCP3335 ONSEMI-NCP3335 Datasheet
128Kb / 8P
   High Accuracy Ultra-low Iq, 500 mA Low Dropout Regulator
April, 2005 ??Rev. 1
NCP3335A ONSEMI-NCP3335A_13 Datasheet
273Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
June, 2013 ??Rev. 5
NCP3335 ONSEMI-NCP3335_06 Datasheet
267Kb / 9P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
September, 2006 ??Rev. 5
NCV8537 ONSEMI-NCV8537_17 Datasheet
1Mb / 16P
   High Accuracy Low Dropout Linear Regulator
October, 2017 ??Rev. 4
NCP3334DADJR2G ONSEMI-NCP3334DADJR2G Datasheet
81Kb / 7P
   High Accuracy, Ultra Low Iq, 500 mA Adjustable Low Dropout Regulator
April, 2006 ??Rev. 2
logo
Infineon Technologies A...
TLE4254 INFINEON-TLE4254 Datasheet
473Kb / 21P
   High Accuracy Low Dropout Voltage Tracking Regulator
Rev. 1.2, 2009-11-18
logo
Analog Devices
ADP3338AKCZ-2.5RL7 AD-ADP3338AKCZ-2.5RL7 Datasheet
295Kb / 16P
   High Accuracy, Ultralow I Low Dropout Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com