Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP308SN250T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP308SN250T1G
Description  Low Quiescent Current, Programmable Delay Time Supervisory Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP308SN250T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP308SN250T1G Datasheet HTML 1Page - ON Semiconductor NCP308SN250T1G Datasheet HTML 2Page - ON Semiconductor NCP308SN250T1G Datasheet HTML 3Page - ON Semiconductor NCP308SN250T1G Datasheet HTML 4Page - ON Semiconductor NCP308SN250T1G Datasheet HTML 5Page - ON Semiconductor NCP308SN250T1G Datasheet HTML 6Page - ON Semiconductor NCP308SN250T1G Datasheet HTML 7Page - ON Semiconductor NCP308SN250T1G Datasheet HTML 8Page - ON Semiconductor NCP308SN250T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2014
December, 2014 − Rev. 6
1
Publication Order Number:
NCP308/D
NCP308, NCV308
Low Quiescent Current,
Programmable Delay Time,
Supervisory Circuit
The NCP308 series is one of the ON Semiconductor Supervisory
circuit IC families. It is optimized to monitor system voltages from
0.405 V to 5.5 V, asserting an active low open−drain RESET output,
together with Manual Reset (MR) Input. The part comes with both
fixed and externally adjustable versions.
Features
Wide Supply Voltage Range 1.6 to 5.5 V
Very Low Quiescent Current 1.6 mA
Fixed Threshold Voltage Versions for Standard Voltage Rails
Including 0.9 V, 1.2 V, 1.25 V, 1.5 V, 1.8 V, 1.9 V, 2.5 V, 2.8 V, 3.0 V,
3.3 V, 5.0 V
Adjustable Version with Low Threshold Voltage 0.405 V (min)
High Threshold Voltage Accuracy: 0.31% typ
Support Manual Reset Input ( MR)
Open−Drain RESET Output (Push−pull Output upon Request)
Flexible Delay Time Programmability: 1.25 ms to 10 s
Temperature Range: −40°C to +125°C
Small TSOP−6 and WDFN6 2 x 2 mm, Pb−Free packages
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These are Pb−Free Devices
Typical Applications
DSP or Microcontroller Applications
Notebook/Desktop Computers
PDAs/Hand−Held Products
Portable/Battery−Powered Products
FPGA/ASIC Applications
MR
VDD
(Optional)
Rpullup
SENSE
CT
GND
VDD
CT
R1
R2
Figure 1. Typical Application Circuit for Adjustable
Versions
1 nF
(Optional)
NCP308XXADJ
DSP/
RESET
Figure 2. Typical Application Circuit for Fixed
Versions
Processor
VIN
MR
RESET
MR
VDD
(Optional)
Rpullup
SENSE
CT
GND
VDD
CT
DSP/
RESET
Processor
VIN
MR
RESET
See detailed ordering and shipping information in the ordering
information section on page 9 of this data sheet.
ORDERING INFORMATION
TSOP−6
CASE 318G
www.onsemi.com
MARKING
DIAGRAMS
(Note: Microdot may be in either location)
1
XXX, XX= Specific Device Code
A
=Assembly Location
Y
= Year
W
= Work Week
M
= Date Code
G
= Pb−Free Package
XXXAYW
G
G
1
WDFN6
CASE 511BR
XX M
1


Similar Part No. - NCP308SN250T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP300 ONSEMI-NCP300 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
NCP300 ONSEMI-NCP300 Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300 Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
More results

Similar Description - NCP308SN250T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV308 ONSEMI-NCV308 Datasheet
196Kb / 10P
   Low Quiescent Current, Programmable Delay Time, Supervisory Circuit
June, 2019 ??Rev. 0
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com