Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP720BMT100TBG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP720BMT100TBG
Description  Very Low Dropout Bias Rail CMOS Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP720BMT100TBG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP720BMT100TBG Datasheet HTML 1Page - ON Semiconductor NCP720BMT100TBG Datasheet HTML 2Page - ON Semiconductor NCP720BMT100TBG Datasheet HTML 3Page - ON Semiconductor NCP720BMT100TBG Datasheet HTML 4Page - ON Semiconductor NCP720BMT100TBG Datasheet HTML 5Page - ON Semiconductor NCP720BMT100TBG Datasheet HTML 6Page - ON Semiconductor NCP720BMT100TBG Datasheet HTML 7Page - ON Semiconductor NCP720BMT100TBG Datasheet HTML 8Page - ON Semiconductor NCP720BMT100TBG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2015
April, 2015 − Rev. 0
1
Publication Order Number:
NCP720/D
NCP720
350mA, Very Low Dropout
Bias Rail CMOS Voltage
Regulator
The NCP720 is a 350 mA VLDO equipped with NMOS pass
transistor and a separate bias supply voltage (VBIAS). The device
provides very stable, accurate output voltage with low noise suitable
for space constrained, noise sensitive applications. In order to
optimize performance for battery operated portable applications, the
NCP720 features low IQ consumption. The WDFN6 2 mm x 2 mm
package is optimized for use in space constrained applications.
Features
Input Voltage Range: 0.8 V to 5.5 V
Bias Voltage Range: 2.4 V to 5.5 V
Fixed Output Voltage Device
Output Voltage Range: 0.8 V to 2.1 V
±2% Accuracy over Temperature
Ultra−Low Dropout: 110 mV typically at 350 mA
Very Low Bias Input Current of Typ. 80 mA
Very Low Bias Input Current in Disable Mode: Typ. 0.5 mA
Low Noise, High PSRR
Built−In Soft−Start with Monotonic VOUT Rise
Stable with a 2.2 mF Ceramic Capacitor
Available in WDFN6 − 2 mm x 2 mm Package
These are Pb−Free Devices
Typical Applications
Battery−powered Equipment
Smartphones, Tablets
Cameras, DVRs, STB and Camcorders
BIAS
IN
EN
OUT
GND
2.2
mF
VOUT
1.5 V @ 350 mA
VBIAS
VIN
VEN
NCP720
Figure 1. Typical Application Schematics
www.onsemi.com
See detailed ordering, marking and shipping information on
page 8 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
WDFN6
CASE 511BR
PIN CONNECTIONS
Thermal
T
Pad
1
2
3
6
5
4
OUT
NC
EN
IN
GND
BIAS
(Top VIew)
XX = Specific Device Code
M
= Date Code
XX M
1


Similar Part No. - NCP720BMT100TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP720BMT100TBG ONSEMI-NCP720BMT100TBG Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 1
NCP720BMT100TBG ONSEMI-NCP720BMT100TBG Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
May, 2017 ??Rev. 2
More results

Similar Description - NCP720BMT100TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8720 ONSEMI-NCV8720 Datasheet
349Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2016 ??Rev. 1
NCV8130 ONSEMI-NCV8130 Datasheet
153Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
June, 2017 ??Rev. 0
NCP720 ONSEMI-NCP720_16 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 1
NCP120 ONSEMI-NCP120 Datasheet
136Kb / 8P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 2
NCV8133 ONSEMI-NCV8133 Datasheet
266Kb / 11P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1
NCP720 ONSEMI-NCP720_17 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
May, 2017 ??Rev. 2
NCP134 ONSEMI-NCP134_16 Datasheet
172Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2016 ??Rev. 2
NCP145 ONSEMI-NCP145 Datasheet
279Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2018 ??Rev. 1
NCP130 ONSEMI-NCP130 Datasheet
146Kb / 9P
   300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 3
NCP130 ONSEMI-NCP130_15 Datasheet
153Kb / 9P
   300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com