Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCN5151 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCN5151
Description  Wired M-BUS Slave Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN5151 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCN5151 Datasheet HTML 5Page - ON Semiconductor NCN5151 Datasheet HTML 6Page - ON Semiconductor NCN5151 Datasheet HTML 7Page - ON Semiconductor NCN5151 Datasheet HTML 8Page - ON Semiconductor NCN5151 Datasheet HTML 9Page - ON Semiconductor NCN5151 Datasheet HTML 10Page - ON Semiconductor NCN5151 Datasheet HTML 11Page - ON Semiconductor NCN5151 Datasheet HTML 12Page - ON Semiconductor NCN5151 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
NCN5151
www.onsemi.com
9
NCN5151
STC
RIDD
GND
CSTC
RIS
VDD
VIO
RX
RXI
TX
TXI
mC
SC
RIDD
CSC
CVDD
BUSL2
VB
BUSL1
R BUS1
R BUS2
TVS1
RIS
PMODE
OD
3WLPM
2WLPM
1
PF
76
9
20
13
16
19
2
4
5
10
15
8
12
11
17
18
3
M−BUS
VSTC
VDD
VSTC
VDD
VBB
VBB
PC20130419.6
Figure 5. Optically Isolated Application Schematic
Table 16. TYPICAL BILL OF MATERIALS − M−BUS MODE
Reference Designator
Value (Typical)
Tolerance
Manufacturer
Part Number
U1
ON Semiconductor
NCN5151
TVS1
40 V
ON Semiconductor
1SMA40CAT3G
CVDD
≥1 mF
−20%,
+80%
RIS
100
W
1%
CSC
220 nF
−20%,
+80%
RBUS1, RBUS2
220
W
10%
RIDD
1 UL
30 k
W
1%
2 UL
13 k
W
1%
3 UL (Note 29)
8.45 k
W
1%
4 UL (Note 29)
6.19 k
W
1%
5 UL (Note 29)
4.87 k
W
1%
6 UL (Note 29)
4.02 k
W
1%
CSTC
1 UL
<330
mF
10%
2 UL
<680
mF
10%
3 UL (Note 29)
<1000
mF
10%
4 UL (Note 29)
<1500
mF
10%
5 UL (Note 29)
<2200
mF
10%
6 UL (Note 29)
<2200
mF
10%
29. 3−6 UL configurations are only possible for the NQFP variant.


Similar Part No. - NCN5151

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN5150 ONSEMI-NCN5150 Datasheet
178Kb / 12P
   Wired M-BUS Slave Transceiver
September, 2013 ??Rev. 2
NCN5150DG ONSEMI-NCN5150DG Datasheet
178Kb / 12P
   Wired M-BUS Slave Transceiver
September, 2013 ??Rev. 2
NCN5150DG ONSEMI-NCN5150DG Datasheet
132Kb / 12P
   Wired M-BUS Slave Transceiver
May, 2015 ??Rev. 3
NCN5150DR2G ONSEMI-NCN5150DR2G Datasheet
178Kb / 12P
   Wired M-BUS Slave Transceiver
September, 2013 ??Rev. 2
NCN5150DR2G ONSEMI-NCN5150DR2G Datasheet
132Kb / 12P
   Wired M-BUS Slave Transceiver
May, 2015 ??Rev. 3
More results

Similar Description - NCN5151

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN5150 ONSEMI-NCN5150_15 Datasheet
132Kb / 12P
   Wired M-BUS Slave Transceiver
May, 2015 ??Rev. 3
NCN5150 ONSEMI-NCN5150 Datasheet
178Kb / 12P
   Wired M-BUS Slave Transceiver
September, 2013 ??Rev. 2
logo
Texas Instruments
TSS521 TI1-TSS521 Datasheet
807Kb / 17P
[Old version datasheet]   Meter-Bus Transceiver (for Slave) Meets
logo
Actel Corporation
EP100 ACTEL-EP100 Datasheet
76Kb / 2P
   EP100 PowerPC Bus Slave
logo
Digital Core Design
DI2CS DCD-DI2CS Datasheet
140Kb / 4P
   I2C Bus Interface - Slave
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
   I2C Bus Interface - Master/Slave
DI2CSB DCD-DI2CSB Datasheet
136Kb / 4P
   I2C Bus Interface Slave - Base version
logo
Yamar Electronics Ltd.
SIG61 YAMAR-SIG61 Datasheet
594Kb / 15P
   Smart Slave for DC-BUS Powerline Network
logo
Fairchild Semiconductor
DM74LS645 FAIRCHILD-DM74LS645 Datasheet
52Kb / 5P
   Octal Bus Transceiver
logo
Toshiba Semiconductor
TC74LVX245F TOSHIBA-TC74LVX245F Datasheet
270Kb / 8P
   OCTAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com