Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6501UKP085-T Datasheet(PDF) 1 Page - ON Semiconductor

Part # MAX6501UKP085-T
Description  Ultra Small Temperature Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAX6501UKP085-T Datasheet(HTML) 1 Page - ON Semiconductor

  MAX6501UKP085-T Datasheet HTML 1Page - ON Semiconductor MAX6501UKP085-T Datasheet HTML 2Page - ON Semiconductor MAX6501UKP085-T Datasheet HTML 3Page - ON Semiconductor MAX6501UKP085-T Datasheet HTML 4Page - ON Semiconductor MAX6501UKP085-T Datasheet HTML 5Page - ON Semiconductor MAX6501UKP085-T Datasheet HTML 6Page - ON Semiconductor MAX6501UKP085-T Datasheet HTML 7Page - ON Semiconductor MAX6501UKP085-T Datasheet HTML 8Page - ON Semiconductor MAX6501UKP085-T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2003
February, 2003 - Rev. 2
1
Publication Order Number:
MAX6501/D
MAX6501, MAX6502
Ultra Small Temperature
Switch with Pin−Selectable
Hysteresis
The MAX6501 and MAX6502 are SOT-23 temperature switches
that require no external components and the design is facilitated with
factory- programmed temperature thresholds. A choice of
factory-trimmed temperature trip points are available. Pin selectable
hysteresis of +2
°C or +10°C allows flexibility to the design. These
parts typically consume only 17
µA of current and operate over the
entire -55
°C to +125°C temperature range while offering accuracies
of
"0.5°C (typ) and "4°C (max).
The MAX6501 has an open drain, active low output, meant for
microprocessor reset control. The MAX6502 has a CMOS, active high
output designed to drive a logic level MOSFET to turn on a fan or
heater element.
The MAX6501/6502 are aimed for hot-temperature monitoring
(+45
°C to +115°C). These devices assert a logic signal when the
temperature goes above the threshold.
The MAX6501 and MAX6502 are offered in five standard
temperature thresholds. Available in 5-Pin SOT-23A packages, these
parts are ideal for applications requiring high integration, small size,
low power and low installed cost.
Features
5-Pin SOT-23A
Factory-Programmed Thresholds from +45°C to +115°C in 10°C
Increments
Pin-Selectable +2°C or +10°C Hysteresis
"0.5°C (Typ) Threshold Accuracy Over Full Temperature Range
No External Components Required
17 µA Supply Current
Typical Applications
Thermal Management in PCs and Servers
Over Temperature Fail Safe Circuits
Simple Fan Controller
Temperature Alarms
Projectors/Printers
Notebook Computers
Network Boxes
SOT-23A
CASE 1212
1
PIN CONNECTIONS
2
3
4
5
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 9 of this data sheet.
DEVICE MARKING INFORMATION
5
1
2
4
3
TOVER
(TOVER)*
GND
VCC
*For MAX6502
Note: 5-Pin SOT-23A is equivalent to EIAJ SC-74A
GND
HYST
MAX6501
MAX6502
http://onsemi.com


Similar Part No. - MAX6501UKP085-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6501UKP085-T MAXIM-MAX6501UKP085-T Datasheet
397Kb / 8P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220
Rev 2; 11/99
More results

Similar Description - MAX6501UKP085-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT51 ONSEMI-NCT51 Datasheet
124Kb / 12P
   Ultra Small Temperature Switch with Pin-Selectable Hysteresis
June, 2002 ??Rev. 1
logo
Omron Electronics LLC
B3U OMRON-B3U Datasheet
1Mb / 6P
   Ultra-small Tactile Switch
logo
ON Semiconductor
NL7WB66 ONSEMI-NL7WB66_11 Datasheet
124Kb / 7P
   Ultra-Small SPST Analog Switch
August, 2011 ??Rev. 4
NL7WB66USG ONSEMI-NL7WB66USG Datasheet
124Kb / 7P
   Ultra-Small SPST Analog Switch
August, 2011 ??Rev. 4
NL7WB66 ONSEMI-NL7WB66 Datasheet
86Kb / 10P
   Ultra-Small SPST Analog Switch
August, 2003 ??Rev. P0
NL7WB66 ONSEMI-NL7WB66_15 Datasheet
81Kb / 7P
   Ultra-Small SPST Analog Switch
July, 2015 ??Rev. 6
logo
Texas Instruments
TMP390 TI1-TMP390 Datasheet
995Kb / 28P
[Old version datasheet]   Ultra-Small, Dual-Channel, 0.5-關A, Resistor-Programmable Temperature Switch
logo
Analog Technologies, In...
ATTB32B ANALOGTECHNOLOGIES-ATTB32B Datasheet
143Kb / 2P
   Ultra Small High Temperature Plastic Tubing
6/11/2015
ATTB30B ANALOGTECHNOLOGIES-ATTB30B Datasheet
144Kb / 2P
   Ultra Small High Temperature Plastic Tubing
6/11/2015
logo
California Eastern Labs
UPG2030TK CEL-UPG2030TK Datasheet
472Kb / 10P
   1 W ULTRA SMALL SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com