Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33283FTB28 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC33283FTB28
Description  Versatile 6 Regulator Power Management Circuit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33283FTB28 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC33283FTB28 Datasheet HTML 2Page - ON Semiconductor MC33283FTB28 Datasheet HTML 3Page - ON Semiconductor MC33283FTB28 Datasheet HTML 4Page - ON Semiconductor MC33283FTB28 Datasheet HTML 5Page - ON Semiconductor MC33283FTB28 Datasheet HTML 6Page - ON Semiconductor MC33283FTB28 Datasheet HTML 7Page - ON Semiconductor MC33283FTB28 Datasheet HTML 8Page - ON Semiconductor MC33283FTB28 Datasheet HTML 9Page - ON Semiconductor MC33283FTB28 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
MC33283
http://onsemi.com
6
REGULATOR R2
ELECTRICAL CHARACTERISTICS (For typical values TA = 25°C, for min/max values TA = −40°C to +85°C/ Max TJ = 125°C unless
otherwise noted)
Characteristics
Test Conditions
Min
Typ
Max
Unit
Notes
Output Voltage
3.13V < Vcc1 < 6.5V
2.70
2.85
3.00
V
Limits apply over all
normal operating
conditions, except
load transient
response
Line Regulation
1Vpp @ Iout = 75mA
0.5
10
mV
Load Regulation
0mA < Iout < 100mA
3.0
12
mV
PSRR
1V pk−pk, Iout = 75mA
0kHz < f < 3kHz
3kHz < f < 8kHz
8kHz < f < 10kHz
50
40
35
60
50
45
dB
EN2−EN7 disabled,
Vcc2 connected
Quiescent current
(ground current)
ON, Iout = 120mA
ON, Iout = 100μA
4.5
70
6.5
120
mA
μA
Short circuit current
180
250
mA
Integrated RMS Noise
10Hz − 100kHz, Iout = 75mA
40
μV
Settling time
3.0V > Vout > 2.7V, Iout = 120mA
0.1
ms
Von/off 0 to 2.4V
(regulated enabled)
The regulator must function normally under the following conditions:
Load current
0
120
mA
Output capacitor
0.8
1.0
μF
Ceramic
Capacitor ESR
0.01
0.1
1.0
W


Similar Part No. - MC33283FTB28

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33282 ONSEMI-MC33282 Datasheet
248Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
REV 0
logo
International Rectifier
MC33282 IRF-MC33282 Datasheet
5Mb / 30P
   Drives 1 x 70W HID lamp
logo
ON Semiconductor
MC33284 ONSEMI-MC33284 Datasheet
248Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
REV 0
logo
Freescale Semiconductor...
MC33285 FREESCALE-MC33285 Datasheet
251Kb / 5P
   Automotive Dual High Side TMOS Driver
MC33285D FREESCALE-MC33285D Datasheet
251Kb / 5P
   Automotive Dual High Side TMOS Driver
More results

Similar Description - MC33283FTB28

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PFM4914XB6M24D0YZZ VICOR-PFM4914XB6M24D0YZZ Datasheet
6Mb / 24P
   Versatile thermal management
logo
Teridian Semiconductor ...
73S8009C TERIDIAN-73S8009C_V01 Datasheet
360Kb / 32P
   Versatile Power Management and Smart Card Interface IC
February 2010
73S8009C TERIDIAN-73S8009C Datasheet
364Kb / 33P
   Versatile Power Management and Smart Card Interface IC
logo
ELM Electronics
ELM409 ELM-ELM409 Datasheet
57Kb / 8P
   Versatile Debounce Circuit
logo
Rohm
BD71837AMWV ROHM-BD71837AMWV Datasheet
1Mb / 129P
   Power Management Integrated Circuit
16.Mar.2020 Rev.003
BD71837MWV ROHM-BD71837MWV Datasheet
3Mb / 131P
   Power Management Integrated Circuit
BD71850MWV ROHM-BD71850MWV Datasheet
1Mb / 119P
   Power Management Integrated Circuit
16.Mar.2020 Rev.002
BD71847AMWV ROHM-BD71847AMWV Datasheet
3Mb / 120P
   Power Management Integrated Circuit
logo
NXP Semiconductors
TEA1118 PHILIPS-TEA1118 Datasheet
188Kb / 24P
   Versatile cordless transmisssion circuit
1997 Jul 14
logo
Freescale Semiconductor...
MC13783VKR2 FREESCALE-MC13783VKR2 Datasheet
3Mb / 50P
   Power Management and Audio Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com