Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUC156030CSS20x Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HUC156030CSS20x
Description  Ultrastar짰 C15K600
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HUC156030CSS20x Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HUC156030CSS20x Datasheet HTML 1Page - List of Unclassifed Manufacturers HUC156030CSS20x Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Ultrastar® C15K600
DATA SHEET
2.5-INCH SFF ENTERPRISE 15K RPM HARD DISK DRIVES
How to read the Ultrastar model number
HUC156060CSS200 = 600GB, SAS 12Gb/s
H = HGST
U = Ultrastar
C = Compact (vs S for Standard)
15 = 15,000 RPM
60 = Full capacity — 600GB
60 = Capacity this model, 60 = 600GB
(45 = 450GB, 30 = 300GB)
C = Generation code
S = 15mm z-height
S2 = Interface, SAS 12Gb/s 512n
(42 = SAS 12Gb/s 4Kn/512e)
0 = Reserved
0 = Data Security Mode
(0 = Instant secure erase
1 = TCG SED
4 = Secure erase
5 = TCG SED with FIPS)
Model No.
HUC156060CSS20x
HUzC156045CSS20x
HUC156030CSS20x
HUC156060CS420x
HUC156045CS420x
HUC156030CS420x
Configuration
Interface
SAS 12Gb/s
f
Capacity1 (GB)
600GB / 450GB / 300GB
f
Sector size (variable, bytes/sector)
512-Byte (512n)
4096-Byte (512e, 4Kn)
Recording zones
40
f
Data heads (physical)
6 / 4 / 3
f
Data disks
3 / 2 / 2
f
Max. Areal density (Gbits/sq. in.)
528
460
Performance
Data buffer3 (MB)
128
f
Rotational speed (RPM)
15,030
f
Latency average (ms)
<2.0
f
Interface transfer rate4 (MB/s, max)
1200
f
Sustained transfer rate4 (MB/s, typical) 175 to 250
189 to 271
Seek time5 (read/write, ms, typical)
2.9 / 3.1
f
Reliability
Error rate (non-recoverable, bits read) 10 in 1017
f
MTBF3 (M hours)
2.0
f
Annualized Failure Rate2 (AFR)
0.44%
f
Availability (hrs/day x days/wk)
24x7
f
Acoustics
Idle (Bels, typical)
3.2
f
Power
Requirement
+5 VDC (+/-5%), +12 VDC
(+/-5%)
f
Operating6 (W, typical)
7.5 / 7.0 / 7.0
f
Idle7 (W)
5.8 / 5.1 / 5.0
f
Idle efficiency (Watt/GB)
0.0096 / 0.0113 / 0.0168
f
Physical size
z-height (mm)
14.8
f
Dimensions (width x depth, mm)
70.1 x 100.45
f
Weight (g, max)
219
f
Environmental (operating)
Ambient temperature
5o to 55o C
f
Shock
(half-sine wave, 2ms, read operation, G)
60
f
Vibration, random, no errors
(G RMS 5 to 500 Hz)
0.4, all axes
f
Environmental (non-operating)
Ambient temperature
-40o to 70o C
f
Shock (half-sine wave, 2ms, G)
>300
f
Vibration (RMS 5 to 500 Hz)
1.5G, all axes
f
HGST Quality and Service
HGST’s Ultrastar C15K600 extends the company’s long-standing
tradition of performance and reliability leadership. A balanced
combination of new and proven technologies enables high
reliability and availability to customer data.
HGST drives are backed by an array of technical support and
services, which may include customer and integration assistance.
HGST is dedicated to providing a breadth of hard disk drive
solutions to satisfy all of today’s demanding computing needs.
1
One MB is equal to one million bytes, one GB is equal
to one billion bytes and one TB equals 1,000GB (one
trillion bytes) when referring to hard drive capacity.
Accessible capacity will vary from the stated capacity
due to formatting and partitioning of the hard drive, the
computer’s operating system, and other factors.
2
MTBF and AFR targets are based on a sample population
and are estimated by statistical measurements and
acceleration algorithms under median operating
conditions. MTBF and AFR ratings do not predict an
individual drive’s reliability and do not constitute a
warranty.
3
Advanced Format drive: 4K (4096-byte) physical sec
4
Portion of buffer capacity used for drive firmware
5
MiB/s is 220 bytes, MB/s is 106 bytes
6
Excludes command overhead
7
SATA models: 8K Queue Depth = 1, SAS models: 4K
Queue Depth = 4
8
Idle specification is based on use of Idle_A
© 2014-2015 HGST, Inc. 3403 Yerba Buena Road, San Jose, CA 95135 USA. Produced in the
United States 2/14, revised 12/14, 8/15. All rights reserved.
Ultrastar is a registered trademark of HGST, Inc. and its affiliates in the United States and/or other
countries.
HGST trademarks are intended and authorized for use only in countries and jurisdictions in which
HGST has obtained the rights to use, market and advertise the brand. Contact HGST for additional
information. HGST shall not be liable to third parties for unauthorized use of this document or
unauthorized use of its trademarks.
References in this publication to HGST’s products, programs, or services do not imply that HGST
intends to make these available in all countries in which it operates.
Product specifications provided are sample specifications and do not constitute a warranty.
Information is true as of the date of publication and is subject to change. Actual specifications for
unique part numbers may vary.
Please visit the Support section of our website, www.hgst.com/support, for additional information on
product specifications. Photographs may show design models.
Information & Technical Support
www.hgst.com
www.hgst.com/support
Partners First Program
channelpartners@hgst.com
www.hgst.com/partners
DSUC156014EN-03


Similar Part No. - HUC156030CSS20x

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HUC101212CSS600 ETC2-HUC101212CSS600 Datasheet
378Kb / 2P
   Highest capacity 10,000 RPM drive
HUC101212CSS601 ETC2-HUC101212CSS601 Datasheet
378Kb / 2P
   Highest capacity 10,000 RPM drive
HUC101812CS420x ETC2-HUC101812CS420x Datasheet
416Kb / 2P
   Ultrastar짰 C10K1800
HUC101812CSS20x ETC2-HUC101812CSS20x Datasheet
416Kb / 2P
   Ultrastar짰 C10K1800
HUC101818CS420x ETC2-HUC101818CS420x Datasheet
416Kb / 2P
   Ultrastar짰 C10K1800
More results

Similar Description - HUC156030CSS20x

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C10K1800 ETC2-C10K1800 Datasheet
416Kb / 2P
   Ultrastar짰 C10K1800
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com