Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6501UKP045-T Datasheet(PDF) 5 Page - ON Semiconductor

Part # MAX6501UKP045-T
Description  Ultra Small Temperature Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAX6501UKP045-T Datasheet(HTML) 5 Page - ON Semiconductor

  MAX6501UKP045-T Datasheet HTML 1Page - ON Semiconductor MAX6501UKP045-T Datasheet HTML 2Page - ON Semiconductor MAX6501UKP045-T Datasheet HTML 3Page - ON Semiconductor MAX6501UKP045-T Datasheet HTML 4Page - ON Semiconductor MAX6501UKP045-T Datasheet HTML 5Page - ON Semiconductor MAX6501UKP045-T Datasheet HTML 6Page - ON Semiconductor MAX6501UKP045-T Datasheet HTML 7Page - ON Semiconductor MAX6501UKP045-T Datasheet HTML 8Page - ON Semiconductor MAX6501UKP045-T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MAX6501, MAX6502
http://onsemi.com
5
HEAT
HEAT
GND
MAX6502UKP095-T
HYST
100 pF
+5 V
GND
VCC
GND
HYST
MAX6502UKP055-T
TEMPERATURE
FAULT
µP
100 pF
VCC
GND
TOVER
TOVER
FAN
CONTROL
Figure 2. Fan Control Circuit with Over Temperature Alert
MAX6501
MAX6502
HYST
TOVER
Positive
Tempco
Reference
+
Negative
Tempco
Reference
HYST
Network
HYST
TOVER
Positive
Tempco
Reference
+
Negative
Tempco
Reference
HYST
Network
MAX6501
MAX6502
Figure 3. Functional Block Diagrams
MAX6501
MAX6502
V
TOVER
V
TOVER
COLD
+25
°CTTH
HOT
TEMP
With 100 k
Ω Pull-Up
COLD
+25
°CTTH
HOT
TEMP
MAX6501
MAX6502


Similar Part No. - MAX6501UKP045-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6501UKP045-T MAXIM-MAX6501UKP045-T Datasheet
397Kb / 8P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220
Rev 2; 11/99
More results

Similar Description - MAX6501UKP045-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT51 ONSEMI-NCT51 Datasheet
124Kb / 12P
   Ultra Small Temperature Switch with Pin-Selectable Hysteresis
June, 2002 ??Rev. 1
logo
Omron Electronics LLC
B3U OMRON-B3U Datasheet
1Mb / 6P
   Ultra-small Tactile Switch
logo
ON Semiconductor
NL7WB66 ONSEMI-NL7WB66_11 Datasheet
124Kb / 7P
   Ultra-Small SPST Analog Switch
August, 2011 ??Rev. 4
NL7WB66USG ONSEMI-NL7WB66USG Datasheet
124Kb / 7P
   Ultra-Small SPST Analog Switch
August, 2011 ??Rev. 4
NL7WB66 ONSEMI-NL7WB66 Datasheet
86Kb / 10P
   Ultra-Small SPST Analog Switch
August, 2003 ??Rev. P0
NL7WB66 ONSEMI-NL7WB66_15 Datasheet
81Kb / 7P
   Ultra-Small SPST Analog Switch
July, 2015 ??Rev. 6
logo
Texas Instruments
TMP390 TI1-TMP390 Datasheet
995Kb / 28P
[Old version datasheet]   Ultra-Small, Dual-Channel, 0.5-關A, Resistor-Programmable Temperature Switch
logo
Analog Technologies, In...
ATTB32B ANALOGTECHNOLOGIES-ATTB32B Datasheet
143Kb / 2P
   Ultra Small High Temperature Plastic Tubing
6/11/2015
ATTB30B ANALOGTECHNOLOGIES-ATTB30B Datasheet
144Kb / 2P
   Ultra Small High Temperature Plastic Tubing
6/11/2015
logo
California Eastern Labs
UPG2030TK CEL-UPG2030TK Datasheet
472Kb / 10P
   1 W ULTRA SMALL SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com