Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAC218A8FP Datasheet(PDF) 4 Page - ON Semiconductor

Part # MAC218A8FP
Description  Silicon Bidirectional Thyristors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC218A8FP Datasheet(HTML) 4 Page - ON Semiconductor

  MAC218A8FP Datasheet HTML 1Page - ON Semiconductor MAC218A8FP Datasheet HTML 2Page - ON Semiconductor MAC218A8FP Datasheet HTML 3Page - ON Semiconductor MAC218A8FP Datasheet HTML 4Page - ON Semiconductor MAC218A8FP Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MAC218A6FP, MAC218A8FP MAC218A10FP
http://onsemi.com
4
125
115
105
95
85
75
10
8
6
4
2
0
0
1
23
4
5
67
8
IT(RMS), RMS ON−STATE CURRENT (AMPS)
Figure 1. Current Derating
0
1
23
4
5
67
8
IT(RMS), RMS ON−STATE CURRENT (AMPS)
Figure 2. Power Dissipation
5
3
2
1
0.7
0.5
−60 −40 −20
0
20
40
60
80
TJ, JUNCTION TEMPERATURE (°C)
Figure 3. Normalized Gate Trigger Current
MAIN TERMINAL VOLTAGE = 12 V
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
TJ, JUNCTION TEMPERATURE (°C)
Figure 4. Normalized Gate Trigger Voltage
2
1
0.7
0.5
0.3
0.2
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. Normalized Holding Current
100 120 140
−60 −40 −20
0
20
40
60
80
100 120 140
−60 −40 −20
0
20
40
60
80
100 120 140
MAIN TERMINAL VOLTAGE = 12 V
GATE OPEN
MAIN TERMINAL #1
POSITIVE
MAIN TERMINAL #2
POSITIVE
QUADRANT 4
QUADRANTS
1
2
3
QUADRANT
1
2
3
4


Similar Part No. - MAC218A8FP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC218A8FP MOTOROLA-MAC218A8FP Datasheet
95Kb / 4P
   Silicon Bidirectional Thyristors
More results

Similar Description - MAC218A8FP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC321 DIGITRON-MAC321 Datasheet
207Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC320 DIGITRON-MAC320 Datasheet
206Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC213 DIGITRON-MAC213 Datasheet
228Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com