Electronic Components Datasheet Search |
|
LE24163LBXA Datasheet(PDF) 7 Page - ON Semiconductor |
|
LE24163LBXA Datasheet(HTML) 7 Page - ON Semiconductor |
7 / 15 page LE24163LBXA No.A2324-7/15 Functional Description The device supports the I 2C protocol. Any device that sends data on to the bus is defined to be a transmitter, and any device that reads the data to a receiver. The device that controls the data transfer is known as the bus master, and the other as the slave device. 1) Start Condition A Start condition needs to start the EEPROM operation, it is to set falling edge of the SDA while the SCL is stable in the high status. 2) Stop Condition A Start condition is identified by rising edge of the SDA signal while the SCL is stable in the high status. The device becomes the standby mode from a Read operation by a Stop condition. In a write sequence, a stop condition is trigger to terminate the write data inputs and it is trigger to start the internal write cycle. After the internally write cycle time which is specified as tWC, the device enters a standby mode. 3) Data Input During data input, the device latches the SDA on the rising edge of the SCL. For correct the operation, The SDA must be stable during the rising edge of the SCL. Stop condition Start condition SCL SDA tSU.STA tHD.STA tSU.STO SCL SDA tSU.DAT tHD.DAT |
Similar Part No. - LE24163LBXA |
|
Similar Description - LE24163LBXA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |