Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC709203FQH-04TWG Datasheet(PDF) 5 Page - ON Semiconductor

Part # LC709203FQH-04TWG
Description  Smart LiB Gauge Battery Fuel Gauge LSI
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC709203FQH-04TWG Datasheet(HTML) 5 Page - ON Semiconductor

  LC709203FQH-04TWG Datasheet HTML 1Page - ON Semiconductor LC709203FQH-04TWG Datasheet HTML 2Page - ON Semiconductor LC709203FQH-04TWG Datasheet HTML 3Page - ON Semiconductor LC709203FQH-04TWG Datasheet HTML 4Page - ON Semiconductor LC709203FQH-04TWG Datasheet HTML 5Page - ON Semiconductor LC709203FQH-04TWG Datasheet HTML 6Page - ON Semiconductor LC709203FQH-04TWG Datasheet HTML 7Page - ON Semiconductor LC709203FQH-04TWG Datasheet HTML 8Page - ON Semiconductor LC709203FQH-04TWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LC709203F
www.onsemi.com
5
Table 2. Absolute Maximum Ratings at Ta = 25C, VSS = 0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
Unit
VDD [ V ]
min
typ
max
Maximum supply
voltage
VDD max
VDD
0.3
+6.5
V
Input voltage
VI (1)
TSENSE
0.3
VDD
+0.3
Output voltage
Vo (1)
TSW
0.3
VDD
+0.3
Vo (2)
ALARMB
0.3
Input/output
voltage
VIO (1)
SDA, SCL
0.3
+5.5
Allowable power
dissipation
Pd max
WDFN8
Ta =
40 to +85C
480
mW
WLP9
210
Operating ambient
temperature
Topr
40
+85
C
Storage ambient
temperature
Tstg
55
+125
Table 3. Allowable Operating Conditions at Ta = 40 to +85C, VSS = 0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
Unit
VDD [ V ]
min
typ
max
Operating supply
voltage
VDD (1)
VDD
2.5
4.5
V
High level input
voltage
VIH (1)
TSENSE
2.5 to 4.5
0.7VDD
VDD
VIH (2)
ALARMB, SDA, SCL
2.5 to 4.5
1.4
Low level input
voltage
VIL (1)
TSENSE
2.5 to 4.5
VSS
0.25VDD
VIL (2)
ALARMB, SDA, SCL
2.5 to 4.5
0.5
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.


Similar Part No. - LC709203FQH-04TWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC709203FQH-04TWG ONSEMI-LC709203FQH-04TWG Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
More results

Similar Description - LC709203FQH-04TWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F_16 Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
LC709205F ONSEMI-LC709205F Datasheet
1,016Kb / 24P
   Battery Fuel Gauge LSI [Smart LiB Gauge] for 1-Cell Lithium-ion/ Polymer (Li) with IDD Report
September, 2019 ??Rev. 0
LC709204F ONSEMI-LC709204F Datasheet
1,005Kb / 22P
   Battery Fuel Gauge LSI [Smart LiB Gauge] for 1-Cell Lithium-ion/ Polymer (Li) with Low Power 2A Operation
September, 2019 ??Rev. 0
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
logo
Silicon Mitus, Inc.
SM5602 SILICONMITUS-SM5602 Datasheet
618Kb / 2P
   Fuel Gauge with Smart Engine
May 2021 Rev1.0.1
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
   Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
logo
Dallas Semiconductor
DS2751K DALLAS-DS2751K Datasheet
258Kb / 11P
   Battery Fuel Gauge Evaluation Kit
logo
Texas Instruments
BQ35100 TI1-BQ35100 Datasheet
493Kb / 26P
[Old version datasheet]   Lithium Primary Battery Fuel Gauge
BQ27530-G1 TI1-BQ27530-G1_16 Datasheet
1,013Kb / 33P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27531-G1 TI1-BQ27531-G1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com