Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATX0200 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ATX0200
Description  specification describes the requirements of 300W,350W,400W,450W,500W, 550W,600W active P.F.C Switching Power Supply
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATX0200 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ATX0200 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Enhance Electronics Co.,LTD
________________________________________________________________________________________________________
Product Specification
2. DC OUTPUT
2.1 Table 1. DC voltage regulation
Parameter
Range
Min
Nom.
Max
Unit
+3.3V
+/-5%
+3.14
+3.3
+3.47
Volts
+5V
+/-5%
+4.75
+5.0
+5.25
Volts
+12V1
+/-5%
+11.40
+12.0
+12.6
Volts
+12V2
+/-5%
+11.40
+12.0
+12.6
Volts
-12V
+/-10%
-10.80
-12.0
-13.2
Volts
+5VSB
+/-5%
+4.75
+5.0
+5.25
Volts
2.2 Load Ranges
2.2.1 Table5 Typical Power Distribution for a 300W ATX12V Configuration
Table5 Typical Power Distribution for a 300W ATX12V Configuration
Parameter
Min
Nom.
Max
Peak
Unit
+12V1DC
0.1
-
8.0
13.0
Amps
+12V2DC
0.5
-
11.0
13.0
Amps
+5VDC
0.2
-
15.0
-
Amps
+3.3VDC
0.1
-
21.0
-
Amps
-12VDC
0.0
-
0.3
-
Amps
+5VSB
0.0
-
2.5
3.5
Amps
Note:
1. Total combined output of 3.3V and 5V is ≦103W
2. Total combined output of +12V1&+12V2 is ≦216W
3. Peak currents may last up to 17 seconds with not more than one occurrence per minute requirements.
2.2.2 Table5 Typical Power Distribution for a 350W ATX12V Configuration
AUDIT:_________李復新____________CHECK:____________________DESIGN:____ 邢小燕_____________
ATX0200(80PLUS).SPEC
REV:30
2 OF 11
2010/04/15


Similar Part No. - ATX0200

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ATX-100 MEANWELL-ATX-100 Datasheet
729Kb / 3P
   100W AC-DC ATX Power Adaptor
logo
Sparkle Power Inc.
ATX-250GU SPI-ATX-250GU Datasheet
230Kb / 2P
   250 Watts ATX12V Switching Power Supply
ATX-300GT SPI-ATX-300GT Datasheet
569Kb / 2P
   300 Watts ATX12V Switching Power Supply
ATX-300GU SPI-ATX-300GU Datasheet
176Kb / 2P
   300 Watts ATX12V Switching Power Supply
ATX-300PA SPI-ATX-300PA Datasheet
388Kb / 2P
   300 Watts ATX12V-2.2 Switching Power Supply
More results

Similar Description - ATX0200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ENH0800A ETC2-ENH0800A Datasheet
181Kb / 7P
   specification describes the requirements of 400W watts switching power supply
ENO-0804A3 ETC2-ENO-0804A3 Datasheet
336Kb / 4P
   specification describes the requirements of 40 watts switching power supply
ENA-0806 ETC2-ENA-0806 Datasheet
117Kb / 4P
   specification describes the requirements of 60 watts switching power supply
ENP-0800 ETC2-ENP-0800 Datasheet
144Kb / 11P
   Specification describes the requirements of 125/150/160Watts switching Power supply
SFX-0500 ETC2-SFX-0500 Datasheet
596Kb / 10P
   specification describes the requirements of 200,220,250,275Watts
ENS0575 ETC2-ENS0575 Datasheet
229Kb / 8P
   This specification describes the requirements of 650W/750Watts switching power
ENP7200 ETC2-ENP7200 Datasheet
320Kb / 8P
   This specification describes the requirements of 200/300/350Watt with full range voltage,switching power supply
ENP7000 ETC2-ENP7000 Datasheet
278Kb / 10P
   specification describes the requirements of 200,220,250,275Watts with full range voltage,275W with 230Vac only voltage switching power supply
logo
MicroPower Direct, LLC
MPA350X MPD-MPA350X Datasheet
296Kb / 3P
   350W AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
logo
Mean Well Enterprises C...
LRS-450 MEANWELL-LRS-450 Datasheet
610Kb / 4P
   450W Single Output Switching Power Supply
2022-09-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com