Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC709203F Datasheet(PDF) 10 Page - ON Semiconductor

Part # LC709203F
Description  Smart LiB Gauge Battery Fuel Gauge LSI
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC709203F Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LC709203F Datasheet HTML 6Page - ON Semiconductor LC709203F Datasheet HTML 7Page - ON Semiconductor LC709203F Datasheet HTML 8Page - ON Semiconductor LC709203F Datasheet HTML 9Page - ON Semiconductor LC709203F Datasheet HTML 10Page - ON Semiconductor LC709203F Datasheet HTML 11Page - ON Semiconductor LC709203F Datasheet HTML 12Page - ON Semiconductor LC709203F Datasheet HTML 13Page - ON Semiconductor LC709203F Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LC709203F
www.onsemi.com
10
Table 6. Function of Registers
Command
Code
Register Name
R/W
Range
Unit
Description
Initial
Value
0x04
Before RSOC
W
0xAA55: Initialize RSOC
Executes RSOC initialization with sampled
maximum voltage when 0xAA55 is set.
-
0x06
Thermistor B
R/W
0x0000 to 0xFFFF
1K 
Sets B-constant of the
thermistor to be measured.
0x0D34
0x07
Initial RSOC
W
0xAA55: Initialize RSOC
Executes RSOC initialization when 0xAA55
is set.
-
0x08
Cell Temperature
R
0x0000 to 0xFFFF
0.1K
(0.0
℃ =
0x0AAC)
Displays Cell Temperature.
0x0BA6
(25
℃)
W
0x09E4 to 0x0D04
(I
2C mode)
Sets Cell Temperature in I
2C
mode.
0x09
Cell Voltage
R
0x0000 to 0xFFFF
1mV
Displays Cell Voltage.
-
0x0A
Current Direction
R/W
0x0000: Auto mode
0x0001: Charge mode
0xFFFF: Discharge mode
Selects Auto/Charge/Discharge mode.
0x0000
0x0B
APA
(Adjustment Pack
Application)
R/W
0x0000 to 0x00FF
1m
Sets Parasitic impedance.
-
0x0C
APT
(Adjustment Pack
Thermistor)
R/W
0x0000 to 0xFFFF
Sets a value to adjust temperature
measurement delay timing.
0x001E
0x0D
RSOC
R
0x0000 to 0x0064
1%
Displays RSOC value based on
a 0-100 scale
-
0x0F
ITE (Indicator to Empty)
R
0x0000 to 0x03E8
0.1%
Displays RSOC value based on
a 0-1000 scale
-
0x11
IC Version
R
0x0000 to 0xFFFF
Displays an ID number of an IC.
-
0x12
Change Of The
Parameter
R/W
0x0000 or 0x0001
Selects a battery profile.
0x0000
0x13
Alarm Low RSOC
R/W
0x0000: Disable
0x0001to0x0064: Threshold
1%
Sets RSOC threshold to
generate Alarm signal.
0x0008
0x14
Alarm Low Cell Voltage
R/W
0x0000: Disable
0x0001to0xFFFF: Threshold
1mV
Sets Voltage threshold to
generate Alarm signal.
0x0000
0x15
IC Power Mode
R/W
0x0001: Operational mode
0x0002: Sleep mode
Selects Power mode.
(Note4)
0x16
Status Bit
R/W
0x0000: I
2C mode
0x0001: Thermistor mode
Selects Temperature obtaining method.
0x0000
0x1A
Number of The
Parameter
R
0x0301 or 0x0504
Displays Battery profile code.
-
0xXXXX=Hexadecimal notation
Note 4: See Table 7.
Table 7. Initial Power Mode
Device
Package
Initial Power mode (0x15)
LC709203FQH-0xTWG
WDFN8 3x4, 0.65P
0x0001: Operational mode
LC709203FXE-0xMH
WLCSP9, 1.60x1.76
0x0002: Sleep mode


Similar Part No. - LC709203F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
LC709203FQH-01TWG ONSEMI-LC709203FQH-01TWG Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
LC709203FQH-02TWG ONSEMI-LC709203FQH-02TWG Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
LC709203FQH-03TWG ONSEMI-LC709203FQH-03TWG Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
LC709203FQH-04TWG ONSEMI-LC709203FQH-04TWG Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
More results

Similar Description - LC709203F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F_16 Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
LC709205F ONSEMI-LC709205F Datasheet
1,016Kb / 24P
   Battery Fuel Gauge LSI [Smart LiB Gauge] for 1-Cell Lithium-ion/ Polymer (Li) with IDD Report
September, 2019 ??Rev. 0
LC709204F ONSEMI-LC709204F Datasheet
1,005Kb / 22P
   Battery Fuel Gauge LSI [Smart LiB Gauge] for 1-Cell Lithium-ion/ Polymer (Li) with Low Power 2A Operation
September, 2019 ??Rev. 0
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
logo
Silicon Mitus, Inc.
SM5602 SILICONMITUS-SM5602 Datasheet
618Kb / 2P
   Fuel Gauge with Smart Engine
May 2021 Rev1.0.1
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
   Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
logo
Dallas Semiconductor
DS2751K DALLAS-DS2751K Datasheet
258Kb / 11P
   Battery Fuel Gauge Evaluation Kit
logo
Texas Instruments
BQ35100 TI1-BQ35100 Datasheet
493Kb / 26P
[Old version datasheet]   Lithium Primary Battery Fuel Gauge
BQ27530-G1 TI1-BQ27530-G1_16 Datasheet
1,013Kb / 33P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27531-G1 TI1-BQ27531-G1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com