Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1605C Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # 1605C
Description  Lan-Pak for CSMA/CD Systems
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

1605C Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  1605C Datasheet HTML 1Page - Murata Power Solutions Inc. 1605C Datasheet HTML 2Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KMP_1605C_B05 Page 1 of 2
1605C
Lan-Pak for CSMA/CD Systems
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
SELECTION GUIDE
Order Code
Turns Ratio
Min.
Primary
Inductance
Max.
DC Resistance
Min.
ET Constant
Max.
Leakage
Inductance
Max.
Inerwinding
Capacitance
μH
Vμs
μH
pF
1605C
1:1
26.0
0.2
1.8
0.2
8
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
0°C to 70°C
Storage temperature range
-60°C to 125°C
Isolation voltage (flash tested for 1 second)
500Vrms
SOLDERING INFORMATION1
Peak wave solder temperature, 1.5mm from case
300˚C for 10 seconds
Pin finish
Matte Tin
All specifications typical at T
A=25°C.
1 For further information, please visit www.murata-ps.com/rohs
TECHNICAL NOTES
ISOLATION
VOLTAGE
‘Hi Pot Test’, ‘Flash Tested’, ‘Withstand Voltage’, ‘Proof Volt-
age’, ‘Dielectric Withstand Voltage’ & ‘Isolation Test Voltage’
are all terms that relate to the same thing, a test voltage,
applied for a specified time, across a component designed
to provide electrical isolation, to verify the integrity of that
isolation.
All products in this series are 100% production tested at
their stated isolation voltage.
A question commonly asked is, “What is the continuous
voltage that can be applied across the part in normal opera-
tion?”
For a part holding no specific agency approvals both input
and output should normally be maintained within SELV limits
i.e. less than 42.4V peak, or 60VDC. The isolation test volt-
age represents a measure of immunity to transient voltages
and the part should never be used as an element of a safety
isolation system. The part could be expected to function cor-
rectly with several hundred volts offset applied continuously
across the isolation barrier; but then the circuitry on both
sides of the barrier must be regarded as operating at an
unsafe voltage and further isolation/insulation systems must
form a barrier between these circuits and any user-acces-
sible circuitry according to safety standard requirements.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
It is well known that repeated high-voltage isolation
testing of a barrier component can actually degrade
isolation capability, to a lesser or greater degree
depending on materials, construction and environ-
ment. This series has toroidal isolation transformers,
with no additional insulation between primary and
secondary windings of enameled wire. While parts
can be expected to withstand several times the
stated test voltage, the isolation capability does de-
pend on the wire insulation. Any material, including
this enamel (typically polyurethane) is susceptible
to eventual chemical degradation when subject to
very high applied voltages thus implying that the
number of tests should be strictly limited. We there-
fore strongly advise against repeated high voltage
isolation testing, but if it is absolutely required, that
the voltage be reduced by 20% from specified test
voltage.
This consideration equally applies to agency recog-
nized parts rated for better than functional isolation
where the wire enamel insulation is always supple-
mented by a further insulation system of physical
spacing or barriers.
FEATURES
n
RoHS compliant
n
500Vrms isolation
n
Industry-standard footprint
n
Compatible with standard networks
n
Backward compatible with
Sn/Pb soldering systems
DESCRIPTION
The 1605C is a package of unity-turns-ratio
isolation transformers. The transformers are
designed to have fast rise times with low phase
shift and insertion loss to reduce signal distortion.
The high shunt impedance of these devices
minimises system loading and enables the correct
termination conditions to be accurately defined by
means of resistors. The devices can be used as
network-node isolators in CSMA/CD systems.


Similar Part No. - 1605C

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
1605 WELWYN-1605 Datasheet
335Kb / 7P
   Tubular Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
1605 TTELEC-1605 Datasheet
907Kb / 7P
   Manufactured ROHS compliant pb-free terminations
1605 TTELEC-1605 Datasheet
921Kb / 7P
   Tubular Vitreous Enamelled Wirewound Resistors
logo
Heyco.
1605 HEYCO-1605 Datasheet
116Kb / 1P
   Original Strain Relief Bushings
logo
List of Unclassifed Man...
1605-2 ETC2-1605-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
More results

Similar Description - 1605C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89585 SANYO-LC89585 Datasheet
92Kb / 6P
   CD Encoder LSI for CD-R Systems
logo
Integrated Circuit Syst...
ICS9120-53 ICST-ICS9120-53 Datasheet
81Kb / 5P
   Frequency Generator for CD-ROM Systems
logo
NXP Semiconductors
TZA1020 PHILIPS-TZA1020 Datasheet
153Kb / 36P
   Pre-amplifiers for CD-RW systems
2000 Oct 30
logo
Integrated Circuit Syst...
ICS9120-52 ICST-ICS9120-52 Datasheet
84Kb / 5P
   Frequency Generator for CD-ROM Systems
ICS9120-48 ICST-ICS9120-48 Datasheet
189Kb / 5P
   Frequency Generator for CD-ROM Systems
ICS9120-49 ICST-ICS9120-49 Datasheet
107Kb / 5P
   Frequency Generator for CD-ROM Systems
logo
NXP Semiconductors
TZA1027 PHILIPS-TZA1027 Datasheet
87Kb / 16P
   Analog current buffer for CD-R and CD-RW systems
1999 Sep 17
logo
List of Unclassifed Man...
MX98905B ETC1-MX98905B Datasheet
352Kb / 86P
   The MX98905 is designed for easy implementation of CSMA/CD local area networks,
logo
NXP Semiconductors
SAA7335 PHILIPS-SAA7335 Datasheet
196Kb / 36P
   DSP for CD and DVD-ROM systems
1997 Aug 11
logo
Sanyo Semicon Device
LC8956 SANYO-LC8956 Datasheet
226Kb / 8P
   Error Correction and ADPCM Decoder IC for CD-1/CD-ROM XA Systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com