Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B78419A2290A003 Datasheet(PDF) 2 Page - TDK Electronics

Part # B78419A2290A003
Description  SMT Current Sense Transformers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B78419A2290A003 Datasheet(HTML) 2 Page - TDK Electronics

  B78419A2290A003 Datasheet HTML 1Page - TDK Electronics B78419A2290A003 Datasheet HTML 2Page - TDK Electronics B78419A2290A003 Datasheet HTML 3Page - TDK Electronics B78419A2290A003 Datasheet HTML 4Page - TDK Electronics B78419A2290A003 Datasheet HTML 5Page - TDK Electronics B78419A2290A003 Datasheet HTML 6Page - TDK Electronics B78419A2290A003 Datasheet HTML 7Page - TDK Electronics B78419A2290A003 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SMT Current Sense Transformers
EP 10 Core
B78419
MAG TF T PD
2015-11-25
Please read Cautions and warnings and
Page 2 of 8
Important notes at the end of this document.
Construction
• Ferrite core
• Primary winding: frame molded in
• Secondary winding: copper wire
• Creepage distance Np/(Ns, core) 6 mm
• Clearance distance Np/Ns (CuL) 3.5 mm
• Clearance distance Np/core 5.3 mm
• Plastic bobbin (UL94-V0, CTI 175)
Features
• Very low DC resistance
• Different turn ratios
• Small SMD package
• RoHS compatible
• Qualified to AEC-Q200
• Design complies with IEC 61558-2-16 (Basic insulation, working voltage rms 500 V)
• Insulation distances in compliance with IEC 60664
(Basic insulation, working voltage rms 500 V)
Applications
• Switch-mode power supplies
• Feedback control
• Overload sensing
• Load drop/shut down detection
Terminals
• L-Pins
Marking
• Product brand, middle block of ordering code, date code, pin 1 marker, production place
identification code
Delivery mode and packing unit
• Blister tape
• Packing unit 200 pcs


Similar Part No. - B78419A2290A003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7841 EPCOS-B7841 Datasheet
63Kb / 5P
   SAW Components Low-Loss Filter 2441,75 MHz
B78417 EPCOS-B78417 Datasheet
66Kb / 3P
   ISDN/x/DSL Transformers
B78417A1671A003 EPCOS-B78417A1671A003 Datasheet
58Kb / 3P
   xDSL Transformers ADSL Interface
B78417A1671A003 EPCOS-B78417A1671A003 Datasheet
66Kb / 3P
   ISDN/x/DSL Transformers
B78417A1698A003 EPCOS-B78417A1698A003 Datasheet
55Kb / 2P
   xDSL Transformers ADSL Interface
More results

Similar Description - B78419A2290A003

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P8208T PULSE-P8208T Datasheet
82Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
PB0027 PULSE-PB0027 Datasheet
112Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
logo
TDK Electronics
B82801C TDK-B82801C Datasheet
511Kb / 2P
   SMT Current Sense Transformers
logo
Pulse A Technitrol Comp...
PA1005.XXXNL PULSE-PA1005.XXXNL Datasheet
300Kb / 2P
   SMT Current Sense Transformers
P8202NL PULSE-P8202NL Datasheet
80Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
P822X PULSE-P822X Datasheet
63Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
PE-68280NLT PULSE-PE-68280NLT Datasheet
156Kb / 2P
   SMT CURRENT SENSE TRANSFORMERS
PA0368.100NL PULSE-PA0368.100NL Datasheet
146Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
PE-68XXX PULSE-PE-68XXX Datasheet
119Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
P8202NLT PULSE-P8202NLT Datasheet
246Kb / 2P
   smt Current Sense Transformers
logo
TDK Electronics
B82801A TDK-B82801A Datasheet
1Mb / 3P
   SMT Current Sense Transformers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com