Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP-MR-04-IDFB Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # XP-MR-04-IDFB
Description  2-wire interface with integrated Digital Diagnostic monitoring
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

XP-MR-04-IDFB Datasheet(HTML) 4 Page - Source Photonics, Inc.

  XP-MR-04-IDFB Datasheet HTML 1Page - Source Photonics, Inc. XP-MR-04-IDFB Datasheet HTML 2Page - Source Photonics, Inc. XP-MR-04-IDFB Datasheet HTML 3Page - Source Photonics, Inc. XP-MR-04-IDFB Datasheet HTML 4Page - Source Photonics, Inc. XP-MR-04-IDFB Datasheet HTML 5Page - Source Photonics, Inc. XP-MR-04-IDFB Datasheet HTML 6Page - Source Photonics, Inc. XP-MR-04-IDFB Datasheet HTML 7Page - Source Photonics, Inc. XP-MR-04-IDFB Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DS-7020
Rev 02
2013-04-12
Datasheet
XP-MR-04-IDFB
Recommended Host Board Power Supply Circuit
Figure 1, Recommended Host Board Power Supply Circuit
Recommended Interface Circuit
XFP Module
RX_LOS
INTERRUPT
RD +
RD -
TD +
TD -
Z=50
Z=50
Z=50
Z=50
100
4.7K to 10K
GND
Host Board
SerDat Out +
SerDat Out -
SerDat In +
SerDat In -
CML
CML
100
Vcc (+3.3V)
CML
CML
100 
REFCLKP
REFCLKN
SDA
SCL
MOD_NR
Vcc (+3.3V)
10K 
MOD_DeSel
TX_DIS
P_Down/RST
MOD_abs
Figure 2, Recommended Interface Circuit


Similar Part No. - XP-MR-04-IDFB

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
XP-MR-04-CDA SOURCE-XP-MR-04-CDA Datasheet
828Kb / 5P
   10 Gbps 40km Multirate XFP Transceiver Preliminary
More results

Similar Description - XP-MR-04-IDFB

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
XP-MR-08-CDFB SOURCE-XP-MR-08-CDFB Datasheet
468Kb / 8P
   2-wire interface with integrated Digital Diagnostic monitoring
XP-XE-04-IDFA SOURCE-XP-XE-04-IDFA Datasheet
248Kb / 8P
   2-wire interface with integrated Digital Diagnostic monitoring
XP-XE-04-CDFA SOURCE-XP-XE-04-CDFA Datasheet
248Kb / 8P
   2-wire interface with integrated Digital Diagnostic monitoring
XP-MR-01-CDFG SOURCE-XP-MR-01-CDFG Datasheet
441Kb / 8P
   2-wire interface with integrated Digital Diagnostic monitoring
XP-MR-01-IDFG SOURCE-XP-MR-01-IDFG Datasheet
379Kb / 8P
   2-wire interface with integrated Digital Diagnostic monitoring
SP-GB-EX-CDFC SOURCE-SP-GB-EX-CDFC Datasheet
231Kb / 9P
   Digital diagnostic monitor interface Compatible with SFF-8472
logo
Espros Photonics corp
EPC120 EPC-EPC120 Datasheet
558Kb / 27P
   Fully integrated Light-Barrier Chips with 2-Wire Bus Interface
logo
Maxim Integrated Produc...
LM75 MAXIM-LM75 Datasheet
270Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
Rev 0; 3/09
LM75 MAXIM-LM75_V01 Datasheet
1Mb / 13P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
2021
logo
Intersil Corporation
X9448 INTERSIL-X9448 Datasheet
312Kb / 19P
   Mixed Signal with 2-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com