Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSP-48Z Datasheet(PDF) 1 Page - Powerbox

Part # PBSP-48Z
Description  2 0 0 0 - 3 8 0 0WAT T D C / A C I N V E R T E R
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBSP-48Z Datasheet(HTML) 1 Page - Powerbox

  PBSP-48Z Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Doc. No. PBC9 Rev.C 28-4-11
526
PBSP Everest Series
2 0 0 0 - 3 8 0 0 W A T T D C / A C I N V E R T E R
FEATURES
True sinewave waveform
Optional remote shutdown switch
Adjustable load detection
Extra heavy duty, low loss battery cables
Fast and flexible installation
Non-corrosive chassis
Isolated output
INPUT
Voltage
24 and 48Vdc.
Voltage range
24Vdc (21-32Vdc).
48Vdc (42-64Vdc).
OUTPUT
Voltage
240Vac ±1%.
Frequency
50Hz ±0.07% (24-2K2 & 48-2K4).
50Hz ±0.15% (24-3K0 & 48-3K8).
Output waveform
True sinewave < 2.35% THD (70% load).
Power factor range
0.1-1.0.
Efficiency
94-95%.
Load detection
2-20W.
LED status indicator
AC status, over temp and DC voltage out of
range.
GENERAL
AC output connection
Terminal block on din rail.
Battery leads
1.2meters with 10mm lug.
Enclosure protection
IP20.
Dimensions
456x300x243mm (except SEAP-48-3K8,
510x300x243mm).
STANDARDS AND APPROVALS
Safety standards
AS3000 wiring.
C-tick
AS/NZS CISPR14, AS/NZS 1044
EMC standards
AS/NZS2064
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
-25°C to 50°C, derate above 30°C
Humidity
95% RH, non condensing
MODEL
NUMBER
DC
INPUT
INPUT
RANGE
CONT.
RATING
5 MIN
RATING
SURGE
5 SEC
PEAK
EFF%
WEIGHT
PBSP-24I
24V
21-32V
2200W
3200W
5000W
94%
25.0KG
PBSP-24Z
24V
21-32V
3000W
4500W
5000W
94%
34.0KG
PBSP-48I
48V
42-64V
2400W
3500W
5000W
94%
24.0KG
PBSP-48Z
48V
42-64V
3800W
5000W
5000W
95%
34.0KG
SELECTION TABLE
TECHNICAL ILLUSTRATIONS
SPECIFICATIONS


Similar Part No. - PBSP-48Z

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBSP-48Z POWERBOX-PBSP-48Z Datasheet
473Kb / 1P
   2000-3800WATT DC/AC INVERTER
PBSP-48Z-3P POWERBOX-PBSP-48Z-3P Datasheet
473Kb / 1P
   2000-3800WATT DC/AC INVERTER
More results

Similar Description - PBSP-48Z

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBSP-BOLERO POWERBOX-PBSP-BOLERO Datasheet
138Kb / 1P
   8 0 0 - 1 1 0 0WAT T D C / A C I N V E R T E R
PBSP-TEMPO POWERBOX-PBSP-TEMPO Datasheet
130Kb / 1P
   5 0 0 - 7 0 0WAT T D C / A C I N V E R T E R
PBSP-PICCOLO POWERBOX-PBSP-PICCOLO Datasheet
140Kb / 1P
   1 5 0 - 2 5 0WAT T D C / A C I N V E R T E R
PBSP740 POWERBOX-PBSP740 Datasheet
304Kb / 2P
   7 2 V D C , 4 0 0 0 WAT T S R A I LWAY D C / A C I N V E R T E R
B62SR POWERBOX-B62SR Datasheet
957Kb / 2P
   3 0 0 WAT T S D C / D C C O N V E R T E R
PU500 POWERBOX-PU500 Datasheet
243Kb / 3P
   4 0 0 - 5 0 0 WAT T S D C / D C I N D U S T R I A L C O N V E R T E R
28V POWERBOX-28V Datasheet
53Kb / 1P
   5 0 - 2 0 0 WAT T S - D C / D C C O N V E R T E R S
375V POWERBOX-375V Datasheet
211Kb / 1P
   5 0 - 6 0 0 WAT T S - D C / D C C O N V E R T E R S
300V POWERBOX-300V Datasheet
263Kb / 1P
   5 0 - 5 0 0 WAT T S - D C / D C C O N V E R T E R S
110V POWERBOX-110V Datasheet
238Kb / 1P
   5 0 - 4 0 0 WAT T S - D C / D C C O N V E R T E R S
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com