Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBN11C-36 Datasheet(PDF) 1 Page - Powerbox

Part # PBN11C-36
Description  2 7 4 WAT T S - T H R E E S T E P C H A R G E R
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBN11C-36 Datasheet(HTML) 1 Page - Powerbox

  PBN11C-36 Datasheet HTML 1Page - Powerbox PBN11C-36 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PBN11C Series
2 7 4 W A T T S - T H R E E S T E P C H A R G E R
FEATURES
• 3-step charger control with timer
• High efficiency
• Temp. Compensated charge voltage – external heat sensor
• Protected against reversed polarity and short circuit proof
• Leads with battery clips
• Available in 120V version
SPECIFICATIONS
INPUT
Input voltage
198-264VAC
Input frequency
67kHz
OUTPUT
Output voltage
14.7V cycle,-13.7V standby
29.4V cycle,-27.4V standby
44.1V cycle,-41.1V standby
58.8V cycle,-54.8V standby
Charge current
See table
Ripple
<100mVp-p
Current limit
Yes
OPERATING
Efficiency
Greater than 83%
Switch frequency
67kHz
Leakage current with mains
Disconnected
<2.5mA (12V battery voltage)
Insulation class
1
Insulation voltage
Primary – ground
1500VAC
Primary – secondary
4000VAC
Secondary – ground
500VAC
Indication
Red – Constant current, boost
Yellow – Constant voltage, timer
Green – Constant voltage, float
Timer
4h±30min.
ENVIRONMENTAL
Temperature range
Operating
-25˚C to +40˚C
Storage
-25˚C to +85˚C
STANDARS AND APPROVALS
Electrical safety
EN 60335-2-29
Standard
EN61000-6-3, EN61000-6-1, EN 55014
EMC standards
Medical
EN 60601-1-2
Emission
EN 61000-6-1
Immunity
EN 61000-6-1, EN 55014
C-Tick
AS/NZS2064 CISPR11:Group 1. Class A
MECHANICAL
IP grade
20
Dimensions (LxWxH)
210x148x58mm
Weight
1.55kg


Similar Part No. - PBN11C-36

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBN14C POWERBOX-PBN14C Datasheet
112Kb / 1P
   6 0 WAT T T H R E E S T E P C H A R G E R
PBN14C-12K POWERBOX-PBN14C-12K Datasheet
112Kb / 1P
   6 0 WAT T T H R E E S T E P C H A R G E R
PBN14C-24K POWERBOX-PBN14C-24K Datasheet
112Kb / 1P
   6 0 WAT T T H R E E S T E P C H A R G E R
More results

Similar Description - PBN11C-36

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBN7C POWERBOX-PBN7C Datasheet
257Kb / 1P
   7 4 - 2 9 4 WAT T S T H R E E S T E P C H A R G E R
PBN14C POWERBOX-PBN14C Datasheet
112Kb / 1P
   6 0 WAT T T H R E E S T E P C H A R G E R
PBN6C POWERBOX-PBN6C Datasheet
247Kb / 1P
   3 5 - 4 0 WAT T S T H R E E S T E P C H A R G E R
CENTAUR POWERBOX-CENTAUR Datasheet
296Kb / 2P
   T H R E E S T E P B AT T E R Y C H A R G E R
SKYLLA POWERBOX-SKYLLA Datasheet
424Kb / 2P
   T H R E E S T E P B AT T E R Y C H A R G E R
PB251A-RM POWERBOX-PB251A-RM Datasheet
445Kb / 2P
   B AT T E R Y C H A R G E R S Y S T E M
PB251A-CM POWERBOX-PB251A-CM Datasheet
263Kb / 2P
   B AT T E R Y C H A R G E R S Y S T E M
PB314A POWERBOX-PB314A Datasheet
269Kb / 2P
   B AT T E R Y C H A R G E R S Y S T E M
PB314 POWERBOX-PB314 Datasheet
1Mb / 3P
   6 3 6 - 7 4 5 WAT T S B AT T E R Y C H A R G E R S Y S T E M
MULTIPLUS POWERBOX-MULTIPLUS Datasheet
115Kb / 2P
   I N V E R T E R C H A R G E R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com