Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1808AA271MAT3A Datasheet(PDF) 1 Page - AVX Corporation

Part # 1808AA271MAT3A
Description  Part Number Explanation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

1808AA271MAT3A Datasheet(HTML) 1 Page - AVX Corporation

  1808AA271MAT3A Datasheet HTML 1Page - AVX Corporation 1808AA271MAT3A Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2
How to Order
Part Number Explanation
Commercial Surface Mount Chips
EXAMPLE: 08055A101JAT2A
Ultra Thin Surface Mount Chips
EXAMPLE: UT023C223MAT2A
0805
Size
(L" x W")
0201
0402
0603
0805
1206
1210
1812
1825
2220
2225
5
Voltage
4 = 4V
6 = 6.3V
Z = 10V
Y = 16V
3 = 25V
D = 35V
5 = 50V
1 = 100V
2 = 200V
A
Dielectric
A = NP0(C0G)
C = X7R
D = X5R
G = Y5V
U = U Series
W = X6S
Z = X7S
101
Capacitance
2 Sig. Fig +
No. of Zeros
Examples:
100 = 10 pF
101 = 100 pF
102 = 1000 pF
223 = 22000 pF
224 = 220000 pF
105 = 1μF
106 = 10μF
107 = 100μF
For values below
10 pF, use “R”
in place of
Decimal point, e.g.,
9.1 pF = 9R1.
J*
Tolerance
B = ±.10 pF
C = ±.25 pF
D = ±.50 pF
F = ±1% (
≥ 25 pF)
G = ±2% (
≥ 13 pF)
J = ±5%
K = ±10%
M = ±20%
Z = +80%, -20%
P = +100%, -0%
A
Failure
Rate
A = N/A
T
Terminations
T = Plated Ni
and Sn
7 = Gold Plated
Contact
Factory For
1 = Pd/Ag Term
2
Packaging
Available
2 = 7" Reel
4 = 13" Reel
7 = Bulk Cass.
9 = Bulk
Contact
Factory For
Multiples
A
Special
Code
A = Std.
High Voltage Surface Mount Chips
EXAMPLE: 1808AA271KA11A
Contact Factory for
Special Voltages
Please handle these products with due care as they are inherently more
fragile than standard MLC capacitors because of their physical dimensions.
* B, C & D tolerance for
≤10 pF values.
Standard Tape and Reel material (Paper/Embossed)
depends upon chip size and thickness.
See individual part tables for tape material type for
each capacitance value.
1808
AVX
Style
1206
1210
1808
1812
1825
2220
2225
3640
A
Voltage
7 = 500V
C = 600V
A = 1000V
S = 1500V
G = 2000V
W = 2500V
H = 3000V
J = 4000V
K = 5000V
A
Temperature
Coefficient
A = C0G
C = X7R
271
Capacitance
Code
(2 significant digits
+ no. of zeros)
Examples:
K
Capacitance
Tolerance
A
Failure
Rate
A=Not
Applicable
1
Termination
1= Pd/Ag
T = Plated Ni
and Sn
1A
Packaging/Marking
1A = 7" Reel
Unmarked
3A = 13" Reel
Unmarked
9A = Bulk/Unmarked
10 pF = 100
100 pF = 101
1,000 pF = 102
22,000 pF = 223
220,000 pF = 224
1 μF = 105
C0G:
J = ±5%
K = ±10%
M = ±20%
X7R: K = ±10%
M = ±20%
Z = +80%,
-20%
F = 63V
* = 75V
E = 150V
V = 250V
9 = 300V
X = 350V
8 = 400V
UT
Style
Ultrathin
02
Case
Size
01 = 0603
02 = 0805
03 = 1206
2
Packaging
Code
2 = 7" reel
3
Voltage
Y = 16Vdc
3 = 25Vdc
5 = 50Vdc
C
Dielectric
A = C0G
C = X7R
223
Capacitance
Code (In pF)
2 Sig Digits +
Number of
Zeros
M
Capacitance
Tolerance
A
Terminations
Code (max.)
A = 0.50mm (0.020)
B = 0.40mm (0.016)
C = 0.35mm (0.014)
T
Term
T = Plated Ni
and Sn
A
Std.


Similar Part No. - 1808AA271MAT3A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1808AA271MAT3A AVX-1808AA271MAT3A Datasheet
93Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
More results

Similar Description - 1808AA271MAT3A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
02014W104KAT2A AVX-02014W104KAT2A Datasheet
154Kb / 2P
   How to Order Part Number Explanation
logo
Rohm
SCS205KGC ROHM-SCS205KGC Datasheet
114Kb / 2P
   Part No. Explanation
SCS105KGC ROHM-SCS105KGC Datasheet
114Kb / 2P
   Part No. Explanation
logo
List of Unclassifed Man...
HZ0805D102R-10 ETC2-HZ0805D102R-10 Datasheet
310Kb / 3P
   Part Number Nomenclature
logo
TriQuint Semiconductor
854927 TRIQUINT-854927_15 Datasheet
570Kb / 5P
   Part Number 854927
logo
Qualtek Electronics Cor...
Q2-F-364-01-QB48IN-25 QUALTEK-Q2-F-364-01-QB48IN-25 Datasheet
823Kb / 1P
   PART NUMBER GUIDE
logo
AVAGO TECHNOLOGIES LIMI...
IEC60747-5-2 AVAGO-IEC60747-5-2 Datasheet
54Kb / 3P
   Specify Part Number followed by Option Number
logo
Amphenol Corporation
P-UE78-B1126-00XX1 AMPHENOL-P-UE78-B1126-00XX1 Datasheet
183Kb / 4P
   SEE AMPHENOL PART NUMBER
logo
TDK Electronics
C4532X7R1E226M250KC TDK-C4532X7R1E226M250KC Datasheet
110Kb / 8P
   Part Number Change Notification
logo
PANDUIT CORP.
SE12PFR-MR10 PANDUIT-SE12PFR-MR10 Datasheet
93Kb / 1P
   SEE PART NUMBER DESCRIPTION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com