Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0805YA101BATUA Datasheet(PDF) 3 Page - AVX Corporation

Part # 0805YA101BATUA
Description  General Specifications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0805YA101BATUA Datasheet(HTML) 3 Page - AVX Corporation

  0805YA101BATUA Datasheet HTML 1Page - AVX Corporation 0805YA101BATUA Datasheet HTML 2Page - AVX Corporation 0805YA101BATUA Datasheet HTML 3Page - AVX Corporation 0805YA101BATUA Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6
C0G (NP0) Dielectric
Capacitance Range
Letter
AB
CE
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.22
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.009)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
SIZE
0101*
0201
0402
0603
0805
1206
Soldering
Reflow Only
Reflow Only
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow/Wave
Packaging
All Paper
All Paper
All Paper
All Paper
Paper/Embossed
Paper/Embossed
(L) Length
mm
0.40 ± 0.02
0.60 ± 0.03
1.00 ± 0.10
1.60 ± 0.15
2.01 ± 0.20
3.20 ± 0.20
(in.)
(0.016 ± 0.0008) (0.024 ± 0.001)
(0.040 ± 0.004)
(0.063 ± 0.006)
(0.079 ± 0.008)
(0.126 ± 0.008)
(W) Width
mm
0.20 ± 0.02
0.30 ± 0.03
0.50 ± 0.10
0.81 ± 0.15
1.25 ± 0.20
1.60 ± 0.20
(in.)
(0.008 ± 0.0008) (0.011 ± 0.001)
(0.020 ± 0.004)
(0.032 ± 0.006)
(0.049 ± 0.008)
(0.063 ± 0.008)
(t)
Terminal
mm
0.10 ± 0.04
0.15 ± 0.05
0.25 ± 0.15
0.35 ± 0.15
0.50 ± 0.25
0.50 ± 0.25
(in.)
(0.004 ± 0.0016) (0.006 ± 0.002)
(0.010 ± 0.006)
(0.014 ± 0.006)
(0.020 ± 0.010)
(0.020 ± 0.010)
WVDC
16
25
50
16
25
50
16
25
50
100
200
16
25
50
100
200
16
25
50
100
200
500
Cap
0.5
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
(pF)
1.0
B
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
1.2
B
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
1.5
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
1.8
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
2.2
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
2.7
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
3.3
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
3.9
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
4.7
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
5.6
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
6.8
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
8.2
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
10
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
12
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
15
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
18
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
22
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
27
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
33
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
39
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
47
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
56
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
68
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
82
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
100
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
120
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
150
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
180
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
220
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
270
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
330
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
390
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
470
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
560
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
680
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
P
820
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
M
1000
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
Q
1200
G
G
G
J
J
J
J
J
J
J
J
Q
1500
G
G
G
J
J
J
J
J
J
J
M
Q
1800
G
G
G
J
J
J
N
J
J
M
M
Q
2200
G
G
G
N
N
N
N
J
J
M
P
Q
2700
G
G
G
N
N
N
N
J
J
M
P
Q
3300
G
G
G
P
P
P
N
J
J
M
P
Q
3900
G
G
G
P
P
P
N
J
J
M
P
4700
G
G
G
P
P
P
N
J
J
M
P
5600
PP
P
J
J
M
P
6800
PP
P
M
M
M
P
8200
PP
P
M
M
M
P
Cap
0.010
PP
P
P
P
P
P
(μF)
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.068
0.082
0.1
WVDC
16
25
50
16
25
50
16
25
50
100
200
16
25
50
100
200
16
25
50
100
200
500
SIZE
0101*
0201
0402
0603
0805
1206
L
W
T
t
PREFERRED SIZES ARE SHADED
*EIA 01005
PAPER and EMBOSSED available for 01005


Similar Part No. - 0805YA101BATUA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805YA101BATUA AVX-0805YA101BATUA Datasheet
134Kb / 4P
   C0G (NP0) Dielectric
0805YA101BATUA AVX-0805YA101BATUA Datasheet
176Kb / 4P
   C0G (NP0) ceramics offer one of the most stable capacitor dielectrics available
0805YA101BATUA AVX-0805YA101BATUA Datasheet
624Kb / 4P
   C0G (NP0) Dielectric
More results

Similar Description - 0805YA101BATUA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com