Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1808AA271MAT1A Datasheet(PDF) 2 Page - AVX Corporation

Part # 1808AA271MAT1A
Description  Part Number Explanation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

1808AA271MAT1A Datasheet(HTML) 2 Page - AVX Corporation

  1808AA271MAT1A Datasheet HTML 1Page - AVX Corporation 1808AA271MAT1A Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3
How to Order
Part Number Explanation
Capacitor Array
EXAMPLE: W2A43C103MAT2A
Low Inductance Capacitors (LICC)
EXAMPLE: 0612ZD105MAT2A
Interdigitated Capacitors (IDC)
EXAMPLE: W3L16D225MAT3A
Decoupling Capacitor Arrays (LICA)
EXAMPLE: LICA3T183M3FC4AA
0612
Size
0306
0508
0612
Z
Voltage
6 = 6.3V
Z = 10V
Y = 16V
3 = 25V
D
Dielectric
C = X7R
D = X5R
105
Capacitance
Code (In pF)
2 Sig. Digits +
Number of Zeros
M
Capacitance
Tolerance
K = ±10%
M = ±20%
A
Failure Rate
A = N/A
T
Terminations
T = Plated Ni
and Sn
2
Packaging
Available
2 = 7" Reel
4 = 13" Reel
A
Thickness
See Page 34
for Codes
W
Style
3
Case
Size
2 = 0508
3 = 0612
L
Low
Inductance
ESL = 95pH
ESL = 120pH
1
Number
of Caps
6
Voltage
4 = 4V
6 = 6.3V
Z = 10V
Y = 16V
D
Dielectric
C = X7R
D = X5R
225
Capacitance
Code (In pF)
2 Sig. Digits +
Number of
Zeros
M
Capacitance
Tolerance
K = ±10%
M = ±20%
T
Termination
T = Plated Ni
and Sn
3
Packaging
Available
1=7" Reel
3=13" Reel
A
Thickness
Max. Thickness
mm (in.)
A=0.95 (0.037)
S=0.55 (0.022)
A
Failure
Rate
A = N/A
LICA
Style
&
Size
3
Voltage
5V = 9
25V = 3
50V = 5
T
Dielectric
D = X5R
T = T55T
S = High K
T55T
183
Cap/Section
(EIA Code)
M
Capacitance
Tolerance
M = ±20%
P = GMV
3
Height
Code
6 = 0.500mm
3 = 0.650mm
1 = 0.875mm
5 = 1.100mm
7 = 1.600mm
F
Termination
F = C4 Solder
Balls- 97Pb/3Sn
P = Cr-Cu-Au
N = Cr-Ni-Au
X = None
C
Reel Packaging
M = 7" Reel
R = 13" Reel
6 = 2"x2" Waffle Pack
8 = 2"x2" Black Waffle
Pack
7 = 2"x2" Waffle Pack
w/ termination
facing up
A = 2"x2" Black Waffle
Pack
w/ termination
facing up
C = 4"x4" Waffle Pack
w/ clear lid
A
Inspection
Code
A = Standard
B = Established
Reliability
Testing
A
Code
Face
A = Bar
B = No Bar
C = Dot, S55S
Dielectrics
4
# of
Caps/Part
1 = one
2 = two
4 = four
W
Style
2
Case
Size
1 = 0405
2 = 0508
3 = 0612
A
Array
4
Number
of Caps
3
Voltage
6 = 6.3V
Z = 10V
Y = 16V
3 = 25V
5 = 50V
1 = 100V
C
Dielectric
A = NP0
C = X7R
D = X5R
103
Capacitance
Code (In pF)
2 Sig Digits +
Number of
Zeros
M
Capacitance
Tolerance
J = ±5%
K = ±10%
M = ±20%
A
Failure
Rate
T
Termination
Code
T = Plated Ni
and Sn
2A
Packaging &
Quantity
Code
2A = 7" Reel (4000)
4A = 13" Reel (10000)
2F = 7" Reel (1000)


Similar Part No. - 1808AA271MAT1A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1808AA271MAT1A AVX-1808AA271MAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
More results

Similar Description - 1808AA271MAT1A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
02014W104KAT2A AVX-02014W104KAT2A Datasheet
154Kb / 2P
   How to Order Part Number Explanation
logo
Rohm
SCS205KGC ROHM-SCS205KGC Datasheet
114Kb / 2P
   Part No. Explanation
SCS105KGC ROHM-SCS105KGC Datasheet
114Kb / 2P
   Part No. Explanation
logo
List of Unclassifed Man...
HZ0805D102R-10 ETC2-HZ0805D102R-10 Datasheet
310Kb / 3P
   Part Number Nomenclature
logo
TriQuint Semiconductor
854927 TRIQUINT-854927_15 Datasheet
570Kb / 5P
   Part Number 854927
logo
Qualtek Electronics Cor...
Q2-F-364-01-QB48IN-25 QUALTEK-Q2-F-364-01-QB48IN-25 Datasheet
823Kb / 1P
   PART NUMBER GUIDE
logo
AVAGO TECHNOLOGIES LIMI...
IEC60747-5-2 AVAGO-IEC60747-5-2 Datasheet
54Kb / 3P
   Specify Part Number followed by Option Number
logo
Amphenol Corporation
P-UE78-B1126-00XX1 AMPHENOL-P-UE78-B1126-00XX1 Datasheet
183Kb / 4P
   SEE AMPHENOL PART NUMBER
logo
TDK Electronics
C4532X7R1E226M250KC TDK-C4532X7R1E226M250KC Datasheet
110Kb / 8P
   Part Number Change Notification
logo
PANDUIT CORP.
SE12PFR-MR10 PANDUIT-SE12PFR-MR10 Datasheet
93Kb / 1P
   SEE PART NUMBER DESCRIPTION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com