Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12064D107MAT4A Datasheet(PDF) 3 Page - AVX Corporation

Part # 12064D107MAT4A
Description  General Purpose Dielectric for Ceramic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

12064D107MAT4A Datasheet(HTML) 3 Page - AVX Corporation

  12064D107MAT4A Datasheet HTML 1Page - AVX Corporation 12064D107MAT4A Datasheet HTML 2Page - AVX Corporation 12064D107MAT4A Datasheet HTML 3Page - AVX Corporation 12064D107MAT4A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
28
090215
X5R Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
NOTE: Contact factory for non-specified capacitance values
*EIA 01005
Letter
AB
CE
F
G
JK
M
N
P
Q
X
Y
Z
Max.
0.33
0.22
0.56
0.71
0.40
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.009)
(0.022)
(0.028)
(0.016)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
Case Size
0101*
0201
0402
0603
0805
Soldering
Reflow Only
Reflow Only
Reflow/Wave
Reflow/Wave
Reflow/Wave
Packaging
Paper/Embossed
All Paper
All Paper
All Paper
Paper/Embossed
(L) Length
mm
0.40 ± 0.02
0.60 ± 0.03
1.00 ± 0.10
1.60 ± 0.15
2.01 ± 0.20
(in.)
(0.016 ± 0.0008)
(0.024 ± 0.001)
(0.040 ± 0.004)
(0.063 ± 0.006)
(0.079 ± 0.008)
(W) Width
mm
0.20 ± 0.02
0.30 ± 0.03
0.50 ± 0.10
0.81 ± 0.15
1.25 ± 0.20
(in.)
(0.008 ± 0.0008
(0.011 ± 0.001)
(0.020 ± 0.004)
(0.032 ± 0.006)
(0.049 ± 0.008)
(t) Terminal
mm
0.10 ± 0.04
0.15 ± 0.05
0.25 ± 0.15
0.35 ± 0.15
0.50 ± 0.25
(in.)
(0.004 ± 0.0016)
(0.006 ± 0.002)
(0.010 ± 0.006
(0.014 ± 0.006)
(0.020 ± 0.010)
Voltage:
6.3
16
4
6.3
10
16
25
4
6.3
10
16
25
50
4
6.3
10
16
25
35
50
4
6.3
10
16
25
35
50
Cap (pF)
100
101
B
A
150
151
B
A
220
221
B
A
C
330
331
B
A
C
470
471
B
A
C
680
681
B
A
C
1000
102
B
A
A
C
1500
152
B
B
A
A
C
2200
222
B
B
A
A
A
C
3300
332
B
B
A
A
A
C
4700
472
B
B
A
A
A
C
G
6800
682
B
B
A
A
A
C
G
Cap (μF)
0.01
103
B
B
A
A
A
C
G
G
G
0.015
153
B
C
GGG
0.022
223
B
A
C
C
G
G
G
N
0.033
333
B
C
GGG
N
0.047
473
B
A
C
C
G
G
G
N
0.068
683
B
CG
GN
0.1
104
B
A
A
CCCC
G
G
G
NNN
0.15
154
GN
N
0.22
224
B
A
A
A
C
C
C
G
G
N
N
N
0.33
334
GG
N
0.47
474
A
A
CCCC
G
J
N
P
P
0.68
684
GN
1.0
105
FFFF
CCCC
E
GGGG
J
G
G
N
N
P
P
1.5
155
2.2
225
F
F
F
C
C
C
G
G
J
J
J
N
N
N
P
P
3.3
335
JJJ
N
N
4.7
475
EEEE
J
J
J
G
NNNNN
P
P
10
106
E
E
K
J
J
J
PPPPP
22
226
K
K
K
PPPPP
47
476
PP
100
107
P
Voltage:
6.3
16
4
6.3
10
16
25
4
6.3
10
16
25
50
4
6.3
10
16
25
35
50
4
6.3
10
16
25
35
50
Case Size
0101*
0201
0402
0603
0805
PAPER and EMBOSSED available for 01005


Similar Part No. - 12064D107MAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12064D107MAT4A AVX-12064D107MAT4A Datasheet
125Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
12064D107MAT4A AVX-12064D107MAT4A Datasheet
787Kb / 4P
   General Specifications
More results

Similar Description - 12064D107MAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04026D225KAT2A AVX-04026D225KAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
0201ZD472KAT2A AVX-0201ZD472KAT2A Datasheet
125Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
1206YD226KAT2A AVX-1206YD226KAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
0603YD105KAT4A AVX-0603YD105KAT4A Datasheet
107Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
01016D101KAT2A AVX-01016D101KAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
1206SFS200F AVX-1206SFS200F Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
1210YD226MAT2A AVX-1210YD226MAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
02016D332KAT2A AVX-02016D332KAT2A Datasheet
70Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
0805ZD226MAT2A AVX-0805ZD226MAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com